Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK11DN512VLK5 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MK11DN512VLK5
Description  K11 Sub-Family Data Sheet
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK11DN512VLK5 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MK11DN512VLK5 Datasheet HTML 1Page - Freescale Semiconductor, Inc MK11DN512VLK5 Datasheet HTML 2Page - Freescale Semiconductor, Inc MK11DN512VLK5 Datasheet HTML 3Page - Freescale Semiconductor, Inc MK11DN512VLK5 Datasheet HTML 4Page - Freescale Semiconductor, Inc MK11DN512VLK5 Datasheet HTML 5Page - Freescale Semiconductor, Inc MK11DN512VLK5 Datasheet HTML 6Page - Freescale Semiconductor, Inc MK11DN512VLK5 Datasheet HTML 7Page - Freescale Semiconductor, Inc MK11DN512VLK5 Datasheet HTML 8Page - Freescale Semiconductor, Inc MK11DN512VLK5 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
3.1.1 Example
This is an example of an operating requirement, which you must meet for the
accompanying operating behaviors to be guaranteed:
Symbol
Description
Min.
Max.
Unit
VDD
1.0 V core supply
voltage
0.9
1.1
V
3.2 Definition: Operating behavior
An operating behavior is a specified value or range of values for a technical
characteristic that are guaranteed during operation if you meet the operating requirements
and any other specified conditions.
3.2.1 Example
This is an example of an operating behavior, which is guaranteed if you meet the
accompanying operating requirements:
Symbol
Description
Min.
Max.
Unit
IWP
Digital I/O weak pullup/
pulldown current
10
130
µA
3.3 Definition: Attribute
An attribute is a specified value or range of values for a technical characteristic that are
guaranteed, regardless of whether you meet the operating requirements.
3.3.1 Example
This is an example of an attribute:
Symbol
Description
Min.
Max.
Unit
CIN_D
Input capacitance:
digital pins
7
pF
Terminology and guidelines
K11 Sub-Family Data Sheet Data Sheet, Rev. 3, 08/2012.
Freescale Semiconductor, Inc.
5


Similar Part No. - MK11DN512VLK5

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MK11DN512VLK5 NXP-MK11DN512VLK5 Datasheet
1Mb / 55P
   K11 Sub-Family
Rev. 4.1, 08/2013
More results

Similar Description - MK11DN512VLK5

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K11P121M50SF4 FREESCALE-K11P121M50SF4 Datasheet
1Mb / 59P
   K11 Sub-Family Data Sheet
logo
NXP Semiconductors
K11P121M50SF4 NXP-K11P121M50SF4 Datasheet
1Mb / 60P
   K11 Sub-Family
Rev. 4, 08/2013
K11P80M50SF4 NXP-K11P80M50SF4 Datasheet
1Mb / 55P
   K11 Sub-Family
Rev. 4.1, 08/2013
logo
Freescale Semiconductor...
K10P144M100SF2 FREESCALE-K10P144M100SF2 Datasheet
989Kb / 66P
   K10 Sub-Family Data Sheet
K10P81M100SF2 FREESCALE-K10P81M100SF2 Datasheet
865Kb / 60P
   K10 Sub-Family Data Sheet
K70P256M150SF3 FREESCALE-K70P256M150SF3 Datasheet
1Mb / 92P
   K70 Sub-Family Data Sheet
K12P121M50SF4 FREESCALE-K12P121M50SF4 Datasheet
1Mb / 59P
   K12 Sub-Family Data Sheet
KL14P80M48SF0 FREESCALE-KL14P80M48SF0 Datasheet
1Mb / 47P
   KL14 Sub-Family Data Sheet
K10P144M120SF3 FREESCALE-K10P144M120SF3 Datasheet
1Mb / 75P
   K10 Sub-Family Data Sheet
K12P64M50SF4 FREESCALE-K12P64M50SF4 Datasheet
1Mb / 54P
   K12 Sub-Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com