Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCR021205 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DCR021205
Description  Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DCR021205 Datasheet(HTML) 3 Page - Texas Instruments

  DCR021205 Datasheet HTML 1Page - Texas Instruments DCR021205 Datasheet HTML 2Page - Texas Instruments DCR021205 Datasheet HTML 3Page - Texas Instruments DCR021205 Datasheet HTML 4Page - Texas Instruments DCR021205 Datasheet HTML 5Page - Texas Instruments DCR021205 Datasheet HTML 6Page - Texas Instruments DCR021205 Datasheet HTML 7Page - Texas Instruments DCR021205 Datasheet HTML 8Page - Texas Instruments DCR021205 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DCR02 SERIES
SBVS028B − DECEMBER 2000 − REVISED DECEMBER 2007
www.ti.com
3
ELECTRICAL CHARACTERISTICS
At TA = +25°C, VS = nominal, IOUT = 10mA, COUT = 0.1µF ceramic, and CIN = 2.2µF ceramic, unless otherwise noted(1).
DCR02 SERIES
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT
Setpoint
DCR021205
5
V
Setpoint
DCR022405
5
V
Setpoint accuracy
0.5%
2.0%
Maximum output
current
DCR021205
400
mA
Maximum output
current
DCR022405
400
mA
Output short-circuit protected
Duration
Infinite
Line regulation
DCR021205
1
mV/V
Line regulation
DCR022405
1
mV/V
Over line and load
10mA to 400mA load, over input voltage range
1.0%
2.5%
Versus temperature
−40
°C to +70°C
1.0%
DCR0212 ripple
20−MHz bandwidth, 50% load(1)
18
mVPP
Ripple and noise
DCR0212 noise
100−MHz bandwidth, 50% load(1)
20
mVPP
Ripple and noise
DCR0224 ripple
20−MHz bandwidth, 50% load(1)
18
mVPP
DCR0224 noise
100−MHz bandwidth, 50% load(1)
25
mVPP
INPUT
Nominal voltage, VS
DCR021205
12
V
Nominal voltage, VS
DCR022405
24
V
Voltage range
−10%
+10%
IO = 0 mA
15
mA
DCR021205
IO = 10 mA
23
mA
Supply current
DCR021205
IO = 400 mA
250
mA
Supply current
IO = 0 mA
15
mA
DCR022405
IO = 10 mA
17
mA
DCR022405
IO = 400 mA
129
mA
Reflected ripple current
20−MHz bandwidth, 100% load(1)
8
mAPP
ISOLATION
Voltage
1−s flash test
1
kVrms
Voltage
60−s test, UL1950(2)
1
kVrms
Input/output capacitance
25
pF
OUTPUT ENABLE CONTROL
Logic high input voltage
2.0
VREC
V
Logic high input current
2.0 < VENABLE < VREC
100
nA
Logic low input voltage
−0.2
0.5
V
Logic low input current
0 < VENABLE < 0.5
100
nA
ERROR FLAG
Logic high open collector leakage
VERROR = 5 V
10
µA
Logic low output voltage
Sinking 2 mA
0.4
V
THERMAL SHUTDOWN
Junction temperature
Temp activated
+150
°C
Junction temperature
Temp deactivated
+130
°C
(1) Ceramic capacitors, CIN = 2.2 µF, CFILTER = 1 µF, and COUT = 0.1 µF.
(2) During UL1950 recognition test only.


Similar Part No. - DCR021205

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR021205P BURR-BROWN-DCR021205P Datasheet
174Kb / 12P
   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
DCR021205P BURR-BROWN-DCR021205P Datasheet
320Kb / 14P
   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
DCR021205P-U BURR-BROWN-DCR021205P-U Datasheet
174Kb / 12P
   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
DCR021205P-U BURR-BROWN-DCR021205P-U Datasheet
320Kb / 14P
   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
More results

Similar Description - DCR021205

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR02 BURR-BROWN-DCR02 Datasheet
174Kb / 12P
   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
DCR02 BURR-BROWN-DCR02_07 Datasheet
320Kb / 14P
   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP02 TI-DCP02_08 Datasheet
767Kb / 20P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP02_0711 TI-DCP02_0711 Datasheet
733Kb / 20P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP02 TI1-DCP02_14 Datasheet
604Kb / 18P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP02 TI-DCP02 Datasheet
530Kb / 17P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP020503 TI1-DCP020503 Datasheet
598Kb / 17P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01_07 Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR010503P TI1-DCR010503P_14 Datasheet
326Kb / 19P
[Old version datasheet]   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01 Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com