Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT541TQCTG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # CY74FCT541TQCTG4
Description  8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CY74FCT541TQCTG4 Datasheet(HTML) 3 Page - Texas Instruments

  CY74FCT541TQCTG4 Datasheet HTML 1Page - Texas Instruments CY74FCT541TQCTG4 Datasheet HTML 2Page - Texas Instruments CY74FCT541TQCTG4 Datasheet HTML 3Page - Texas Instruments CY74FCT541TQCTG4 Datasheet HTML 4Page - Texas Instruments CY74FCT541TQCTG4 Datasheet HTML 5Page - Texas Instruments CY74FCT541TQCTG4 Datasheet HTML 6Page - Texas Instruments CY74FCT541TQCTG4 Datasheet HTML 7Page - Texas Instruments CY74FCT541TQCTG4 Datasheet HTML 8Page - Texas Instruments CY74FCT541TQCTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CY54FCT541T, CY74FCT541T
8-BIT BUFFERS/LINE DRIVERS
WITH 3-STATE OUTPUTS
SCCS072 – OCTOBER 2001
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum rating over operating free-air temperature range (unless otherwise noted)
Supply voltage range to ground potential
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC input voltage range
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC output voltage range
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC output current (maximum sink current/pin)
120 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 1): P package
69
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Q package
68
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SO package
58
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Ambient temperature range with power applied, TA
–65
°C to 135°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 2)
CY54FCT541T
CY74FCT541T
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.75
5
5.25
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IOH
High-level output current
–12
–32
mA
IOL
Low-level output current
48
64
mA
TA
Operating free-air temperature
–55
125
–40
85
°C
NOTE 2: All unused inputs of the device must be held at VCC or GND to ensure proper device operation.


Similar Part No. - CY74FCT541TQCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT541TQCT TI1-CY74FCT541TQCT Datasheet
465Kb / 12P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - CY74FCT541TQCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY54FCT244T TI-CY54FCT244T_08 Datasheet
714Kb / 20P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CY54FCT240T TI-CY54FCT240T Datasheet
150Kb / 11P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CY54FCT540T TI1-CY54FCT540T_15 Datasheet
465Kb / 12P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CY54FCT240T TI-CY54FCT240T_07 Datasheet
689Kb / 21P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LVC16244A16 HITACHI-HD74LVC16244A16 Datasheet
50Kb / 8P
   16-bit Buffers / Line Drivers with 3-state Outputs
HD74LVC16540 HITACHI-HD74LVC16540 Datasheet
51Kb / 8P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Renesas Technology Corp
HD74LVCZ16240A RENESAS-HD74LVCZ16240A Datasheet
102Kb / 9P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Hitachi Semiconductor
HD74LVC16240A HITACHI-HD74LVC16240A Datasheet
51Kb / 9P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Renesas Technology Corp
RD74LVC16240B RENESAS-RD74LVC16240B Datasheet
107Kb / 9P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Texas Instruments
54AC16244 TI-54AC16244_07 Datasheet
335Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com