Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIX9211PTR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DIX9211PTR
Description  216-kHz Digital Audio Interface Transceiver (DIX)
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DIX9211PTR Datasheet(HTML) 1 Page - Texas Instruments

  DIX9211PTR Datasheet HTML 1Page - Texas Instruments DIX9211PTR Datasheet HTML 2Page - Texas Instruments DIX9211PTR Datasheet HTML 3Page - Texas Instruments DIX9211PTR Datasheet HTML 4Page - Texas Instruments DIX9211PTR Datasheet HTML 5Page - Texas Instruments DIX9211PTR Datasheet HTML 6Page - Texas Instruments DIX9211PTR Datasheet HTML 7Page - Texas Instruments DIX9211PTR Datasheet HTML 8Page - Texas Instruments DIX9211PTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 107 page
background image
DIX9211
www.ti.com
SBAS519 – SEPTEMBER 2010
216-kHz Digital Audio Interface Transceiver (DIX)
Check for Samples: DIX9211
1
FEATURES
Other Function Features:
23456
• Integrated DIX and Signal Routing:
Power Down (Pin and Register Control)
Asynchronous Operation (DIR, DIT)
PCM Port Sampling Frequency Counter
Mux and Routing of PCM Data:
GPIO and GPO
I2S™, Left-Justified, Right-Justified
OSC for External Crystal (24.576 MHz)
Multipurpose Input/Output Pins
SPI™, I2C™ or Hardware Control Modes
Digital Audio I/F Receiver (DIR):
Power Supply:
24-bit, 216-kHz Capable
3.3 V (2.9 V to 3.6 V) for DIX, All Digital
50-ps Ultralow Jitter
Operating Temperature: –40°C to +85°C
Non-PCM Detection (IEC61937, DTS-CD/LD)
Package: 48-Pin LQFP
12x S/PDIF Input Ports:
APPLICATIONS
2x Coaxial S/PDIF Inputs
Home Theater and AVR Equipment
10x Optical S/PDIF Inputs
Television and Soundbars
Digital Audio I/F Transmitter (DIT):
Musical Instruments, Recording, and
24-Bit, 216-kHz Capable
Broadcast
24-Bit Data Length
High-Performance Soundcards
48-Bit Channel Status Buffer
DESCRIPTION
Synchronous/Asynchronous Operation
Routing Function:
The DIX9211 is a complete analog and digital
front-end
for
today's
multimedia
players
and
Input: 3x PCM, 1x DIR
recorders.
Output: Main Out, Aux Out, DIT
The DIX9211 integrates an S/PDIF transceiver with
Multi-Channel (8-Ch) PCM Routing
up to 12 multiplexed inputs and 3x PCM inputs to
allow other audio receivers to be multiplexed along
with the analog and S/PDIF signals to a digital signal
processor (DSP).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
AC-3 is a trademark of Dolby Laboratories.
3
SPI is a trademark of Motorola, Inc.
4
I2S, I2C are trademarks of NXP Semiconductors.
5
TOSLINK is a trademark of Toshiba Corp.
6
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DIX9211PTR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DIX4192 BURR-BROWN-DIX4192 Datasheet
806Kb / 60P
   Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
DIX4192 TI1-DIX4192 Datasheet
1Mb / 64P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192 TI1-DIX4192 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
More results

Similar Description - DIX9211PTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM9211 TI1-PCM9211 Datasheet
1Mb / 121P
[Old version datasheet]   216-kHz Digital Audio Interface Transceiver (DIX) with Stereo ADC and Routing
logo
Cirrus Logic
CS8427 CIRRUS-CS8427 Datasheet
948Kb / 59P
   96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_09 Datasheet
498Kb / 60P
   96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_10 Datasheet
743Kb / 60P
   96 kHz Digital Audio Interface Transceiver
logo
Texas Instruments
PCM9211 TI1-PCM9211_16 Datasheet
1Mb / 125P
[Old version datasheet]   Digital Audio Interface Transceiver
logo
Sanyo Semicon Device
LC89057W-VF4A-E SANYO-LC89057W-VF4A-E Datasheet
334Kb / 59P
   Digital Audio Interface Transceiver
logo
ON Semiconductor
LC89057W-VF4A-E ONSEMI-LC89057W-VF4A-E Datasheet
318Kb / 59P
   Digital Audio Interface Transceiver
May, 2013
logo
Wolfson Microelectronic...
WM8802 WOLFSON-WM8802 Datasheet
516Kb / 65P
   Digital Audio Interface Transceiver
logo
Cirrus Logic
CS8406 CIRRUS-CS8406_09 Datasheet
306Kb / 42P
   192 kHz Digital Audio Interface Transmitter
CS8416 CIRRUS-CS8416 Datasheet
802Kb / 48P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com