Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP60300R0100GNBK Datasheet(PDF) 6 Page - AVX Corporation

Part # RP60300R0100GNBK
Description  High Power Resistive Products
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

RP60300R0100GNBK Datasheet(HTML) 6 Page - AVX Corporation

  RP60300R0100GNBK Datasheet HTML 1Page - AVX Corporation RP60300R0100GNBK Datasheet HTML 2Page - AVX Corporation RP60300R0100GNBK Datasheet HTML 3Page - AVX Corporation RP60300R0100GNBK Datasheet HTML 4Page - AVX Corporation RP60300R0100GNBK Datasheet HTML 5Page - AVX Corporation RP60300R0100GNBK Datasheet HTML 6Page - AVX Corporation RP60300R0100GNBK Datasheet HTML 7Page - AVX Corporation RP60300R0100GNBK Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
12
FLANGE MOUNT RESISTOR – P/N: RP60800RXXXXJNBK
ELECTRICAL SPECIFICATIONS
Resistance: 50 and 100 Ω standard
(other resistance values available)
Resistive Tolerance: ±5% standard (±2% available)
Power: 100 Watts
Capacitance: 3.10 pF
Operating Temperature Range: -55ºC to +150ºC
Temperature Coefficient: <150 ppm/ºC
Tabs: Silver
RoHS Compliant
Non-Magnetic available
High Power Resistive Products
Resistors
For Part Number Code, see page 8.
FLANGE MOUNT RESISTOR – P/N: RP60562RXXXXJNBK
ELECTRICAL SPECIFICATIONS
Resistance: 50 and 100 Ω standard
(other resistance values available)
Resistive Tolerance: ±5% standard (±2% available)
Power: 75 Watts
Capacitance: 4.15 pF
Operating Temperature Range: -55ºC to +150ºC
Temperature Coefficient: <150 ppm/ºC
Tabs: Silver
RoHS Compliant
Non-Magnetic available
3.18 THRU
(0.125)
0.10 (0.004)
2.59 (0.102)
2.92 (0.115)
20.3 (0.800)
14.2 (0.560)
8.89 (0.350)
5.84 (0.230)
1.57 (0.062)
1.02 TYP.
(0.040)
3.81 MAX.
(0.150)
2.92 (0.115)
6.35 TYP.
(0.250)
3.96 THRU
(0.156)
7.87
(0.310)
3.94 (0.155)
4.78 (0.188)
14.22
(0.560)
6.35
(0.250)
1.57 (0.062)
0.10 (0.004)
2.59 (0.102)
9.52 (0.375)
6.35 TYP.
(0.250)
1.02 TYP.
(0.040)
3.81 MAX.
(0.150)
mm (inches)
mm (inches)


Similar Part No. - RP60300R0100GNBK

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
RP60300R0100JNBK AVX-RP60300R0100JNBK Datasheet
35Kb / 1P
   High Power Resistive Products
More results

Similar Description - RP60300R0100GNBK

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
RP42010RXXXXGTTR AVX-RP42010RXXXXGTTR Datasheet
228Kb / 2P
   High Power Resistive Products
RPA0300T0050JNBK AVX-RPA0300T0050JNBK Datasheet
366Kb / 3P
   High Power Resistive Products
RP92010T0050GTTR AVX-RP92010T0050GTTR Datasheet
35Kb / 1P
   High Power Resistive Products
logo
List of Unclassifed Man...
CR1 ETC2-CR1 Datasheet
59Kb / 1P
   ATC HIGH POWER RESISTIVE PRODUCTS
ATCHVR ETC2-ATCHVR Datasheet
116Kb / 2P
   RESISTIVE PRODUCTS
logo
Johanson Technology Inc...
RF400BB13 JOHANSON-RF400BB13 Datasheet
550Kb / 21P
   resistive products
logo
Shenzhen Luguang Electr...
MUR1520 LUGUANG-MUR1520 Datasheet
118Kb / 4P
   High Power Products
logo
IET Labs Inc.
HPRS-HIPOT-LOAD IET-HPRS-HIPOT-LOAD Datasheet
95Kb / 1P
   High Power Resistive Load
Nov. 2013
logo
Vishay Siliconix
60EPS VISHAY-60EPS Datasheet
127Kb / 6P
   Vishay High Power Products
Revision: 25-Aug-08
80EPS VISHAY-80EPS Datasheet
119Kb / 6P
   Vishay High Power Products
Revision: 07-Jul-09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com