Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K12P48M50SF4 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # K12P48M50SF4
Description  K12 Sub-Family Data Sheet
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

K12P48M50SF4 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  K12P48M50SF4 Datasheet HTML 1Page - Freescale Semiconductor, Inc K12P48M50SF4 Datasheet HTML 2Page - Freescale Semiconductor, Inc K12P48M50SF4 Datasheet HTML 3Page - Freescale Semiconductor, Inc K12P48M50SF4 Datasheet HTML 4Page - Freescale Semiconductor, Inc K12P48M50SF4 Datasheet HTML 5Page - Freescale Semiconductor, Inc K12P48M50SF4 Datasheet HTML 6Page - Freescale Semiconductor, Inc K12P48M50SF4 Datasheet HTML 7Page - Freescale Semiconductor, Inc K12P48M50SF4 Datasheet HTML 8Page - Freescale Semiconductor, Inc K12P48M50SF4 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
K12P48M50SF4
K12 Sub-Family Data Sheet
Supports the following:
MK12DX128VLF5, MK12DX256VLF5
Features
• Operating Characteristics
– Voltage range: 1.71 to 3.6 V
– Flash write voltage range: 1.71 to 3.6 V
– Temperature range (ambient): -40 to 105°C
• Performance
– Up to 50 MHz ARM Cortex-M4 core with DSP
instructions delivering 1.25 Dhrystone MIPS per
MHz
• Memories and memory interfaces
– Up to 256 KB program flash for devices with
FlexNVM.
– 64 KB FlexNVM on FlexMemory devices
– 4 KB FlexRAM on FlexMemory devices
– Up to 64 KB RAM
– Serial programming interface (EzPort)
• Clocks
– 3 to 32 MHz crystal oscillator
– 32 kHz crystal oscillator
– Multi-purpose clock generator
• System peripherals
– Multiple low-power modes to provide power
optimization based on application requirements
– External watchdog monitor
– Software watchdog
– Low-leakage wakeup unit
• Security and integrity modules
– Hardware CRC module to support fast cyclic
redundancy checks
– 128-bit unique identification (ID) number per chip
• Human-machine interface
– General-purpose input/output
• Analog modules
– 16-bit SAR ADC
– Two analog comparators (CMP) containing a 6-bit
DAC and programmable reference input
– Voltage reference
• Timers
– Programmable delay block
– Two 2-channel general purpose timers, one with
quadrature decoder functionality
– Periodic interrupt timers
– 16-bit low-power timer
– Carrier modulator transmitter
– Real-time clock
• Communication interfaces
– SPI module
– I2C module
– Four UART modules
– I2S module
Freescale Semiconductor
Document Number: K12P48M50SF4
Data Sheet: Advance Information
Rev. 3, 08/2012
This document contains information on a new product. Specifications and
information herein are subject to change without notice.
© 2012–2013 Freescale Semiconductor, Inc.


Similar Part No. - K12P48M50SF4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
K12P48M50SF4 NXP-K12P48M50SF4 Datasheet
1Mb / 56P
   K12 Sub-Family
Rev. 4, 08/2013
More results

Similar Description - K12P48M50SF4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K12P80M50SF4 FREESCALE-K12P80M50SF4 Datasheet
1Mb / 58P
   K12 Sub-Family Data Sheet
K12P121M50SF4 FREESCALE-K12P121M50SF4 Datasheet
1Mb / 59P
   K12 Sub-Family Data Sheet
K12P64M50SF4 FREESCALE-K12P64M50SF4 Datasheet
1Mb / 54P
   K12 Sub-Family Data Sheet
logo
NXP Semiconductors
K12P48M50SF4 NXP-K12P48M50SF4 Datasheet
1Mb / 56P
   K12 Sub-Family
Rev. 4, 08/2013
K12P64M50SF4 NXP-K12P64M50SF4 Datasheet
1Mb / 59P
   K12 Sub-Family
Rev. 4, 08/2013
K12P80M50SF4 NXP-K12P80M50SF4 Datasheet
1Mb / 60P
   K12 Sub-Family
Rev. 4.1, 08/2013
K12P121M50SF4 NXP-K12P121M50SF4 Datasheet
2Mb / 61P
   K12 Sub-Family
Rev. 4, 08/2013
logo
Freescale Semiconductor...
K10P144M100SF2 FREESCALE-K10P144M100SF2 Datasheet
989Kb / 66P
   K10 Sub-Family Data Sheet
K10P81M100SF2 FREESCALE-K10P81M100SF2 Datasheet
865Kb / 60P
   K10 Sub-Family Data Sheet
K70P256M150SF3 FREESCALE-K70P256M150SF3 Datasheet
1Mb / 92P
   K70 Sub-Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com