Electronic Components Datasheet Search |
|
MK12DX256VLF5 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc |
|
MK12DX256VLF5 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc |
2 / 54 page Table of Contents 1 Ordering parts...........................................................................3 1.1 Determining valid orderable parts......................................3 2 Part identification......................................................................3 2.1 Description.........................................................................3 2.2 Format...............................................................................3 2.3 Fields.................................................................................3 2.4 Example............................................................................4 3 Terminology and guidelines......................................................4 3.1 Definition: Operating requirement......................................4 3.2 Definition: Operating behavior...........................................5 3.3 Definition: Attribute............................................................5 3.4 Definition: Rating...............................................................6 3.5 Result of exceeding a rating..............................................6 3.6 Relationship between ratings and operating requirements......................................................................6 3.7 Guidelines for ratings and operating requirements............7 3.8 Definition: Typical value.....................................................7 3.9 Typical value conditions....................................................8 4 Ratings......................................................................................9 4.1 Thermal handling ratings...................................................9 4.2 Moisture handling ratings..................................................9 4.3 ESD handling ratings.........................................................9 4.4 Voltage and current operating ratings...............................9 5 General.....................................................................................10 5.1 AC electrical characteristics..............................................10 5.2 Nonswitching electrical specifications...............................10 5.2.1 Voltage and current operating requirements.........10 5.2.2 LVD and POR operating requirements.................11 5.2.3 Voltage and current operating behaviors..............12 5.2.4 Power mode transition operating behaviors..........13 5.2.5 Power consumption operating behaviors..............14 5.2.6 EMC radiated emissions operating behaviors.......17 5.2.7 Designing with radiated emissions in mind...........18 5.2.8 Capacitance attributes..........................................18 5.3 Switching specifications.....................................................18 5.3.1 Device clock specifications...................................18 5.3.2 General switching specifications...........................19 5.4 Thermal specifications.......................................................20 5.4.1 Thermal operating requirements...........................20 5.4.2 Thermal attributes.................................................20 6 Peripheral operating requirements and behaviors....................21 6.1 Core modules....................................................................21 6.1.1 JTAG electricals....................................................21 6.2 System modules................................................................24 6.3 Clock modules...................................................................24 6.3.1 MCG specifications...............................................24 6.3.2 Oscillator electrical specifications.........................26 6.3.3 32 kHz Oscillator Electrical Characteristics...........28 6.4 Memories and memory interfaces.....................................29 6.4.1 Flash electrical specifications................................29 6.4.2 EzPort Switching Specifications............................32 6.5 Security and integrity modules..........................................33 6.6 Analog...............................................................................33 6.6.1 ADC electrical specifications.................................33 6.6.2 CMP and 6-bit DAC electrical specifications.........37 6.6.3 Voltage reference electrical specifications............40 6.7 Timers................................................................................41 6.8 Communication interfaces.................................................41 6.8.1 DSPI switching specifications (limited voltage range)....................................................................41 6.8.2 DSPI switching specifications (full voltage range).43 6.8.3 I2C switching specifications..................................45 6.8.4 UART switching specifications..............................45 6.8.5 Normal Run, Wait and Stop mode performance over the full operating voltage range.....................45 6.8.6 VLPR, VLPW, and VLPS mode performance over the full operating voltage range.....................47 7 Dimensions...............................................................................49 7.1 Obtaining package dimensions.........................................49 8 Pinout........................................................................................49 8.1 K12 Signal Multiplexing and Pin Assignments..................49 8.2 K12 Pinouts.......................................................................51 9 Revision History........................................................................53 K12 Sub-Family Data Sheet Data Sheet, Rev. 3, 08/2012. 2 Freescale Semiconductor, Inc. |
Similar Part No. - MK12DX256VLF5 |
|
Similar Description - MK12DX256VLF5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |