Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOV-10D681K Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MOV-10D681K
Description  MOV-10DxxxK Series - Metal Oxide Varistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MOV-10D681K Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MOV-10D681K Datasheet HTML 1Page - Bourns Electronic Solutions MOV-10D681K Datasheet HTML 2Page - Bourns Electronic Solutions MOV-10D681K Datasheet HTML 3Page - Bourns Electronic Solutions MOV-10D681K Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
High voltage rating
High current rating
Bidirectional
Surge protection
Fast response time
RoHS compliant*
Agency recognition:
Applications
Power supplies
Power systems
Line voltage
Telecom systems
White goods / appliances
MOV-10DxxxK Series - Metal Oxide Varistor
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Industry Standard Compliance
Standard
UL 1449
File Number
E313168
General Information
The MOV-10DxxxK Series of 10 mm radial leaded varistor devices protects
against overvoltage transients such as lightning, power contact and power
induction. The metal oxide varistors offer a choice of varistor voltages from
18 V to 820 V and Vrms voltages from 11 V to 510 V.
The devices have a high current handling, high energy absorption capability
and fast response times to protect against transient faults up to rated limits.
Absolute Maximum Ratings (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Operating Temperature
TOPR
-40
25
+85
˚C
Storage Temperature
TSTG
-40
25
+125
˚C
Rated Wattage
Pw
0.40
Watt
Varistor Voltage Temperature Coefficient
VTC
0
0.05
% / ˚C
Response Time
Tr
10
25
ns
Varistor Voltage Tolerance
Vtol
-10
10
%
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Bourns Part No.
Max. Continuous
Voltage (V)
Voltage @ 1 mA DC (V)
Voltage @ Class Current
Max. Peak
Current
Max.
Energy
Max. Cap.
(8/20
μs)
(8/20
μs)
(J)
(pF)
r.m.s.
d.c.
Min.
Nom.
Max.
Class
Current
(A)
Max.
Clamping
Voltage (V)
One
Time
8/20
μs
1 kHz
MOV-10D180K
11
14
16
18
20
5
36
500
2.1
5600
MOV-10D220K
14
18
20
22
24
5
43
500
2.5
4250
MOV-10D270K
17
18
24
27
30
5
53
500
3.0
3700
MOV-10D330K
20
26
30
33
36
5
65
500
4.0
3000
MOV-10D390K
25
31
35
39
43
5
77
500
4.6
2400
MOV-10D470K
30
38
42
47
52
5
93
500
5.5
2100
MOV-10D560K
35
45
50
56
62
5
110
500
7.0
1800
MOV-10D680K
40
56
61
68
75
5
135
500
8.2
1500
MOV-10D820K
50
65
74
82
90
25
135
2500
12
1200
MOV-10D101K
60
85
90
100
110
25
165
2500
15
1000
MOV-10D121K
75
100
108
120
132
25
200
2500
18
830
MOV-10D151K
95
125
135
150
165
25
250
2500
22
670
MOV-10D181K
115
150
162
180
198
25
300
2500
27
560
MOV-10D201K
130
170
185
200
225
25
340
2500
30
500
MOV-10D221K
140
180
198
220
242
25
360
2500
32
450
MOV-10D241K
150
200
216
240
264
25
395
2500
35
420
MOV-10D271K
175
225
243
270
297
25
455
2500
40
370
MOV-10D301K
190
250
270
300
330
25
500
2500
40
330
MOV-10D331K
210
275
297
330
363
25
550
2500
43
300
MOV-10D361K
230
300
324
360
396
25
595
2500
47
280
MOV-10D391K
250
320
351
390
429
25
650
2500
60
260
MOV-10D431K
275
350
387
430
473
25
710
2500
65
230
MOV-10D471K
300
385
423
470
517
25
775
2500
70
210
MOV-10D511K
320
415
459
510
561
25
845
2500
70
200
MOV-10D561K
350
460
504
560
616
25
925
2500
70
180
MOV-10D621K
385
505
558
620
682
25
1025
2500
70
160
MOV-10D681K
420
560
612
680
748
25
1120
2500
70
150
MOV-10D751K
460
620
675
750
825
25
1240
2500
75
130
MOV-10D781K
480
640
702
780
858
25
1290
2500
80
130
MOV-10D821K
510
675
738
820
902
25
1355
2500
85
110
10D201
K
5
Standard
ITU-T K.20, K.21, K.45
MOV-10D201K
MOV-10D361K
MOV-10D391K
MOV-10D431K
Will pass 600 V rms,
600 ohm, 1 A, 0.2 s, 5
cycles, every 1 minute
condition.


Similar Part No. - MOV-10D681K

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
MOV-10D RUILON-MOV-10D Datasheet
757Kb / 7P
   Metal Oxide Varistors
logo
Bourns Electronic Solut...
MOV-10D201K BOURNS-MOV-10D201K Datasheet
1Mb / 2P
   RS-485 Port Protection
logo
Texas Instruments
MOV-10D201K TI1-MOV-10D201K Datasheet
438Kb / 21P
[Old version datasheet]   Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
logo
Bourns Electronic Solut...
MOV-10D201K BOURNS-MOV-10D201K Datasheet
454Kb / 2P
   RS-485 Port Protection Evaluation Board 2
MOV-10D201K BOURNS-MOV-10D201K Datasheet
793Kb / 7P
   P500-G and P850-G Series Dual TBU짰 High-Speed Protectors
More results

Similar Description - MOV-10D681K

ManufacturerPart #DatasheetDescription
logo
BRIGHTKING (SHENZHEN) C...
180KD14 BRIGHTKING-180KD14 Datasheet
715Kb / 12P
   Metal Oxide Varistor (MOV) Data Sheet
logo
HuaXinAn Electronics CO...
VDR34S130 HUAXINAN-VDR34S130 Datasheet
280Kb / 5P
   Metal Oxide Varistors (MOV)
34S471K HUAXINAN-34S471K Datasheet
280Kb / 5P
   Metal Oxide Varistors (MOV)
20D HUAXINAN-20D Datasheet
456Kb / 6P
   Metal Oxide Varistors (MOV)
32D HUAXINAN-32D Datasheet
191Kb / 4P
   Metal Oxide Varistors (MOV)
VDR10D180L HUAXINAN-VDR10D180L Datasheet
453Kb / 6P
   Metal Oxide Varistors (MOV)
VDR25D820K HUAXINAN-VDR25D820K Datasheet
295Kb / 6P
   Metal Oxide Varistors (MOV)
34S HUAXINAN-34S Datasheet
280Kb / 5P
   Metal Oxide Varistors (MOV)
10D HUAXINAN-10D Datasheet
453Kb / 6P
   Metal Oxide Varistors (MOV)
logo
NTE Electronics
NTE1V010 NTE-NTE1V010_13 Datasheet
67Kb / 3P
   Metal Oxide Varistors (MOV)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com