Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV3201-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DRV3201-Q1
Description  3 Phase Motor Driver-IC for Automotive Safety Applications
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV3201-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  DRV3201-Q1 Datasheet HTML 1Page - Texas Instruments DRV3201-Q1 Datasheet HTML 2Page - Texas Instruments DRV3201-Q1 Datasheet HTML 3Page - Texas Instruments DRV3201-Q1 Datasheet HTML 4Page - Texas Instruments DRV3201-Q1 Datasheet HTML 5Page - Texas Instruments DRV3201-Q1 Datasheet HTML 6Page - Texas Instruments DRV3201-Q1 Datasheet HTML 7Page - Texas Instruments DRV3201-Q1 Datasheet HTML 8Page - Texas Instruments DRV3201-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
DRV3201-Q1
www.ti.com
SLVSBD6 – MAY 2012
ABSOLUTE MAXIMUM RATINGS
(1) (2)
over operating temperature TJ = –40°C to 150°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
MIN
MAX
VS, VSH
DC
VS, negative voltages with minimum serial
–5
38
V
resistor 5
Ω
VS, negative voltages with external protection
–14
38
V
NMOS
VS, VSH
Supply voltage, transient 1s
VS, negative voltages with minimum serial
–5
42
V
resistor 5
Ω
VS, negative voltages with external protection
–14
42
V
NMOS driven by device internal circuit
GHSx
Gate high-side voltage
–7
47
V
SHSx
Source high-side voltage
–7
42
V
GHSx-SHSx
Gate-source high-side voltage
External driven, internal limited (see IBOOST in
–0.3
15
V
difference
RECOMMENDED OPERATING
CONDITIONS)
GLSx
Gate low-side voltage
–7
20
V
SLSx
Source low-side voltage
–7
7
V
GLSx-SLSx
Gate-source low-side voltage
External driven, internal limited (see IBOOST,sw
–0.3
15
V
difference
in RECOMMENDED OPERATING
CONDITIONS)
BOOST, SW
Boost converter
–0.3
60
V
INx, IPx
Current sense Input voltage
–0.3
42
V
INx, IPx clamping
Current sense input current
Clamping current
–5
5
mA
current
Ox
Current sense output voltage
–0.3
ADREF
V
+0.3
Ox forced input current
–10
10
mA
VDDIO, ADREF
Analog input voltage
–0.3
8
V
ILSx,IHSx, EN,
Digital input voltage
–0.3
18
V
DRVOFF, SCLK, NCS,
SDI, RSTN, CSM,
B_EN
SCTH
Analog input voltage
–0.3
18
V
GNDA, GNDL,
Difference one GND or NC to
–0.3
0.3
V
GNDLS_B, PGND, NC
any other GND or NC
TJ
Operating virtual junction
–40
150
°C
temperature range
TS
Storage temperature range
–40
165
°C
TLEAD
Lead temperature (soldering, 10
260
°C
s)
ESD all pins(3)
ESD performance of all pins to
HBM model
–2
2
kV
any other pin
ESD pin SHSx(3)
ESD performance of SHSx to
HBM model
–4
4
kV
SHSx and GND
ESD all pins(3)
ESD performance of all pins to
CDM model
–500
500
V
any other pin
SRSHS
Maximum slew rate of SHSx pins
–150
150
V/µs
ERR, SDO, PHxC, RO
Analog/digital output voltages
–0.3
8
V
ERR, SDO, PHxC, RO
Forced input/output current
–10
10
mA
TEST, AMUX, NC
Unused pins. Connect to GND
–0.3
0.3
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to network ground terminal, unless otherwise specified.
(3)
ESD testing is performed according to AEC-Q100 standard.
Copyright © 2012, Texas Instruments Incorporated
3
Product Folder Link(s): DRV3201-Q1


Similar Part No. - DRV3201-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV3201-Q1 TI1-DRV3201-Q1 Datasheet
3Mb / 60P
[Old version datasheet]   DRV3201-Q1 3 Phase Motor Driver-IC for Automotive Safety Applications
DRV3201-Q1 TI1-DRV3201-Q1_16 Datasheet
3Mb / 60P
[Old version datasheet]   DRV3201-Q1 3 Phase Motor Driver-IC for Automotive Safety Applications
More results

Similar Description - DRV3201-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV3201-Q1 TI1-DRV3201-Q1_16 Datasheet
3Mb / 60P
[Old version datasheet]   DRV3201-Q1 3 Phase Motor Driver-IC for Automotive Safety Applications
logo
STMicroelectronics
L99ASC03G STMICROELECTRONICS-L99ASC03G Datasheet
926Kb / 70P
   Brushless / sensorless 3-phase motor pre-driver for automotive applications
July 2016 Rev 2
logo
Asahi Kasei Microsystem...
AP1050 AKM-AP1050 Datasheet
231Kb / 4P
   Pre-Driver IC for 3-Phase Brushless Motor
logo
KODENSHI_AUK CORP.
S3313 KODENSHI-S3313 Datasheet
464Kb / 17P
   3 phase BLDC Motor Driver IC
logo
Toshiba Semiconductor
TA8424F TOSHIBA-TA8424F Datasheet
372Kb / 11P
   3 PHASE HALL MOTOR DRIVER IC
logo
Rohm
BD63030EKV-C ROHM-BD63030EKV-C Datasheet
4Mb / 47P
   3-Phase Brushless Motor Pre-driver for Automotive
logo
Infineon Technologies A...
TLE7183QU INFINEON-TLE7183QU Datasheet
937Kb / 28P
   3 Phase Driver IC Automotive Power
Rev. 1.1, Jan. 2016
logo
Sanyo Semicon Device
LV8806GQ SANYO-LV8806GQ Datasheet
242Kb / 6P
   3-phase sensor-less Motor Driver IC
logo
ON Semiconductor
LV8806QA ONSEMI-LV8806QA Datasheet
338Kb / 8P
   3-phase sensor-less Motor Driver IC
April, 2013
logo
Panasonic Semiconductor
AN8480NSB PANASONIC-AN8480NSB Datasheet
65Kb / 6P
   3-phase full-wave motor driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com