Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK12DN512VLH5 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MK12DN512VLH5
Description  K12 Sub-Family Data Sheet
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK12DN512VLH5 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MK12DN512VLH5 Datasheet HTML 6Page - Freescale Semiconductor, Inc MK12DN512VLH5 Datasheet HTML 7Page - Freescale Semiconductor, Inc MK12DN512VLH5 Datasheet HTML 8Page - Freescale Semiconductor, Inc MK12DN512VLH5 Datasheet HTML 9Page - Freescale Semiconductor, Inc MK12DN512VLH5 Datasheet HTML 10Page - Freescale Semiconductor, Inc MK12DN512VLH5 Datasheet HTML 11Page - Freescale Semiconductor, Inc MK12DN512VLH5 Datasheet HTML 12Page - Freescale Semiconductor, Inc MK12DN512VLH5 Datasheet HTML 13Page - Freescale Semiconductor, Inc MK12DN512VLH5 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
Symbol
Description
Min.
Max.
Unit
IDD
Digital supply current
155
mA
VDIO
Digital input voltage (except RESET, EXTAL, and XTAL)
–0.3
V
VAIO
Analog1, RESET, EXTAL, and XTAL input voltage
–0.3
VDD + 0.3
V
ID
Maximum current single pin limit (applies to all port pins)
–25
25
mA
VDDA
Analog supply voltage
VDD – 0.3
VDD + 0.3
V
VBAT
RTC battery supply voltage
–0.3
3.8
V
1. Analog pins are defined as pins that do not have an associated general purpose I/O port function.
5 General
5.1 AC electrical characteristics
Unless otherwise specified, propagation delays are measured from the 50% to the 50%
point, and rise and fall times are measured at the 20% and 80% points, as shown in the
following figure.
Figure 1. Input signal measurement reference
All digital I/O switching characteristics assume:
1. output pins
• have CL=30pF loads,
• are configured for fast slew rate (PORTx_PCRn[SRE]=0), and
• are configured for high drive strength (PORTx_PCRn[DSE]=1)
2. input pins
• have their passive filter disabled (PORTx_PCRn[PFE]=0)
5.2 Nonswitching electrical specifications
General
K12 Sub-Family Data Sheet Data Sheet, Rev. 3, 08/2012.
10
Freescale Semiconductor, Inc.


Similar Part No. - MK12DN512VLH5

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MK12DN512VLH5 NXP-MK12DN512VLH5 Datasheet
1Mb / 59P
   K12 Sub-Family
Rev. 4, 08/2013
More results

Similar Description - MK12DN512VLH5

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K12P48M50SF4 FREESCALE-K12P48M50SF4 Datasheet
1Mb / 54P
   K12 Sub-Family Data Sheet
K12P121M50SF4 FREESCALE-K12P121M50SF4 Datasheet
1Mb / 59P
   K12 Sub-Family Data Sheet
K12P64M50SF4 FREESCALE-K12P64M50SF4 Datasheet
1Mb / 54P
   K12 Sub-Family Data Sheet
logo
NXP Semiconductors
K12P48M50SF4 NXP-K12P48M50SF4 Datasheet
1Mb / 56P
   K12 Sub-Family
Rev. 4, 08/2013
K12P64M50SF4 NXP-K12P64M50SF4 Datasheet
1Mb / 59P
   K12 Sub-Family
Rev. 4, 08/2013
K12P80M50SF4 NXP-K12P80M50SF4 Datasheet
1Mb / 60P
   K12 Sub-Family
Rev. 4.1, 08/2013
K12P121M50SF4 NXP-K12P121M50SF4 Datasheet
2Mb / 61P
   K12 Sub-Family
Rev. 4, 08/2013
logo
Freescale Semiconductor...
K10P144M100SF2 FREESCALE-K10P144M100SF2 Datasheet
989Kb / 66P
   K10 Sub-Family Data Sheet
K10P81M100SF2 FREESCALE-K10P81M100SF2 Datasheet
865Kb / 60P
   K10 Sub-Family Data Sheet
K70P256M150SF3 FREESCALE-K70P256M150SF3 Datasheet
1Mb / 92P
   K70 Sub-Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com