Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

576012B00000G Datasheet(PDF) 2 Page - Aavid, Thermal Division of Boyd Corporation

Part # 576012B00000G
Description  Channel style heat sink with folded back fins
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

576012B00000G Datasheet(HTML) 2 Page - Aavid, Thermal Division of Boyd Corporation

  576012B00000G Datasheet HTML 1Page - Aavid, Thermal Division of Boyd Corporation 576012B00000G Datasheet HTML 2Page - Aavid, Thermal Division of Boyd Corporation 576012B00000G Datasheet HTML 3Page - Aavid, Thermal Division of Boyd Corporation 576012B00000G Datasheet HTML 4Page - Aavid, Thermal Division of Boyd Corporation 576012B00000G Datasheet HTML 5Page - Aavid, Thermal Division of Boyd Corporation 576012B00000G Datasheet HTML 6Page - Aavid, Thermal Division of Boyd Corporation 576012B00000G Datasheet HTML 7Page - Aavid, Thermal Division of Boyd Corporation 576012B00000G Datasheet HTML 8Page - Aavid, Thermal Division of Boyd Corporation 576012B00000G Datasheet HTML 9Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 116 page
background image
2
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
How to Use This Catalog
Style description
for heat sink
Base part
number
Ordering information will
specify the base heat sink with
available accessories.
Aavid has a large selection of popular
options to enhance your heat sink selection.
This section will indicate the most popular
options available.
Detailed indexes are available
to select additional options.
Icons indicate that
a mounting kit, grease
or epoxy can be used
with the heat sink
Detailed description
illustrates the heat sink’s
differentiating features.
Semiconductor devices
have been included in photos to
assist in determining mounting
position.
Thermal graphs show natural and forced
convection based on black anodize finish.
For information on how to use a thermal graph,
please refer to page 11.
7022
Channel style heat sink with folded back fins
Channel style heat sink with
folded back fins for increased
cooling surface area. Available
with tin plated solderable tabs
for easy attachment to the
printed circuit card.
9.52
(0.375)
50.44
(1.986)
23.01
(0.906)
49.99
(1.968)
3.81
(0.150)
21.03
(0.828)
2x 3.81
(0.150)
2.02
(0.080)
2.67
(0.105)
24.16
(0.951)
4.83
(0.190)
3.18
(0.125)
2.29
(0.090)
2x
4.44
(0.175)
ø
2x 2.03
(0.080)
"X"
14.48
(0.570)
TAB
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
5
0
20
40
60
80
100
04
8
12
16
20
4
3
1
2
0
0
400
200
600
800
1000
Part Number
Description
Finish
7022BG
Channel heat sink with folded back fins
Black anodize
7022PBG
Channel heat sink with folded back fins
Pre-black anodize*
7022B-MTG
With solderable tabs
Black anodize
2.90 (0.114)
7022PB-MTG
With solderable tabs
Pre-black anodize*
2.90 (0.114)
ORDERING INFORMATION
Material: 1.27 (0.050) Thick Aluminum
Finish: See Table
* Edges cut during the manufacturing process will be unfinished.
See page XX for more information
Position
Code
Description
Location
Details
A
TC11-MT
Insulated device mounting clip for T0-220 and solderable tabs
Hole X
Page
POPULAR OPTIONS:
Dia of PCB
Plated Thru
Hole for Tabs
7022B-
G
For additional options see page xx
TO-220 Heat Sinks
Semiconductor
device
Mechanical drawing
dimensions as shown
are mm (inches)
Material and finish
information is shown
for each part
Base part no.
A
Grease
Epoxy
&
page112
Mounting
Kits
page 99
RoHS Compliant


Similar Part No. - 576012B00000G

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
576012B00000G AAVID-576012B00000G Datasheet
8Mb / 116P
   How to Use This Catalog
More results

Similar Description - 576012B00000G

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
APR19-19-12CB CTS-APR19-19-12CB_16 Datasheet
200Kb / 1P
   Forged Heat Skins With Pin Fins
logo
Richtek Technology Corp...
RT9198T RICHTEK-RT9198T Datasheet
290Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9193T RICHTEK-RT9193T Datasheet
296Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9017 RICHTEK-RT9017 Datasheet
307Kb / 12P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
RT9016 RICHTEK-RT9016 Datasheet
299Kb / 11P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
logo
Advanced Thermal Soluti...
ATS-61350W-C1-R0 ATS-ATS-61350W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61375R-C1-R0 ATS-ATS-61375R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400K-C1-R0 ATS-ATS-61400K-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400W-C1-R0 ATS-ATS-61400W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61300R-C1-R0 ATS-ATS-61300R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com