Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

576802B00000G Datasheet(PDF) 9 Page - Aavid, Thermal Division of Boyd Corporation

Part # 576802B00000G
Description  Channel style heat sink with folded back fins
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

576802B00000G Datasheet(HTML) 9 Page - Aavid, Thermal Division of Boyd Corporation

Back Button 576802B00000G Datasheet HTML 5Page - Aavid, Thermal Division of Boyd Corporation 576802B00000G Datasheet HTML 6Page - Aavid, Thermal Division of Boyd Corporation 576802B00000G Datasheet HTML 7Page - Aavid, Thermal Division of Boyd Corporation 576802B00000G Datasheet HTML 8Page - Aavid, Thermal Division of Boyd Corporation 576802B00000G Datasheet HTML 9Page - Aavid, Thermal Division of Boyd Corporation 576802B00000G Datasheet HTML 10Page - Aavid, Thermal Division of Boyd Corporation 576802B00000G Datasheet HTML 11Page - Aavid, Thermal Division of Boyd Corporation 576802B00000G Datasheet HTML 12Page - Aavid, Thermal Division of Boyd Corporation 576802B00000G Datasheet HTML 13Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 116 page
background image
9
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
The basic equation for heat transfer or power dissipation may be stated as follows:
Where:
PD = the power dissipated by the semiconductor device in watts.
ΔT = the temperature difference of driving potential which causes the flow of heat.
ΣRθ = the sum of the thermal resistances of the heat flow path across which ΔT exists.
The above relationship may be stated in the following forms:
The above equations are generally used to determine the required thermal resistance of the heat sink (RθSA),
since the heat dissipation, maximum junction and/or case temperature, and ambient temperature are known or set.
How To Select a Heat Sink
Where:
TJ = the junction temperature in °C (maximum is usually stated by the manufacturer of the semiconductor device).
TC = case temperature of the semiconductor device in °C.
TS = temperature of the heat sink mounting surface in thermal contact with the semiconductor device in °C.
TA = ambient air temperature in °C.
RθJC = thermal resistance from junction to case of the semiconductor device in °C per watt
(usually stated by manufacturer of semiconductor device).
RθCS = thermal resistance through the interface between the semiconductor device
and the surface on which it is mounted in °C per watt.
RθSA = thermal resistance from mounting surface to ambient or thermal resistance of heat sink in °C per watt.
Figure 1 indicates the location of the various heat
flow paths, temperatures and thermal resistances.
The common practice is to represent the system with
a network of resistances in series as shown in Figure 2.
Atmosphere
or ambient
Mounting surface
(cooler/dissipator)
Semiconductor case
Junction
(heat source)
Interface
Heat flow path mounting
surface to ambient, equation (3)
Heat flow path case
to ambient equation (2)
Heat flow path junction
to ambient, equation (1)
P
D
P
D
T
A
R
θSA
R
θCS
R
θJC
T
S
T
C
T
A
T
J
TJ–TA
PD =
RθJC + RθCS + RθSA
TC–TA
PD =
RθCS + RθSA
TS–TA
PD =
RθSA
Δ T
PD =
ΣRθ
RθCS
RθJC
TS
TA
TJ
RθSA
TC
FIGURE 1
FIGURE 2
How to select a heat sink


Similar Part No. - 576802B00000G

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
576802B00000G AAVID-576802B00000G Datasheet
8Mb / 116P
   How to Use This Catalog
More results

Similar Description - 576802B00000G

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
APR19-19-12CB CTS-APR19-19-12CB_16 Datasheet
200Kb / 1P
   Forged Heat Skins With Pin Fins
logo
Richtek Technology Corp...
RT9198T RICHTEK-RT9198T Datasheet
290Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9193T RICHTEK-RT9193T Datasheet
296Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9017 RICHTEK-RT9017 Datasheet
307Kb / 12P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
RT9016 RICHTEK-RT9016 Datasheet
299Kb / 11P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
logo
Advanced Thermal Soluti...
ATS-61350W-C1-R0 ATS-ATS-61350W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61375R-C1-R0 ATS-ATS-61375R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400K-C1-R0 ATS-ATS-61400K-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400W-C1-R0 ATS-ATS-61400W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61300R-C1-R0 ATS-ATS-61300R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com