Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC5328IZER Datasheet(PDF) 10 Page - Texas Instruments

Part # GC5328IZER
Description  GC5328 Low-Power Wideband Digital Predistortion Transmit Processor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GC5328IZER Datasheet(HTML) 10 Page - Texas Instruments

Back Button GC5328IZER Datasheet HTML 6Page - Texas Instruments GC5328IZER Datasheet HTML 7Page - Texas Instruments GC5328IZER Datasheet HTML 8Page - Texas Instruments GC5328IZER Datasheet HTML 9Page - Texas Instruments GC5328IZER Datasheet HTML 10Page - Texas Instruments GC5328IZER Datasheet HTML 11Page - Texas Instruments GC5328IZER Datasheet HTML 12Page - Texas Instruments GC5328IZER Datasheet HTML 13Page - Texas Instruments GC5328IZER Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
AB
VSS
TEST
MODE
TDO
TCK
TMS
TX34
TX30
TX26
TX22
TX20
TX18
TX17
TX13
TX9
TX5
TX1
VSSA
SYNC
DC
VSS
VSS
VSS
VSS
AA
VSS
VSS
INTER-
RUPT
TDI
TRSTB
TX35
TX31
TX27
TX23
TX21
TX19
TX16
TX12
TX8
TX4
TX0
VDD
SHV
SYNC
D
DPD
VREF
VSS
VSS
VSS
Y
VSS
VSS
MVV
SS2
VDD
VDD
SHV
TX36
TX32
TX28
TX24
DAC
REFP
VSS
TX15
TX11
TX7
TX3
VDDA
VSS
DPD
CLKC
DPD
IREF
VSS
VSS
VSS
W
VSS1
VSS
MVV
DD2
VDD
VSS
TX37
TX33
TX29
TX25
DAC
REFN
VSS
TX14
TX10
TX6
TX2
VDD
VSS
DPD
CLK
VDD
SHV
RESET
B
VSS
VSS
V
UP
DATA15
VSS
VSS
VDD
SHV
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VSS
VSS
MFIO
33
U
UP
DATA12
UP
DATA13
UP
DATA14
VDD
VDD
VDD
VDD
VHST
LHV
VHST
LHV
VHST
LHV
VHST
LHV
VHST
LHV
VHST
LHV
VHST
LHV
VHST
LHV
VDD
VDD
VDD
VDD
MFIO
32
MFIO
31
MFIO
30
T
UP
DATA9
UP
DATA10
UP
DATA11
VDD
VDD
VDD
SHV
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDD
VDD
SHV
VDD
VDD
MFIO
29
MFIO
28
MFIO
27
R
VPP1
UP
DATA7
UP
DATA8
VDD
VDD
VDD
VDD
VSS
VSS
VSS
VSS
VSS
VSS1
VSS
VSS
VDD
VDD
VDD
VDD
VDD
SHV
MFIO
26
MFIO
25
P
UP
DATA6
VPP1
VDD
SHV
VDD
VDD
VDD
VDD
VSS
VSS
VSS
VSS
VSS
VSS1
VSS
VSS
VDD
VDD
VDD
VDD
MFIO
24
MFIO
23
MFIO
22
N
UP
DATA3
UP
DATA4
UP
DATA5
VDD
VDD
VDD
VDD
VSS
VSS
VSS
VSS
VSS
VSS1
VSS
VSS
VDD
VDD
VDD
VDD
MFIO
21
MFIO
20
MFIO
19
M
VSS
VSS
VDD
SHV
VDD
VDD
VDD
VDD
VSS
VSS
VSS
VSS
VSS
VSS1
VSS
VSS
VDD
VDD
VDD
VDD
MFIO
18
MFIO
17
MFIO
16
L
UP
DATA0
UP
DATA1
UP
DATA2
VDD
VDD
SHV
VDD
SHV
VDD
VSS
VSS
VSS
VSS1
VSS
VSS1
VSS
VSS
VDD
VDD
SHV
VDD
SHV
VDD
VDD
SHV
MFIO
15
MFIO
14
K
RDB
CEB
OEB
VDD
VDD
VDD
VDD
VSS
VSS
VSS
VSS
VSS
VSS1
VSS
VSS
VDD
VDD
VDD
VDD
MFIO
13
MFIO
12
MFIO
11
J
UP
ADDR
WRB
VDD
SHV
VDD
VDD1
VDD
VDD
VSS
VSS
VSS
VSS
VSS
VSS1
VSS
VSS
VDD
VDD
VDD
VDD
MFIO
10
MFIO
9
MFIO
8
H
UP
ADDR
UP
ADDR
UP
ADDR
VDD
VDD
VDD
VDD
VSS
VSS
VSS
VSS
VSS
VSS1
VSS
VSS
VDD
VDD
VDD
VDD
VDD
SHV
MFIO
7
MFIO
6
G
UP
ADDR
UP
ADDR
UP
ADDR
VDD
VDD
VDD
SHV
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDD
VDD
SHV
VDD
VDD
MFIO
5
MFIO
4
VPP
F
UP
ADDR
UP
ADDR
UP
ADDR
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VPP
MFIO
3
MFIO
2
E
VSS
VSS
VSS
VDD
SHV
VDD
VDD
VDD
VDD
SHV
VDD
SHV
VDD
SHV
VDD
SHV
VDD
SHV1
VDD
SHV
VDD
SHV
VDD
SHV
VDD
VDD
VDD
VDD
SHV
VSS
VSS
VSS
D
VSS
VSS
VSS
BB6
BB10
BB14
VDD
SYNC
OUT
VSS
FB33
FB29
VDD
FB22
FB18
ADC
VREF
FB12
VDD
FB6
FB3
MFIO
1
VSS
VSS
C
VSS
VSS
BB2
BB5
BB9
BB13
BBCLK
SYNC
A
VDD
FB32
FB28
VDD
FB23
FB19
ADC
IREF
FB13
VDD
FB7
FB2
MFIO
0
VSS
VSS
B
VSS
VSS
BB1
BB4
BB8
BB12
BBFR
SYNC
B
VDDA1
FB35
FB31
FB26
FB24
FB20
FB16
FB14
F10
FB8
FB5
FB1
VSS
VSS
A
VSS
VSS
BB0
BB3
BB7
BB11
BB15
SYNC
C
VSSA1
FB34
FB30
FB27
FB25
FB21
FB17
FB15
FB11
FB9
FB4
FB0
VSS
VSS
=BasebandInput
=MicroprocessorInterface
=SignalInterface
=Miscellaneous
=PowerandBiasing
=JTAGInterface
P0107-01
GC5328
SLWS218A – OCTOBER 2009 – REVISED OCTOBER 2009
www.ti.com
PIN ASSIGNMENT AND DESCRIPTIONS
ZER Package
(Top View)
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): GC5328


Similar Part No. - GC5328IZER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GC5322 TI-GC5322 Datasheet
103Kb / 6P
[Old version datasheet]   GC5322 Wideband Digital Predistortion Transmit Processor
GC5322 TI1-GC5322 Datasheet
395Kb / 4P
[Old version datasheet]   Wideband Digital Pre-Distortion Transmit IC Solution
GC5322IZND TI1-GC5322IZND Datasheet
395Kb / 4P
[Old version datasheet]   Wideband Digital Pre-Distortion Transmit IC Solution
GC5325 TI1-GC5325 Datasheet
422Kb / 24P
[Old version datasheet]   GC5325 Wideband Digital Predistortion Transmit Processor
GC5325 TI1-GC5325 Datasheet
422Kb / 24P
[Old version datasheet]   GC5325 Wideband Digital Predistortion Transmit Processor
More results

Similar Description - GC5328IZER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GC5322 TI-GC5322 Datasheet
103Kb / 6P
[Old version datasheet]   GC5322 Wideband Digital Predistortion Transmit Processor
GC5325 TI1-GC5325 Datasheet
422Kb / 24P
[Old version datasheet]   GC5325 Wideband Digital Predistortion Transmit Processor
GC5325SEK TI1-GC5325SEK Datasheet
422Kb / 24P
[Old version datasheet]   GC5325 Wideband Digital Predistortion Transmit Processor
GC5330IZEV TI-GC5330IZEV Datasheet
484Kb / 49P
[Old version datasheet]   Wideband Transmit-Receive Digital Signal Processors
GC5330 TI-GC5330 Datasheet
474Kb / 49P
[Old version datasheet]   Wideband Transmit-Receive Digital Signal Processors
GC6016 TI1-GC6016 Datasheet
510Kb / 46P
[Old version datasheet]   Wideband Transmit-Receive Digital Signal Processors
GC5322IZND TI1-GC5322IZND Datasheet
395Kb / 4P
[Old version datasheet]   Wideband Digital Pre-Distortion Transmit IC Solution
logo
Linear Technology
LTM9013 LINER-LTM9013 Datasheet
1,000Kb / 36P
   300MHz Digital Predistortion Receiver
logo
Analog Devices
AD6622 AD-AD6622_15 Datasheet
242Kb / 28P
   Four-Channel, 75 MSPS Digital Transmit Signal Processor
REV. 0
AD6623 AD-AD6623_15 Datasheet
935Kb / 48P
   4-Channel, 104 MSPS Digital Transmit Signal Processor
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com