Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

579003B00000G Datasheet(PDF) 8 Page - Aavid, Thermal Division of Boyd Corporation

Part # 579003B00000G
Description  Channel style heat sink with folded back fins
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

579003B00000G Datasheet(HTML) 8 Page - Aavid, Thermal Division of Boyd Corporation

Back Button 579003B00000G Datasheet HTML 4Page - Aavid, Thermal Division of Boyd Corporation 579003B00000G Datasheet HTML 5Page - Aavid, Thermal Division of Boyd Corporation 579003B00000G Datasheet HTML 6Page - Aavid, Thermal Division of Boyd Corporation 579003B00000G Datasheet HTML 7Page - Aavid, Thermal Division of Boyd Corporation 579003B00000G Datasheet HTML 8Page - Aavid, Thermal Division of Boyd Corporation 579003B00000G Datasheet HTML 9Page - Aavid, Thermal Division of Boyd Corporation 579003B00000G Datasheet HTML 10Page - Aavid, Thermal Division of Boyd Corporation 579003B00000G Datasheet HTML 11Page - Aavid, Thermal Division of Boyd Corporation 579003B00000G Datasheet HTML 12Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 116 page
background image
8
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
SW38-2G
10.2
V
56
SW38-4G
10.2
V
56
SW38-6G
10.0
V
59
534002B02554G
9.0
V
50
533202B02551G
9.0
V
55
513202B02500G
9.0
V
58
SW50-2G
8.8
V
56
SW50-4G
8.8
V
56
YB32-4G
8.4
V
61
533302B02551G
8.0
V
55
530002B02500G
2.6
V
56
513302B02500G
8.0
V
58
531302B02500G
8.0
V
59
531302V02500G
8.0
V
59
531202V02500G
7.5
V
59
531202B02500G
7.5
V
59
BW38-2G
7.2
V
58
BW38-4G
7.2
V
58
SW63-2G
7.0
V
56
SW63-4G
7.0
V
56
BW50-2G
5.8
V
58
BW50-4G
5.8
V
58
533702B02552G
5.7
V
57
6396BG
5.6
V
60
6396B-P2G
5.6
V
60
532602B02500G
5.5
V
50
529702B02500G
5.5
V
56
533402B02552G
5.0
V
57
532702B02500G
4.8
V
50
BW63-2G
4.7
V
58
BW63-4G
4.7
V
58
529902B02500G
4.5
V
56
533502B02552G
4.5
V
57
6398BG
4.4
V
60
6398B-P2G
4.4
V
60
532802B02500G
4.2
V
50
533602B02552G
3.8
V
57
529802B02500G
3.7
V
56
6399BG
3.3
V
60
6399B-P2G
3.3
V
60
6400BG
2.7
V
60
6400B-P2G
2.7
V
60
Hat Section Heat Sinks
6237BG
25.0
H
42
6237PBG
25.0
H
42
TV96G
24.0
H
53
7137DG
20.8
V
42
7140DG
20.8
H
42
506902B00000G
20.0
V
42
TV97G
20.0
H–V
53
507002B00000G
15.6
H–V
42
507102B00000G
15.6
H–V
42
507222B00000G
9.6
H
42
High Rise Style Heat Sinks
530102B00100G
6.3
V
54
530102B00150G
6.3
V
54
530802B05100G
6.3
V
54
530802B05150G
6.3
V
54
530402B00100G
6.3
V
55
530402B00150G
6.3
V
55
Plug In Style Heat Sinks
576802B00000G
27.3
V
52
576802V00000G
32.6
V
52
576802U00000G
32.6
V
52
576802B03100G
27.3
H
52
576802V03100G
32.6
H
52
576802U03100G
32.6
H
52
576802B04000G
27.3
V
52
576802V04000G
32.6
V
52
576802U04000G
32.6
V
52
591202B00000G
26.8
H-V
51
591202B03100G
26.8
H
51
591202B04000G
26.8
V
51
591302B00000G
26.8
H-V
51
591302B02800G
26.8
V
51
591302B04000G
26.8
H
51
PF432G
20.3
V
52
PF433G
20.3
V
52
PF434G
20.3
H
52
PF435G
20.3
V
52
PF436G
20.3
H
52
566902B00000G
18.8
H-V
53
566902B03100G
18.8
H
53
566902B04000G
18.8
V
53
Slide On Heat Sinks
PF730G
35.8
V
65
PF732G
35.8
V
65
PF720G
28.9
V
44
PF723G
28.9
V
44
PF752G
23.7
V
44
574402B00000G
23.2
H-V
45
574402B03200G
23.2
H
45
574102B00000G
23.2
H–V
45
574102B03300G
23.2
V
45
574602B00000G
21.6
H-V
45
574602B03300G
21.6
V
45
574502B00000G
21.2
H-V
45
574502B03300G
21.2
V
45
PF750G
20.3
V
44
PF758G
17.3
V
44
574902B00000G
16.0
H-V
45
574902B03300G
16.0
V
45
Snap Down Style Heat Sinks
575102B00000G
16.8
H–V
46
579302B00000G
16.8
V
46
579402B00000G
16.8
V
46
Space Saving Heat Sinks
542502B00000G
24.0
H
49
542502D00000G
24.0
H
49
592502B03400G
22.0
V
49
592502U03400G
22.0
V
49
6025DG
17.9
V
48
6022PBG
16.7
V
47
6022BG
16.7
V
47
6225B-MTG
15.0
V
47
593202B03500G
10.4
V
48
6232B-MTG
10.0
V
48
6232PB-MTG
10.0
V
48
6032DG
8.3
V
47
Square Basket Heat Sink
569022B00000G
5.5
H
42
Dual Extruded Heat Sinks
533721B02552G
5.7
V
57
533421B02552G
5.0
V
57
533521B02552G
4.5
V
57
533621B02552G
3.8
V
57
Dual High Rise Style Heat Sinks
530161B00162G
4.4
V
54
530861B05162G
4.4
V
54
Extruded Heat Sinks
513001B02500G
13.4
V
58
533001B02551G
13.0
V
55
SW25-2G
11.4
V
56
SW25-4G
11.4
V
56
533101B02551G
11.0
V
55
513101B02500G
11.0
V
58
SW38-2G
10.2
V
56
SW38-4G
10.2
V
56
533201B02551G
9.0
V
55
513201B02500G
9.0
V
58
SW50-2G
8.8
V
56
SW50-4G
8.8
V
56
YB32-4G
8.4
V
61
533301B02551G
8.0
V
55
530001B02500G
8.0
V
56
513301B02500G
8.0
V
58
BW38-2G
7.2
V
58
BW38-4G
7.2
V
58
SW63-2G
7.0
V
56
SW63-4G
7.0
V
56
6380BG
6.8
V
60
BW50-2G
5.8
V
58
BW50-4G
5.8
V
58
6381BG
5.8
V
60
533701B02552G
5.7
V
57
6396BG
5.6
V
60
6396B-P2G
5.6
V
60
529701B02500G
5.5
V
56
533401B02552G
5.0
V
57
6374BG
5.0
V
61
529801B02500G
5.0
V
56
BW63-2G
4.7
V
58
BW63-4G
4.7
V
58
529901B02500G
4.5
V
56
533501B02552G
4.5
V
57
6398BG
4.4
V
60
6398B-P2G
4.4
V
60
6382BG
4.2
V
60
533601B02552G
3.8
V
57
6399BG
3.3
V
60
6399B-P2G
3.3
V
60
6400BG
2.7
V
60
6400B-P2G
2.7
V
60
Hat Section Heat Sinks
TV96G
24.0
H
53
TV97G
20.0
H–V
53
High Rise Style Heat Sinks
530101B00100G
6.3
V
54
530101B00150G
6.3
V
54
530801B05100G
6.3
V
54
530801B05150G
6.3
V
54
530401B00100G
6.3
V
55
530401B00150G
6.3
V
55
Plug In Style Heat Sinks
576802B00000G
27.3
H–V
52
576802V00000G
32.6
H–V
52
576802U00000G
32.6
H–V
52
576802B03100G
27.3
H
52
576802V03100G
32.6
H
52
576802U03100G
32.6
H
52
576802B04000G
27.3
V
52
576802V04000G
32.6
V
52
576802U04000G
32.6
V
52
591202B00000G
26.8
H-V
51
591202B03100G
26.8
H
51
591202B04000G
26.8
V
51
591302B00000G
26.8
H-V
51
591302B02800G
26.8
V
51
591302B04000G
26.8
H
51
566902B00000G
18.8
H-V
53
566902B03100G
18.8
H
53
566902B04000G
18.8
V
53
PF432G
20.3
V
52
PF433G
20.3
V
52
PF434G
20.3
H
52
PF435G
20.3
V
52
PF436G
20.3
H
52
Index by Device Cooled, Heat Sink Style, and Thermal Resistance
TO-247
TO-262
TO-220 CONTINUED
Board
Part Number
θn
Mounting Page
Board
Part Number
θn
Mounting Page
Board
Part Number
θn
Mounting Page
KEY
H =
Horizontal mount
V =
Vertical mount
H–V =
Either horizontal or vertical
depending on device leads
θn =
Natural convection thermal resistance
based on a 75°C heat sink temperature rise


Similar Part No. - 579003B00000G

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
579003B00000G AAVID-579003B00000G Datasheet
8Mb / 116P
   How to Use This Catalog
More results

Similar Description - 579003B00000G

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
APR19-19-12CB CTS-APR19-19-12CB_16 Datasheet
200Kb / 1P
   Forged Heat Skins With Pin Fins
logo
Richtek Technology Corp...
RT9198T RICHTEK-RT9198T Datasheet
290Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9193T RICHTEK-RT9193T Datasheet
296Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9017 RICHTEK-RT9017 Datasheet
307Kb / 12P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
RT9016 RICHTEK-RT9016 Datasheet
299Kb / 11P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
logo
Advanced Thermal Soluti...
ATS-61350W-C1-R0 ATS-ATS-61350W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61375R-C1-R0 ATS-ATS-61375R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400K-C1-R0 ATS-ATS-61400K-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400W-C1-R0 ATS-ATS-61400W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61300R-C1-R0 ATS-ATS-61300R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com