Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3SS3415RUAR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS3415RUAR
Description  4-Channel High-Performance Differential Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS3415RUAR Datasheet(HTML) 1 Page - Texas Instruments

  HD3SS3415RUAR Datasheet HTML 1Page - Texas Instruments HD3SS3415RUAR Datasheet HTML 2Page - Texas Instruments HD3SS3415RUAR Datasheet HTML 3Page - Texas Instruments HD3SS3415RUAR Datasheet HTML 4Page - Texas Instruments HD3SS3415RUAR Datasheet HTML 5Page - Texas Instruments HD3SS3415RUAR Datasheet HTML 6Page - Texas Instruments HD3SS3415RUAR Datasheet HTML 7Page - Texas Instruments HD3SS3415RUAR Datasheet HTML 8Page - Texas Instruments HD3SS3415RUAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
GND
Top View
RUA
Package
A2+
C1+
A2-
C2+
A1+
C2-
C3+
C3-
A0-
VDD
VDD
NC
SEL
GND
B2-
B1+
B1-
B3+
B3-
NC
GND
VDD
GND
B0+
B0-
NC
B2+
C1-
A0+
C0+
C0-
A1-
A3+
A3-
HD3SS3415
www.ti.com
SLAS840 – MARCH 2012
4-Channel High-Performance Differential Switch
Check for Samples: HD3SS3415
1
FEATURES
Compatible with Multiple Interface Standards
Operating up to 12Gbps Including PCI Express
Gen III and USB 3.0
Wide –3dB Differential BW of over 8GHz
Excellent Dynamic Characteristics (at 4GHz)
Crosstalk = –35dB
Off Isolation = –19dB
Insertion Loss = –1.5dB
Return Loss = –11dB
VDD Operating Range 3.3 V ±10%
Small 3.5 mm x 9.0 mm, 42-Pin TQFN Package
Common Industry Standard Pinout
APPLICATIONS
Desktop and Notebook PCs
Server/Storage Area Networks
PCI Express Backplanes
Shared I/O Ports
Figure 1. HD3SS3415 Pinout & Switch Flow
Through Routing
DESCRIPTION
The HD3SS3415 is a high-speed passive switch capable of switching four differential channels, including
applications such as two full PCI Express x1 lanes from one source to one of two target locations in a PC/server
application. With its bidirectional capability the HD3SS3415 will also support applications that allow connections
between one target and two source devices, such as a shared peripheral between two platforms. The
HD3SS3415 has a single control line (SEL Pin) which can be used to control the signal path between Port A and
either Port B or Port C.
The HD3SS3415 is offered in an industry standard 42-pin QFN package available in a common footprint shared
by several other vendors. The device is specified to operate from a single supply voltage of 3.3V over the full
industrial temperature range of –40°C to 85ºC
The HD3SS3415 is a generic 4-CH high speed mux/demux type of switch that can be used for routing high-
speed signals between two different locations on a circuit board. Although it was designed specifically to address
PCI Express Gen III applications, the HD3SS3415 will also support several other high-speed data protocols with
a differential amplitude of <1800mVpp and a common mode voltage of <2.0V, as with USB 3.0 and DisplayPort
1.2. The device’s one select input (SEL) pin can easily be controlled by an available GPIO pin within a system or
from a micro-controller.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - HD3SS3415RUAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3411 TI1-HD3SS3411 Datasheet
1Mb / 21P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
HD3SS3411 TI1-HD3SS3411 Datasheet
1Mb / 23P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
HD3SS3411-Q1 TI1-HD3SS3411-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
HD3SS3411I TI1-HD3SS3411I Datasheet
1Mb / 23P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
HD3SS3411IRWAR TI1-HD3SS3411IRWAR Datasheet
1Mb / 21P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
More results

Similar Description - HD3SS3415RUAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3412A TI1-HD3SS3412A Datasheet
1Mb / 26P
[Old version datasheet]   4-Channel High-Performance Differential Switch
HD3SS3412 TI-HD3SS3412 Datasheet
864Kb / 18P
[Old version datasheet]   4-Channel High-Performance Differential Switch
HD3SS3412 TI1-HD3SS3412_16 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel High-Performance Differential Switch
logo
Analog Devices
ADAU1962 AD-ADAU1962 Datasheet
690Kb / 48P
   12-Channel, High Performance Differential Output DAC
ADAU1966 AD-ADAU1966_16 Datasheet
2Mb / 52P
   16-Channel High Performance Differential Output DAC
logo
Pericom Semiconductor C...
PI6C49S1504 PERICOM-PI6C49S1504 Datasheet
1Mb / 10P
   High Performance Selectable 1:4 Differential Fanout Buffer
logo
List of Unclassifed Man...
P7350 ETC2-P7350 Datasheet
1Mb / 4P
   High-performance Differential Probes
logo
New Jersey Semi-Conduct...
2N3728 NJSEMI-2N3728 Datasheet
197Kb / 2P
   NPN HIGH PERFORMANCE DIFFERENTIAL AMPLIFIERS
logo
Pericom Semiconductor C...
PI6C49S1510 PERICOM-PI6C49S1510 Datasheet
3Mb / 16P
   High Performance Differential Fanout Buffer
logo
Microchip Technology
DSC12X2 MICROCHIP-DSC12X2 Datasheet
918Kb / 32P
   High Performance Differential MEMS Oscillators
08/15/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com