Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA193A-EP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA193A-EP
Description  CURRENT SHUNT MONITORS??6 V to 80 V Common Mode Range
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA193A-EP Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA193A-EP Datasheet HTML 4Page - Texas Instruments INA193A-EP Datasheet HTML 5Page - Texas Instruments INA193A-EP Datasheet HTML 6Page - Texas Instruments INA193A-EP Datasheet HTML 7Page - Texas Instruments INA193A-EP Datasheet HTML 8Page - Texas Instruments INA193A-EP Datasheet HTML 9Page - Texas Instruments INA193A-EP Datasheet HTML 10Page - Texas Instruments INA193A-EP Datasheet HTML 11Page - Texas Instruments INA193A-EP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
www.ti.com
APPLICATION INFORMATION
Basic Connection
R
S
Load
I
S
V+
OUT
R
L
R
1
R
2
2.7Vto18V
-
16Vto80V
V
IN+
V
IN
-
V
IN+
INA193A INA198A
-
Power Supply
Accuracy Variations as a Result of V
SENSE and Common-Mode Voltage
INA193A-EP,, INA194A-EP,, INA195A-EP
INA196A-EP, INA197A-EP, INA198A-EP
SBOS400 – MAY 2007
Figure 1 shows the basic connection of the INA193A–INA198A. The input pins, VIN+ and VIN–, should be
connected as closely as possible to the shunt resistor to minimize any resistance in series with the shunt
resistance.
Power-supply bypass capacitors are required for stability. Applications with noisy or high impedance power
supplies may require additional decoupling capacitors to reject power supply noise. Connect bypass capacitors
close to the device pins.
Figure 1. INA193A–INA198A Basic Connection
The input circuitry of the INA193A–INA198A can accurately measure beyond its power supply voltage, V+. For
example, the V+ power supply can be 5 V, whereas the load power supply voltage is up to 80 V. The output
voltage range of the OUT terminal, however, is limited by the voltages on the power-supply pin.
The accuracy of the INA193A–INA198A current shunt monitors is a function of two main variables:
VSENSE (VIN+– VIN–) and common-mode voltage, VCM, relative to the supply voltage, VS. VCM is expressed as
(VIN+ + VIN–)/2; however, in practice, VCM is seen as the voltage at VIN+ because the voltage drop across VSENSE
is usually small.
8
Submit Documentation Feedback


Similar Part No. - INA193A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA193A-EP TI-INA193A-EP_15 Datasheet
918Kb / 23P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V COMMON MODE RANGE
More results

Similar Description - INA193A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA193A-Q1 TI1-INA193A-Q1 Datasheet
464Kb / 22P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V Common-Mode Range
INA193A-Q1 TI1-INA193A-Q1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Current Shunt Monitors ??6-V to 80-V Common-Mode Range
INA193A-EP TI-INA193A-EP_15 Datasheet
918Kb / 23P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V COMMON MODE RANGE
INA193A-Q1 TI-INA193A-Q1_15 Datasheet
945Kb / 30P
[Old version datasheet]   INA19xA-Q1 Current Shunt Monitors ??6-V to 80-V Common-Mode Range
INA193 TI1-INA193_17 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA193 TI1-INA193_15 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA195 TI-INA195_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA19x Current Shunt Monitor ??6 V to 80 V Common-Mode Range
logo
ON Semiconductor
NCS21673 ONSEMI-NCS21673 Datasheet
873Kb / 16P
   Current-Shunt Monitors, 40 V Common Mode, Unidirectional, Single, Dual, Quad
August, 2021 ??Rev. 0
logo
Texas Instruments
INA193AIDBVRG4 TI1-INA193AIDBVRG4 Datasheet
627Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA194AIDBVTG4 TI1-INA194AIDBVTG4 Datasheet
513Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com