Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA194A-EP Datasheet(PDF) 4 Page - Texas Instruments

Part # INA194A-EP
Description  CURRENT SHUNT MONITORS??6 V to 80 V Common Mode Range
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA194A-EP Datasheet(HTML) 4 Page - Texas Instruments

  INA194A-EP Datasheet HTML 1Page - Texas Instruments INA194A-EP Datasheet HTML 2Page - Texas Instruments INA194A-EP Datasheet HTML 3Page - Texas Instruments INA194A-EP Datasheet HTML 4Page - Texas Instruments INA194A-EP Datasheet HTML 5Page - Texas Instruments INA194A-EP Datasheet HTML 6Page - Texas Instruments INA194A-EP Datasheet HTML 7Page - Texas Instruments INA194A-EP Datasheet HTML 8Page - Texas Instruments INA194A-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.ti.com
INA193A-EP,, INA194A-EP,, INA195A-EP
INA196A-EP, INA197A-EP, INA198A-EP
SBOS400 – MAY 2007
Electrical Characteristics (continued)
V
S = + 12 V. Boldface limits apply over the specified temperature range, TA = –55°C to 125°C. All specifications at
T
A = 25°C, VS = 12 V, VIN+ = 12 V, and VSENSE = 100 mV (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT (VSENSE < 20 mV)(2)
All devices
–16 V
≤ V
CM < 0 V
300
mV
INA193A, INA196A
0 V
≤ V
CM ≤ VS, VS = 5 V
0.4
V
INA194A, INA197A
0 V
≤ V
CM ≤ VS, VS = 5 V
1
V
INA195A, INA198A
0 V
≤ V
CM ≤ VS, VS = 5 V
2
V
All devices
VS < VCM ≤ 80 V
300
mV
VOLTAGE OUTPUT(3)
RL = 100 KΩ to GND
Swing to V+ power-supply rail
(V+) – 0.1
(V+) – 0.2
V
Swing to GND(4)
VGND + 3
VGND + 50
mV
FREQUENCY RESPONSE
Bandwidth INA193A, INA196A,
BW CLOAD = 5 pF
500
kHz
INA194A, INA197A,
CLOAD = 5 pF
300
kHz
INA195A, INA198A
CLOAD = 5 pF
200
kHz
Phase margin
CLOAD < 10 nF
40
Degrees
Slew rate
SR
1
V/
µs
VSENSE = 10 mV to 100 mVPP,
Settling time (1%)
tS
2
µs
CLOAD = 5 pF
NOISE, RTI
Voltage noise density
40
nV/
√Hz
POWER SUPPLY
Operating range
VS
2.7
18
V
Quiescent Current
IQ VOUT = 2 V
700
1300
µA
VSENSE = 0 mV
370
950
µA
TEMPERATURE RANGE
Specified temperature range
–55
125
°C
Operating temperature range
–55
150
°C
Storage temperature range
–65
150
°C
Thermal resistance, SOT23
θ
JA
200
°C/W
(2)
For details on this region of operation, see the Accuracy Variations as a Result of VSENSE and Common-Mode Voltage section in the
Applications Information.
(3)
See Typical Characteristic curve Output Swing vs Output Current.
(4)
Specified by design
4
Submit Documentation Feedback


Similar Part No. - INA194A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA194A-Q1 TI1-INA194A-Q1 Datasheet
464Kb / 22P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V Common-Mode Range
INA194A-Q1 TI-INA194A-Q1 Datasheet
945Kb / 30P
[Old version datasheet]   INA19xA-Q1 Current Shunt Monitors ??6-V to 80-V Common-Mode Range
More results

Similar Description - INA194A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA193A-Q1 TI1-INA193A-Q1 Datasheet
464Kb / 22P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V Common-Mode Range
INA193A-Q1 TI1-INA193A-Q1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Current Shunt Monitors ??6-V to 80-V Common-Mode Range
INA193A-EP TI-INA193A-EP_15 Datasheet
918Kb / 23P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V COMMON MODE RANGE
INA193A-Q1 TI-INA193A-Q1_15 Datasheet
945Kb / 30P
[Old version datasheet]   INA19xA-Q1 Current Shunt Monitors ??6-V to 80-V Common-Mode Range
INA193 TI1-INA193_17 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA193 TI1-INA193_15 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA195 TI-INA195_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA19x Current Shunt Monitor ??6 V to 80 V Common-Mode Range
logo
ON Semiconductor
NCS21673 ONSEMI-NCS21673 Datasheet
873Kb / 16P
   Current-Shunt Monitors, 40 V Common Mode, Unidirectional, Single, Dual, Quad
August, 2021 ??Rev. 0
logo
Texas Instruments
INA193AIDBVRG4 TI1-INA193AIDBVRG4 Datasheet
627Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA194AIDBVTG4 TI1-INA194AIDBVTG4 Datasheet
513Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com