Electronic Components Datasheet Search |
|
INA198A-EP Datasheet(PDF) 1 Page - Texas Instruments |
|
INA198A-EP Datasheet(HTML) 1 Page - Texas Instruments |
1 / 20 page www.ti.com FEATURES APPLICATIONS INA193 INA194 INA195 DBVPACKAGE 1 2 3 5 4 OUT GND V IN+ V+ V IN - PINOUT1 INA196 INA197 INA198 DBVPACKAGE 1 2 3 5 4 V+ GND OUT V IN - V IN+ PINOUT2 DESCRIPTION INA193A-EP,, INA194A-EP,, INA195A-EP INA196A-EP, INA197A-EP, INA198A-EP SBOS400 – MAY 2007 CURRENT SHUNT MONITORS –16 V to +80 V Common Mode Range • Complete Current Sense Solution • Controlled Baseline – One Assembly/Test Site, One Fabrication • Welding Equipment Site • Notebook Computers • Extended Temperature Performance of –55°C • Cell Phones to 125 °C • Telecom Equipment • Enhanced Diminishing Manufacturing Sources • Automotive (DMS) Support • Power Management • Enhanced Product-Change Notification • Battery Chargers • Qualification Pedigree (1) xxx • Wide Common-Mode Voltage: xxx –16 V to +80 V • Low Error: 3.0% Over Temp (Max) • Bandwidth: Up to 500 kHz • Three Transfer Functions Available: 20 V/V, 50 V/V, and 100 V/V (1) Component qualification in accordance with JEDEC and industry standards to ensure reliable operation over an extended temperature range. This includes, but is not limited to, Highly Accelerated Stress Test (HAST) or biased 85/85, electromigration, bond intermetallic life, and mold compound life. Such qualification testing should not be viewed as justifying use of this component beyond specified performance and environmental limits. The INA193A–INA198A family of current shunt monitors with voltage output can sense drops across shunts at common-mode voltages from –16 V to 80 V, independent of the INA19x supply voltage. They are available with three output voltage scales: 20 V/V, 50 V/V, and 100 V/V. The 500 kHz bandwidth simplifies use in current control loops. The INA193A–INA195A provide identical functions but alternative pin configurations to the INA196A–INA198A, respectively. The INA193A–INA198A operate from a single 2.7 V to 18 V supply, drawing a maximum of 1300 µA of supply current. They are specified over the extended operating temperature range (–55 °C to 125°C), and are offered in a space-saving SOT23 package. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. All trademarks are the property of their respective owners. PRODUCTION DATA information is current as of publication date. Copyright © 2007, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - INA198A-EP |
|
Similar Description - INA198A-EP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |