Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA202-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA202-Q1
Description  High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA202-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA202-Q1 Datasheet HTML 6Page - Texas Instruments INA202-Q1 Datasheet HTML 7Page - Texas Instruments INA202-Q1 Datasheet HTML 8Page - Texas Instruments INA202-Q1 Datasheet HTML 9Page - Texas Instruments INA202-Q1 Datasheet HTML 10Page - Texas Instruments INA202-Q1 Datasheet HTML 11Page - Texas Instruments INA202-Q1 Datasheet HTML 12Page - Texas Instruments INA202-Q1 Datasheet HTML 13Page - Texas Instruments INA202-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
G
0.6V
Reference
Comparator
OUT
CMP
IN
CMP
OUT
RESET
V
IN-
V
IN+
INA200
(G=20)
GND
V+
2
3
4
6
5
7
8
1
R
PULL-UP
4.7kW
Latch
Transparent/Reset
C
BYPASS
0.01 F
m
R
SHUNT
3mW
LoadSupply
-18Vto+80V
Load
5VSupply
R
1
R
2
INA200-Q1
INA201-Q1
INA202-Q1
SBOS558
– APRIL 2011
www.ti.com
APPLICATIONS INFORMATION
BASIC CONNECTIONS
ACCURACY VARIATIONS AS A RESULT OF
VSENSE AND COMMON-MODE VOLTAGE
Figure 27 shows the basic connections of the
INA200-Q1, INA201-Q1, and INA202-Q1. The input
The accuracy of the INA200-Q1, INA201-Q1, and
pins, VIN+ and VIN–, should be connected as closely
INA202-Q1 current shunt monitors is a function of two
as possible to the shunt resistor to minimize any
main
variables:
VSENSE
(VIN+
VIN–)
and
resistance in series with the shunt resistance.
common-mode voltage, VCM, relative to the supply
voltage, VS. VCM is expressed as (VIN+ + VIN–)/2;
Power-supply bypass capacitors are required for
however, in practice, VCM is seen as the voltage at
stability. Applications with noisy or high-impedance
VIN+ because the voltage drop across VSENSE is
power supplies may require additional decoupling
usually small.
capacitors to reject power-supply noise. Connect
bypass capacitors close to the device pins.
This section addresses the accuracy of these specific
operating regions:
POWER SUPPLY
Normal Case 1: VSENSE ≥ 20mV, VCM ≥ VS
Normal Case 2: VSENSE ≥ 20mV, VCM < VS
The input circuitry of the INA200-Q1, INA201-Q1, and
INA202-Q1 can accurately measure beyond the
Low VSENSE Case 1: VSENSE < 20mV, –16V ≤ VCM
power-supply voltage, V+. For example, the V+ power
< 0
supply can be 5V, whereas the load power-supply
Low VSENSE Case 2: VSENSE < 20mV, 0V ≤ VCM
voltage is up to +80V. The output voltage range of
VS
the OUT terminal, however, is limited by the voltages
Low VSENSE Case 3: VSENSE < 20mV, VS < VCM
on the power-supply pin.
80V
Figure 27. INA200-Q1 Basic Connections
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): INA200-Q1 INA201-Q1 INA202-Q1


Similar Part No. - INA202-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA202-Q1 TI1-INA202-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
More results

Similar Description - INA202-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA200AIDR TI1-INA200AIDR Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA202AID TI1-INA202AID Datasheet
1,017Kb / 26P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AID TI1-INA200AID Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200 TI1-INA200_17 Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
INA200 TI-INA200_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com