Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15KPA26A Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 15KPA26A
Description  Glass Passivated Junction TVS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

15KPA26A Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  15KPA26A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 15KPA26A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Glass passivated junction
15000W peak pulse power capability on 10/1000us
waveform
Excellent clamping capability
Repetition rate(duty cycle) : 0.05%
Low incremental surge resistance
Fast response time: typically less than 1.0ps from 0 Volts to BV,
Bidirectonal less than 10 ns
High temperature soldering guaranteed: 265°C/10 seconds/.375",
(9.5mm) lead length,51bs.(2.3kg) tension
Case: Molded plastic over glass passivated junction
, Method 2026
Polarity: Color band denotes positive end (cathode)
except Bipolar
Mounting Position: Any
Weight: 0.07 ounce, 2.5 grams
SYMBOL VALUE
UNITS
PPPM
Minimum
15000
Watts
IPPM
SEE
TABLE 1
Amps
PM(AV)
8
Watts
IFSM
400
Amps
TJ , TSTG
-55 to
+ 175
Electrical characteristics apply in both directions
Plastic package
RATING
Peak Pulse Power Dissipation on 10/1000μs waveform (Note 1,FIG.1)
Peak Pulse Current of on 10/1000μs waveform (Note 1,FIG.3)
Terminal: Plated Axial leads, solderable per MIL-STD-750
DEVICES FOR BIPOLAR APPLICATION
For Bidirectional use C or CA Suffix for types 15KPA17 thru types 15KPA280 (e.g. 15KPA17C , 15KPA280CA)
MAXIMUM RATINGS AND CHARACTERISTICS
Steady State Power Dissipation at TL = 75℃ , Lead lengths.375",(9.5mm) (Note
2)
Peak Forward Surge Current,1/20 second / 25℃ (JEDEC Method)
Operating junction and Storage Temperature Range
STAND-OFF VOLTAGE-17 TO 280 Volts
15000 Watt Peak Pulse Power
Ratings at 25℃ ambient temperature unless otherwise specified.
1.0 (25.4)
MIN.
0.360 (9.1)
0.340 (8.6)
DIA.
0.052 (1.32)
0.048 (1.22)
DIA.
P600
0.360 (9.1)
0.340 (8.6)
1.0 (25.4)
MIN.
15KPA SERIES
Glass Passivated Junction TVS
Features
Mechanical Data
Dimensions in inches and (millimeters)
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 15KPA26A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
15KPA26A PROTEC-15KPA26A Datasheet
72Kb / 5P
   POWER TVS COMPONENT
logo
Socay Electornics Co., ...
15KPA26A SOCAY-15KPA26A Datasheet
452Kb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Leshan Radio Company
15KPA26A LRC-15KPA26A Datasheet
26Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-17 TO 280 Volts 15000 Watt Peak Pulse Power
logo
Socay Electornics Co., ...
15KPA26A SOCAY-15KPA26A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Weitron Technology
15KPA26A WEITRON-15KPA26A Datasheet
231Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 15KPA26A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
30KPA28A LUGUANG-30KPA28A Datasheet
114Kb / 2P
   Glass Passivated Junction TVS
20KPA20A LUGUANG-20KPA20A Datasheet
116Kb / 2P
   Glass Passivated Junction TVS
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
Littelfuse
T10B LITTELFUSE-T10B Datasheet
70Kb / 1P
   Glass passivated junction
logo
Leshan Radio Company
FR156G LRC-FR156G_15 Datasheet
206Kb / 7P
   Glass Passivated Junction
RGP30J LRC-RGP30J_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
UGP10D LRC-UGP10D_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
1N4944G LRC-1N4944G_15 Datasheet
199Kb / 7P
   Glass Passivated Junction
UGP10B LRC-UGP10B_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
logo
Jinan Jing Heng Electro...
U1A JINGHENG-U1A Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com