Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA214-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA214-Q1
Description  VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA214-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA214-Q1 Datasheet HTML 7Page - Texas Instruments INA214-Q1 Datasheet HTML 8Page - Texas Instruments INA214-Q1 Datasheet HTML 9Page - Texas Instruments INA214-Q1 Datasheet HTML 10Page - Texas Instruments INA214-Q1 Datasheet HTML 11Page - Texas Instruments INA214-Q1 Datasheet HTML 12Page - Texas Instruments INA214-Q1 Datasheet HTML 13Page - Texas Instruments INA214-Q1 Datasheet HTML 14Page - Texas Instruments INA214-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
INA21x
V+
OUT
GND
IN-
IN+
PRODUCT
R and R
3
4
INA213
20 kW
C
BYPASS
NOTE: 1-MW paths from shunt inputs to reference and INA21x outputs.
Shutdown
Control
REF
Reference
Voltage
1 MW
R
3
R
2
R
4
Supply
Load
R
SHUNT
Output
INA213
10 kW
INA213-Q1
INA214-Q1
www.ti.com
SBOS475B – MARCH 2009 – REVISED JUNE 2010
SHUTTING DOWN
While the INA21x does not have a shutdown pin, its low power consumption allows powering from the output of a
logic gate or transistor switch that can turn on and turn off the INA21x power-supply quiescent current.
However, in current shunt monitoring applications. there is also a concern for how much current is drained from
the shunt circuit in shutdown conditions. Evaluating this current drain involves considering the simplified
schematic of the INA21x in shutdown mode shown in Figure 25.
Figure 25. Basic Circuit for Shutting Down INA21x With Grounded Reference
Note that there is typically slightly more than 1-M
Ω impedance (from the combination of 1-MΩ feedback and
5-k
Ω input resistors) from each input of the INA21x to the OUT pin and to the REF pin. The amount of current
flowing through these pins depends on the respective ultimate connection. For example, if the REF pin is
grounded, the calculation of the effect of the 1-M
Ω impedance from the shunt to ground is straightforward.
However, if the reference or op amp is powered while the INA21x is shut down, the calculation is direct; instead
of assuming 1 M
Ω to ground, however, assume 1 MΩ to the reference voltage. If the reference or op amp is also
shut down, some knowledge of the reference or op amp output impedance under shutdown conditions is
required. For instance, if the reference source behaves as an open circuit when it is unpowered, little or no
current flows through the 1-M
Ω path.
Regarding the 1-M
Ω path to the output pin, the output stage of a disabled INA21x does constitute a good path to
ground; consequently, this current is directly proportional to a shunt common-mode voltage impressed across a
1-M
Ω resistor.
As a final note, when the device is powered up, there is an additional, nearly constant, and well-matched 25 µA
that flows in each of the inputs as long as the shunt common-mode voltage is 3 V or higher. Below 2-V
common-mode, the only current effects are the result of the 1-M
Ω resistors.
REF INPUT IMPEDANCE EFFECTS
As with any difference amplifier, the INA21x common-mode rejection ratio is affected by any impedance present
at the REF input. This concern is not a problem when the REF pin is connected directly to most references or
power supplies. When using resistive dividers from the power supply or a reference voltage, the REF pin should
be buffered by an op amp.
In systems where the INA21x output can be sensed differentially, such as by a differential input analog-to-digital
converter (ADC) or by using two separate ADC inputs, the effects of external impedance on the REF input can
be cancelled. Figure 26 depicts a method of taking the output from the INA21x by using the REF pin as a
reference.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): INA213-Q1 INA214-Q1


Similar Part No. - INA214-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA214-Q1 TI1-INA214-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT
INA214-Q1 TI1-INA214-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Automotive-Grade, Voltage Output, Low- or High-Side Measurement
INA214-Q1 TI1-INA214-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
More results

Similar Description - INA214-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA210 TI1-INA210_17 Datasheet
1Mb / 44P
[Old version datasheet]   Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
INA191 TI1-INA191 Datasheet
461Kb / 22P
[Old version datasheet]   Low-supply, voltage-output, low-side or high-side measurement, zero-drift series, current-shunt monitor
INA212-Q1 TI1-INA212-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT
INA210 TI-INA210_08 Datasheet
583Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
INA210 TI-INA210_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
INA190 TI1-INA190 Datasheet
369Kb / 20P
[Old version datasheet]   Low Supply, Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
INA240 TI1-INA240 Datasheet
543Kb / 8P
[Old version datasheet]   Wide Common-Mode Range, Voltage Output High- or Low-Side Bidirectional, Zero-Drift, Current-Shunt Monitor
logo
ON Semiconductor
NCS210R ONSEMI-NCS210R_V02 Datasheet
740Kb / 18P
   Current-Shunt Monitors, Voltage Output, Bidirectional, Zero-Drift, Low- or High-Side Current Sensing
June, 2023 - Rev. 9
NCS210R ONSEMI-NCS210R_V01 Datasheet
743Kb / 18P
   Current-Shunt Monitors, Voltage Output, Bidirectional Zero-Drift, Low- or High-Side Current Sensing
August, 2021 - Rev. 8
logo
Analog Devices
AD8218 AD-AD8218 Datasheet
351Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com