Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN61000-4-4 Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # EN61000-4-4
Description  Panel Mount Power Supply 5V 35W 1Phase
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

EN61000-4-4 Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  EN61000-4-4 Datasheet HTML 1Page - Delta Electronics, Inc. EN61000-4-4 Datasheet HTML 2Page - Delta Electronics, Inc. EN61000-4-4 Datasheet HTML 3Page - Delta Electronics, Inc. EN61000-4-4 Datasheet HTML 4Page - Delta Electronics, Inc. EN61000-4-4 Datasheet HTML 5Page - Delta Electronics, Inc. EN61000-4-4 Datasheet HTML 6Page - Delta Electronics, Inc. EN61000-4-4 Datasheet HTML 7Page - Delta Electronics, Inc. EN61000-4-4 Datasheet HTML 8Page - Delta Electronics, Inc. EN61000-4-4 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Panel Mount Power Supply 5V 35W 1Phase
www.DeltaPSU.com
5
Derating Curve
Note
1.
Do not use the power supply in areas outside the shaded portion as shown in the above graph, internal
parts may occasionally deteriorate or be damaged.
2.
For the power derating refer above graph ambient temperature > 50°C, the output capacity has
to be reduced by 2.5% per Kelvin increase in temperature. If the output capacity is not reduced
when Amb > 50°C device will run into thermal protection by switching off i.e. device will go in
bouncing mode and will recover when Amb is lowered or load is reduced as far as necessary to
keep device in working condition.
3.
If the power supply has to be mounted in any other direction please contact your service
provider.
4.
In order for the device to function in the manner intended, it is also necessary to observe lateral
spacing of 20 mm to other modules.
5.
Depending on the ambient temperature and load of the device, the temperature of the housing
can become very high!


Similar Part No. - EN61000-4-4

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
EN61000-4-4 GE-EN61000-4-4 Datasheet
197Kb / 7P
   CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
List of Unclassifed Man...
EN61000-4-4 ETC2-EN61000-4-4 Datasheet
122Kb / 3P
   Small and compact size
EN61000-4-4 ETC2-EN61000-4-4 Datasheet
611Kb / 4P
   Hardened Unmanaged 8-port 10/100BASE M12 (8 PoE)
More results

Similar Description - EN61000-4-4

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-12V035W1AA DELTA-PMC-12V035W1AA Datasheet
932Kb / 2P
   Panel Mount Power Supply 12V 35W 1 Phase
PMC-24V035W1AA DELTA-PMC-24V035W1AA Datasheet
878Kb / 2P
   Panel Mount Power Supply 24V 35W 1 Phase
logo
Sanyo Semicon Device
STK401-060 SANYO-STK401-060 Datasheet
1Mb / 8P
   AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.4%)
STK4161V SANYO-STK4161V Datasheet
247Kb / 8P
   AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.08%)
logo
Astrodyne Corporation
RS-35 ASTRODYNE-RS-35 Datasheet
448Kb / 2P
   35W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-35 RSG-RS-35 Datasheet
149Kb / 2P
   35W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-35 MEANWELL-RS-35_11 Datasheet
379Kb / 2P
   35W Single Output Switching Power Supply
logo
Sanyo Semicon Device
STK4162II SANYO-STK4162II Datasheet
460Kb / 8P
   AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.4%)
logo
Mean Well Enterprises C...
PS-35 MEANWELL-PS-35_11 Datasheet
292Kb / 2P
   35W Single Output Switching Power Supply
APC-35 MEANWELL-APC-35_12 Datasheet
647Kb / 2P
   35W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com