Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA220BQDGSRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA220BQDGSRQ1
Description  High- or Low-Side, Bidirectional Current Power Monitor with 2-Wire Interface
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA220BQDGSRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  INA220BQDGSRQ1 Datasheet HTML 1Page - Texas Instruments INA220BQDGSRQ1 Datasheet HTML 2Page - Texas Instruments INA220BQDGSRQ1 Datasheet HTML 3Page - Texas Instruments INA220BQDGSRQ1 Datasheet HTML 4Page - Texas Instruments INA220BQDGSRQ1 Datasheet HTML 5Page - Texas Instruments INA220BQDGSRQ1 Datasheet HTML 6Page - Texas Instruments INA220BQDGSRQ1 Datasheet HTML 7Page - Texas Instruments INA220BQDGSRQ1 Datasheet HTML 8Page - Texas Instruments INA220BQDGSRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
INA220B-Q1
www.ti.com
SLOS785A – JUNE 2012 – REVISED JUNE 2012
High- or Low-Side, Bidirectional
Current Power Monitor with 2-Wire Interface
Check for Samples: INA220B-Q1
1
FEATURES
DESCRIPTION
The INA220B-Q1 device is a current shunt and power
Qualified for Automotive Applications
monitor with an 2-wire interface. The INA220B-Q1
AEC-Q100 Qualified with the following results:
device monitors both shunt drop and supply voltage.
Device Temperature Grade 1: –40°C to
A programmable calibration value, combined with an
125°C Ambient Operating Temperature
internal
multiplier,
enables
direct
readouts
in
amperes. An additional multiplying register calculates
Range
power in watts. The 2-wire interface features 16
Device HBM ESD Classification Level H2
programmable addresses. The separate shunt input
Device CDM ESD Classification Level C3B
on the INA220B-Q1 device allows it to be used in
High- or Low-Side Sensing
systems with low-side sensing.
Senses Bus Voltages From 0 V to 26 V
The INA220B-Q1 device is available in two grades: A
and B. The B grade version has higher accuracy and
Reports Current, Voltage, and Power
higher precision specifications.
16 Programmable Addresses
The INA220B-Q1 device senses across shunts on
High Accuracy: 0.5% (Max) Over Temperature
buses that can vary from 0 V to 26 V, useful for low-
(INA220B-Q1)
side sensing or CPU power supplies. The device
User-Programmable Calibration
uses a single 3 V to 5.5 V supply, drawing a
Fast (3.4 MHz) 2-Wire Mode
maximum of 1 mA of supply current. The INA220B-
Q1 device operates from –40°C to 125°C.
MSOP-10 Package
RELATED PRODUCTS
APPLICATIONS
DESCRIPTION
DEVICE
Automotive
Current/Power Monitor with Watchdog, Peak-Hold,
INA209
and Fast Comparator Functions
Servers
INA210, INA211,
Telecom Equipment
Zero-Drift, Low-Cost, Analog Current Shunt Monitor
INA212, INA213,
Series in Small Package
INA214
Notebook Computers
Zero-Drift, Bidirectional Current Power Monitor with
INA219
Power Management
2-Wire Interface
Battery Chargers
Power Supplies
Test Equipment
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - INA220BQDGSRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA220BQDGSRQ1 TI1-INA220BQDGSRQ1 Datasheet
1Mb / 38P
[Old version datasheet]   Automotive Grade, 26-V, Bi-Directional, Zero-Drift, Low- or High-Side, I2C-Compatible Current/Power Monitor
More results

Similar Description - INA220BQDGSRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA220B-Q1 TI-INA220B-Q1_15 Datasheet
1Mb / 40P
[Old version datasheet]   High- or Low-Side, Bidirectional Current Power Monitor with 2-Wire Interface
INA230 TI1-INA230_13 Datasheet
796Kb / 35P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA230 TI-INA230_15 Datasheet
734Kb / 36P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C??Interface
INA230 TI1-INA230_17 Datasheet
924Kb / 37P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA220 TI1-INA220 Datasheet
1Mb / 36P
[Old version datasheet]   High- or Low-Side, Bidirectional Current and Power Monitor
INA231 TI-INA231 Datasheet
448Kb / 32P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
INA231 TI-INA231_15 Datasheet
955Kb / 36P
[Old version datasheet]   High- or Low-Side Measurement,Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
INA231 TI1-INA231_17 Datasheet
1,021Kb / 37P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C Interface
INA220 TI-INA220 Datasheet
1Mb / 35P
[Old version datasheet]   High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
INA220BIDGSR TI1-INA220BIDGSR Datasheet
1Mb / 39P
[Old version datasheet]   High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com