Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN61000-4-11 Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # EN61000-4-11
Description  Panel Mount Power Supply 5V 35W 1Phase
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

EN61000-4-11 Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  EN61000-4-11 Datasheet HTML 1Page - Delta Electronics, Inc. EN61000-4-11 Datasheet HTML 2Page - Delta Electronics, Inc. EN61000-4-11 Datasheet HTML 3Page - Delta Electronics, Inc. EN61000-4-11 Datasheet HTML 4Page - Delta Electronics, Inc. EN61000-4-11 Datasheet HTML 5Page - Delta Electronics, Inc. EN61000-4-11 Datasheet HTML 6Page - Delta Electronics, Inc. EN61000-4-11 Datasheet HTML 7Page - Delta Electronics, Inc. EN61000-4-11 Datasheet HTML 8Page - Delta Electronics, Inc. EN61000-4-11 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Panel Mount Power Supply 5V 35W 1Phase
www.DeltaPSU.com
2
Device Description
Mechanical Drawing
MECHANICAL SPECIFICATION
Dimension
98 mm X 97 mm X 38 mm (H x W x D)
Weight
0.18kg
Cooling System
Convection
Input & Output Terminal
Terminal Block with screw M3.5 x5 pins (rated 300VAC, 20A)
Output Indicator
Green LED (DC OK)
Casing
Aluminum
Description (Fig.1)
1) Input & Output terminal block connector
2) DC Voltage adjustment potentiometer
3) DC OK control LED (green)


Similar Part No. - EN61000-4-11

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
EN61000-4-11 VICOR-EN61000-4-11 Datasheet
347Kb / 12P
   ENMods Component Power Front End System for EN Compliance
logo
General Semiconductor
EN61000-4-11 GE-EN61000-4-11 Datasheet
197Kb / 7P
   CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
List of Unclassifed Man...
EN61000-4-11 ETC2-EN61000-4-11 Datasheet
122Kb / 3P
   Small and compact size
More results

Similar Description - EN61000-4-11

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-12V035W1AA DELTA-PMC-12V035W1AA Datasheet
932Kb / 2P
   Panel Mount Power Supply 12V 35W 1 Phase
PMC-24V035W1AA DELTA-PMC-24V035W1AA Datasheet
878Kb / 2P
   Panel Mount Power Supply 24V 35W 1 Phase
logo
Sanyo Semicon Device
STK401-060 SANYO-STK401-060 Datasheet
1Mb / 8P
   AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.4%)
STK4161V SANYO-STK4161V Datasheet
247Kb / 8P
   AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.08%)
logo
Astrodyne Corporation
RS-35 ASTRODYNE-RS-35 Datasheet
448Kb / 2P
   35W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-35 RSG-RS-35 Datasheet
149Kb / 2P
   35W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-35 MEANWELL-RS-35_11 Datasheet
379Kb / 2P
   35W Single Output Switching Power Supply
logo
Sanyo Semicon Device
STK4162II SANYO-STK4162II Datasheet
460Kb / 8P
   AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.4%)
logo
Mean Well Enterprises C...
PS-35 MEANWELL-PS-35_11 Datasheet
292Kb / 2P
   35W Single Output Switching Power Supply
APC-35 MEANWELL-APC-35_12 Datasheet
647Kb / 2P
   35W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com