Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMC-24V035W1AA Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # PMC-24V035W1AA
Description  24V 35W 1 Phase
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMC-24V035W1AA Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  PMC-24V035W1AA_11 Datasheet HTML 1Page - Delta Electronics, Inc. PMC-24V035W1AA_11 Datasheet HTML 2Page - Delta Electronics, Inc. PMC-24V035W1AA_11 Datasheet HTML 3Page - Delta Electronics, Inc. PMC-24V035W1AA_11 Datasheet HTML 4Page - Delta Electronics, Inc. PMC-24V035W1AA_11 Datasheet HTML 5Page - Delta Electronics, Inc. PMC-24V035W1AA_11 Datasheet HTML 6Page - Delta Electronics, Inc. PMC-24V035W1AA_11 Datasheet HTML 7Page - Delta Electronics, Inc. PMC-24V035W1AA_11 Datasheet HTML 8Page - Delta Electronics, Inc. PMC-24V035W1AA_11 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Panel Mount Power Supply
Technical Information
PMC-24V035W1AA
4/13
Rev: 01,
2/11/2011
Numbering for Panel Mount Power Supply
For example:
PMC-24V035W1AA
XX X XXXX XXXX X XX
XX………………….Product Type
PM
Panel Mount
XX X XXXX XXXX X XX
X………………….Model
C
Enclose Power
Supply
XX X XXXX XXXX X XX
XXXX………………….Voltage
XX X XXXX XXXX X XX
XXXX……………Watt
035W
35 Watt
050W
50 Watt
075W
75 Watt
100W
100 Watt
150W
150 Watt
XX X XXXX XXXX X XX
X………………….Phase
1
1 Phase
3
3 Phase
XX X XXXX XXXX X XX
XX………………….Variation (Eg,
Customer, material,Etc.)
AA
Delta standard –
product
24V
24 Voltage


Similar Part No. - PMC-24V035W1AA_11

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-24V035W1AA DELTA-PMC-24V035W1AA Datasheet
878Kb / 2P
   Panel Mount Power Supply 24V 35W 1 Phase
PMC-24V035W1AA DELTA-PMC-24V035W1AA Datasheet
1Mb / 13P
   PMC Panel Mount Power Supply
More results

Similar Description - PMC-24V035W1AA_11

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-24V035W1AA DELTA-PMC-24V035W1AA Datasheet
878Kb / 2P
   Panel Mount Power Supply 24V 35W 1 Phase
logo
Weidmuller
2660200279 WEIDMULLER-2660200279 Datasheet
149Kb / 3P
   PRO PM 35W 24V 1.5A
logo
Delta Electronics, Inc.
PMC-24V300W1BA DELTA-PMC-24V300W1BA Datasheet
929Kb / 14P
   24V 300W 1 Phase
PMC-24V150W1AA DELTA-PMC-24V150W1AA Datasheet
861Kb / 13P
   24V 150W 1 Phase
PMC-24V075W1AA DELTA-PMC-24V075W1AA Datasheet
715Kb / 13P
   24V 75W 1 Phase
PMC-12V035W1AA DELTA-PMC-12V035W1AA Datasheet
932Kb / 2P
   Panel Mount Power Supply 12V 35W 1 Phase
PMC-DSPV100W1A DELTA-PMC-DSPV100W1A Datasheet
925Kb / 13P
   Dual 24V/5V 100W 1 Phase
logo
M/A-COM Technology Solu...
PH0810-35 MA-COM-PH0810-35 Datasheet
213Kb / 3P
   Wireless Bipolar Power Transistor 35W, 850-960MHz, 24V
logo
Delta Electronics, Inc.
PMC-24V100W1AA DELTA-PMC-24V100W1AA Datasheet
944Kb / 2P
   Panel Mount Power Supply 24V 100W 1 Phase
PMC-24V050W1AA DELTA-PMC-24V050W1AA Datasheet
880Kb / 2P
   Panel Mount Power Supply 24V 50W 1 Phase
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com