Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA270AQDRQ1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA270AQDRQ1
Description  VOLTAGE-OUTPUT UNIDIRECTIONAL-MEASUREMENT CURRENT-SHUNT MONITORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA270AQDRQ1 Datasheet(HTML) 2 Page - Texas Instruments

  INA270AQDRQ1 Datasheet HTML 1Page - Texas Instruments INA270AQDRQ1 Datasheet HTML 2Page - Texas Instruments INA270AQDRQ1 Datasheet HTML 3Page - Texas Instruments INA270AQDRQ1 Datasheet HTML 4Page - Texas Instruments INA270AQDRQ1 Datasheet HTML 5Page - Texas Instruments INA270AQDRQ1 Datasheet HTML 6Page - Texas Instruments INA270AQDRQ1 Datasheet HTML 7Page - Texas Instruments INA270AQDRQ1 Datasheet HTML 8Page - Texas Instruments INA270AQDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
A1
A2
Single-Pole Filter
Capacitor
+2.7 V to +18 V
5 kW
5 kW
96 kW
R
L
PRE OUT
BUF IN
GND
OUT
IN–
IN+
V+
Load
−16 V to +80 V
Supply
R
S
INA270
0.01 µF
0.1 µF
INA270-Q1, INA271-Q1
SBOS401B – JULY 2007 – REVISED FEBRUARY 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
FUNCTIONAL BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
VS
Supply voltage
18 V
Differential analog input voltage range (VIN+ – VIN–)
–18 V to 18 V
Common-mode analog input voltage range
–16 V to 80 V
VO
Analog output voltage range (OUT and PRE OUT)
(GND – 0.3) V to (V+ + 0.3) V
II
Input current (any pin)
5 mA
qJA
Package thermal impedance(2) (3)
97.1°C/W
TJ
Maximum junction temperature
150°C
TA
Operating free-air temperature range
–40 to 125°C
Tstg
Storage temperature range
–65 to 150°C
Human-Body Model HBM)
2000 V
ESD
Electrostatic discharge rating
Machine Model (MM)
100 V
Charged-Device Model (CDM)
1000 V
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Maximum power dissipation is a function of TJ(max), qJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/qJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
2
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): INA270-Q1 INA271-Q1


Similar Part No. - INA270AQDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA270AQDRQ1 TI1-INA270AQDRQ1 Datasheet
433Kb / 23P
[Old version datasheet]   Voltage Output Current Sense Amplifier With Simplified Filter Inputs
More results

Similar Description - INA270AQDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA271-HT TI-INA271-HT Datasheet
335Kb / 18P
[Old version datasheet]   VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
logo
Burr-Brown (TI)
INA270 BURR-BROWN-INA270 Datasheet
295Kb / 13P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
INA270 BURR-BROWN-INA270_07 Datasheet
471Kb / 17P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
logo
Texas Instruments
INA270 TI-INA270_15 Datasheet
746Kb / 26P
[Old version datasheet]   INA27x Voltage Output, Unidirectional Measurement Current-Shunt Monitor
INA270 TI1-INA270_14 Datasheet
816Kb / 26P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor
logo
Burr-Brown (TI)
INA203 BURR-BROWN-INA203 Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
logo
Texas Instruments
INA203-Q1 TI-INA203-Q1_15 Datasheet
647Kb / 24P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA210 TI1-INA210_17 Datasheet
1Mb / 44P
[Old version datasheet]   Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
INA206 TI1-INA206 Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203-Q1 TI1-INA203-Q1 Datasheet
701Kb / 23P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com