Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA270AQDRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA270AQDRQ1
Description  VOLTAGE-OUTPUT UNIDIRECTIONAL-MEASUREMENT CURRENT-SHUNT MONITORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA270AQDRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA270AQDRQ1 Datasheet HTML 4Page - Texas Instruments INA270AQDRQ1 Datasheet HTML 5Page - Texas Instruments INA270AQDRQ1 Datasheet HTML 6Page - Texas Instruments INA270AQDRQ1 Datasheet HTML 7Page - Texas Instruments INA270AQDRQ1 Datasheet HTML 8Page - Texas Instruments INA270AQDRQ1 Datasheet HTML 9Page - Texas Instruments INA270AQDRQ1 Datasheet HTML 10Page - Texas Instruments INA270AQDRQ1 Datasheet HTML 11Page - Texas Instruments INA270AQDRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
A1
A2
Single-Pole Filter
Capacitor
+2.7 V to +18 V
5 kW
5 kW
96 kW
R
L
PRE OUT
BUF IN
GND
OUT
IN–
IN+
V+
Load
−16 V to +80 V
Supply
R
S
INA270
0.01 µF
0.1 µF
INA270-Q1, INA271-Q1
SBOS401B – JULY 2007 – REVISED FEBRUARY 2010
www.ti.com
APPLICATION INFORMATION
Basic Connection
Figure 1 illustrates the basic connection of the INA270 and INA271. The input pins, IN+ and IN–, should be
connected as closely as possible to the shunt resistor to minimize any resistance in series with the shunt
resistance. Power-supply bypass capacitors are required for stability. Applications with noisy or high-impedance
power supplies may require additional decoupling capacitors to reject power-supply noise. Minimum bypass
capacitors of 0.01 mF and 0.1 mF in value should be placed close to the supply pins. Although not mandatory, an
additional 10-mF electrolytic capacitor placed in parallel with the other bypass capacitors may be useful in
applications with particularly noisy supplies.
Figure 1. INA270 Basic Connections
Power Supply
The input circuitry of the INA270 and INA271 can accurately measure beyond its power-supply voltage, V+. For
example, the V+ power supply can be 5 V, whereas the load power-supply voltage is up to 80 V. The output
voltage range of the OUT terminal, however, is limited by the voltages on the power-supply pin.
Selecting RS
The value chosen for the shunt resistor, RS, depends on the application and is a compromise between
small-signal accuracy and maximum permissible voltage loss in the measurement line. High values of RS provide
better accuracy at lower currents by minimizing the effects of offset, while low values of RS minimize voltage loss
in the supply line. For most applications, best performance is attained with an RS value that provides a full-scale
shunt voltage range of 50 mV to 100 mV. Maximum input voltage for accurate measurements is (VS – 0.2)/Gain.
Transient Protection
The –16-V to 80-V common-mode range of the INA270 and INA271 is ideal for withstanding automotive fault
conditions ranging from 12-V battery reversal up to 80-V transients, since no additional protective components
are needed up to those levels. In the event that the INA270 and INA271 are exposed to transients on the inputs
in excess of their ratings, external transient absorption with semiconductor transient absorbers (zeners or
Transzorbs) are necessary.
8
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): INA270-Q1 INA271-Q1


Similar Part No. - INA270AQDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA270AQDRQ1 TI1-INA270AQDRQ1 Datasheet
433Kb / 23P
[Old version datasheet]   Voltage Output Current Sense Amplifier With Simplified Filter Inputs
More results

Similar Description - INA270AQDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA271-HT TI-INA271-HT Datasheet
335Kb / 18P
[Old version datasheet]   VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
logo
Burr-Brown (TI)
INA270 BURR-BROWN-INA270 Datasheet
295Kb / 13P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
INA270 BURR-BROWN-INA270_07 Datasheet
471Kb / 17P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
logo
Texas Instruments
INA270 TI-INA270_15 Datasheet
746Kb / 26P
[Old version datasheet]   INA27x Voltage Output, Unidirectional Measurement Current-Shunt Monitor
INA270 TI1-INA270_14 Datasheet
816Kb / 26P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor
logo
Burr-Brown (TI)
INA203 BURR-BROWN-INA203 Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
logo
Texas Instruments
INA203-Q1 TI-INA203-Q1_15 Datasheet
647Kb / 24P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA210 TI1-INA210_17 Datasheet
1Mb / 44P
[Old version datasheet]   Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
INA206 TI1-INA206 Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203-Q1 TI1-INA203-Q1 Datasheet
701Kb / 23P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com