Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMC-24V035W1AA Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # PMC-24V035W1AA
Description  24V 35W 1 Phase
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMC-24V035W1AA Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button PMC-24V035W1AA Datasheet HTML 5Page - Delta Electronics, Inc. PMC-24V035W1AA Datasheet HTML 6Page - Delta Electronics, Inc. PMC-24V035W1AA Datasheet HTML 7Page - Delta Electronics, Inc. PMC-24V035W1AA Datasheet HTML 8Page - Delta Electronics, Inc. PMC-24V035W1AA Datasheet HTML 9Page - Delta Electronics, Inc. PMC-24V035W1AA Datasheet HTML 10Page - Delta Electronics, Inc. PMC-24V035W1AA Datasheet HTML 11Page - Delta Electronics, Inc. PMC-24V035W1AA Datasheet HTML 12Page - Delta Electronics, Inc. PMC-24V035W1AA Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Panel Mount Power Supply
Technical Information
PMC-24V035W1AA
9/13
Rev: 01,
2/11/2011
 Over Voltage protection
The Power Supply is protected by Over voltage in the event that power supply feedback circuit fails the
output voltage will not be > 32V, +10% under any Line/Load and operating ambient conditions.
The unique feature about this over voltage protection (OVP) is that power supply doesn’t shut down but
goes Hicc-up mode (Auto recovery) which is 32V, +/-10%. The power supply output voltage will
recover back to 24Vdc once the fault condition is removed.
 Inrush Current, Start Up Time, Output Hold Up Time
Inrush Current,
Inrush current is the first surge current seen on the input side when AC input is applied to the power
supply. It is the first pulse captured; see a typical picture for the Inrush current as seen in the power
supply.
Start Up Time,
Start up time is measured from the point AC input is applied and the o/p voltage reaches within 90% of
its set value. See picture below for a typical start up time characteristic of a power supply.
Rise Time,
Rise time is the time needed for o/p voltage to rise from 10% of its set value to 90% of its set value.
See the picture below for a typical rise time measurement in a power supply.


Similar Part No. - PMC-24V035W1AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-24V035W1AA DELTA-PMC-24V035W1AA Datasheet
878Kb / 2P
   Panel Mount Power Supply 24V 35W 1 Phase
PMC-24V035W1AA DELTA-PMC-24V035W1AA Datasheet
1Mb / 13P
   PMC Panel Mount Power Supply
More results

Similar Description - PMC-24V035W1AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-24V035W1AA DELTA-PMC-24V035W1AA Datasheet
878Kb / 2P
   Panel Mount Power Supply 24V 35W 1 Phase
logo
Weidmuller
2660200279 WEIDMULLER-2660200279 Datasheet
149Kb / 3P
   PRO PM 35W 24V 1.5A
logo
Delta Electronics, Inc.
PMC-24V300W1BA DELTA-PMC-24V300W1BA Datasheet
929Kb / 14P
   24V 300W 1 Phase
PMC-24V150W1AA DELTA-PMC-24V150W1AA Datasheet
861Kb / 13P
   24V 150W 1 Phase
PMC-24V075W1AA DELTA-PMC-24V075W1AA Datasheet
715Kb / 13P
   24V 75W 1 Phase
PMC-12V035W1AA DELTA-PMC-12V035W1AA Datasheet
932Kb / 2P
   Panel Mount Power Supply 12V 35W 1 Phase
PMC-DSPV100W1A DELTA-PMC-DSPV100W1A Datasheet
925Kb / 13P
   Dual 24V/5V 100W 1 Phase
logo
M/A-COM Technology Solu...
PH0810-35 MA-COM-PH0810-35 Datasheet
213Kb / 3P
   Wireless Bipolar Power Transistor 35W, 850-960MHz, 24V
logo
Delta Electronics, Inc.
PMC-24V100W1AA DELTA-PMC-24V100W1AA Datasheet
944Kb / 2P
   Panel Mount Power Supply 24V 100W 1 Phase
PMC-24V050W1AA DELTA-PMC-24V050W1AA Datasheet
880Kb / 2P
   Panel Mount Power Supply 24V 50W 1 Phase
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com