Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMC-DSPV100W1A Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # PMC-DSPV100W1A
Description  Dual 24V/5V 100W 1 Phase
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMC-DSPV100W1A Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button PMC-DSPV100W1A Datasheet HTML 4Page - Delta Electronics, Inc. PMC-DSPV100W1A Datasheet HTML 5Page - Delta Electronics, Inc. PMC-DSPV100W1A Datasheet HTML 6Page - Delta Electronics, Inc. PMC-DSPV100W1A Datasheet HTML 7Page - Delta Electronics, Inc. PMC-DSPV100W1A Datasheet HTML 8Page - Delta Electronics, Inc. PMC-DSPV100W1A Datasheet HTML 9Page - Delta Electronics, Inc. PMC-DSPV100W1A Datasheet HTML 10Page - Delta Electronics, Inc. PMC-DSPV100W1A Datasheet HTML 11Page - Delta Electronics, Inc. PMC-DSPV100W1A Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Panel Mount Power Supply
Technical Information
PMC-DSPV100W1A
8/13
Rev: 01,
3/14/2011
 Over Load Protection
The Power Supply is provided with an overload protection (OLP/OCP) function which protects the power supply
from possible damage by over current. Additionally power supply also has over temperature protection (OTP) in
case the over load condition persists for a longer duration and is below the overload trigger point but > 100% load.
Typically the over load current (IOL) is > ISURGE (120%) output voltage will start drooping down when the power
supply reaches max power limit and will run into bouncing mode when the output reaches UVLO (under voltage point).
The output voltage will recover automatically when the overload condition is removed.
 Short Circuit Protection
The Power Supply also has a short circuit protection which is in line with the overload protection and activates
whenever there is a short across the output voltage, output goes in bouncing mode and remains until the fault is
removed.
 Over Temperature Protection
Additionally power supply also has over temperature protection (OTP) as mentioned above this OTP comes into
picture when the over load condition persists for a longer duration and the output current level is below the overload
trigger point but > 100% load.
Also in the event of a higher ambient operating condition with 100% load the power supply will run into OTP when
the Ambient temperature is > 55°C. The protection is self recoverable when activated output voltage bounces until
the operating ambient temperature of the power supply is reduced or the power supply is used within its power
derating curve.


Similar Part No. - PMC-DSPV100W1A

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
PMC-0508TH PIC-PMC-0508TH Datasheet
122Kb / 2P
   Micro SMD Reed Switch pitch 8.9 mm
logo
Delta Electronics, Inc.
PMC-05V015W1AA DELTA-PMC-05V015W1AA Datasheet
478Kb / 11P
   PMC Panel Mount Power Supply
PMC-05V035W1AA DELTA-PMC-05V035W1AA Datasheet
764Kb / 11P
   PMC Panel Mount Power Supply
PMC-05V050W1AA DELTA-PMC-05V050W1AA Datasheet
807Kb / 11P
   PMC Panel Mount Power Supply
logo
PIC GmbH
PMC-0701 PIC-PMC-0701 Datasheet
38Kb / 1P
   Micro Reed Switch
More results

Similar Description - PMC-DSPV100W1A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-24V100W1AA DELTA-PMC-24V100W1AA Datasheet
944Kb / 2P
   Panel Mount Power Supply 24V 100W 1 Phase
PMC-24V035W1AA DELTA-PMC-24V035W1AA_11 Datasheet
994Kb / 13P
   24V 35W 1 Phase
PMC-24V300W1BA DELTA-PMC-24V300W1BA Datasheet
929Kb / 14P
   24V 300W 1 Phase
PMC-24V150W1AA DELTA-PMC-24V150W1AA Datasheet
861Kb / 13P
   24V 150W 1 Phase
PMC-24V075W1AA DELTA-PMC-24V075W1AA Datasheet
715Kb / 13P
   24V 75W 1 Phase
logo
Weidmuller
2660200286 WEIDMULLER-2660200286 Datasheet
148Kb / 3P
   PRO PM 100W 24V 4.5A
logo
PULS GmbH
QS5.241-60 PULS-QS5.241-60 Datasheet
798Kb / 27P
   24V, 100W, DC/DC CONVERTER
logo
List of Unclassifed Man...
BL100-H03-I ETC2-BL100-H03-I Datasheet
205Kb / 4P
   80mm Brushless DC Motor, 100W, 24V
logo
Delta Electronics, Inc.
PMC-12V100W1AA DELTA-PMC-12V100W1AA Datasheet
1,022Kb / 2P
   Panel Mount Power Supply 12V 100W 1 Phase
PMC-24V035W1AA DELTA-PMC-24V035W1AA Datasheet
878Kb / 2P
   Panel Mount Power Supply 24V 35W 1 Phase
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com