Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMC24V100W3AA Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # PMC24V100W3AA
Description  24V 75W 1 Phase
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMC24V100W3AA Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button PMC24V100W3AA Datasheet HTML 5Page - Delta Electronics, Inc. PMC24V100W3AA Datasheet HTML 6Page - Delta Electronics, Inc. PMC24V100W3AA Datasheet HTML 7Page - Delta Electronics, Inc. PMC24V100W3AA Datasheet HTML 8Page - Delta Electronics, Inc. PMC24V100W3AA Datasheet HTML 9Page - Delta Electronics, Inc. PMC24V100W3AA Datasheet HTML 10Page - Delta Electronics, Inc. PMC24V100W3AA Datasheet HTML 11Page - Delta Electronics, Inc. PMC24V100W3AA Datasheet HTML 12Page - Delta Electronics, Inc. PMC24V100W3AA Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Panel Mount Power Supply
Technical Information
PMC-24V075W1AA
10/13
Rev: 01,
2/11/2011
Hold Up Time,
Hold up time is the time when the AC input collapses and o/p voltage retains regulation for a certain
period of time is called as hold up time. See in the picture below a typical hold up time characteristic of
a power supply. The hold time is measured until the o/p voltage remains in regulation hence it
measured until the o/p voltage reaches 95% of its set value.
 Output Voltage Adjust
The 24 V DC connection is made using the "+" and "–" screw connections. At the time of delivery, the
output voltage is 24 V DC. The output voltage can be set from 22 to 28 VDC on the potentiometer
seen as VADJ on the front panel of each power supply.


Similar Part No. - PMC24V100W3AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC24V100W3AA DELTA-PMC24V100W3AA Datasheet
994Kb / 13P
   24V 35W 1 Phase
PMC24V100W3AA DELTA-PMC24V100W3AA Datasheet
861Kb / 13P
   24V 150W 1 Phase
More results

Similar Description - PMC24V100W3AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-24V035W1AA DELTA-PMC-24V035W1AA_11 Datasheet
994Kb / 13P
   24V 35W 1 Phase
PMC-24V300W1BA DELTA-PMC-24V300W1BA Datasheet
929Kb / 14P
   24V 300W 1 Phase
PMC-24V150W1AA DELTA-PMC-24V150W1AA Datasheet
861Kb / 13P
   24V 150W 1 Phase
logo
Weidmuller
2660200283 WEIDMULLER-2660200283 Datasheet
150Kb / 3P
   PRO PM 75W 24V 3.2A
logo
Delta Electronics, Inc.
PMC-DSPV100W1A DELTA-PMC-DSPV100W1A Datasheet
925Kb / 13P
   Dual 24V/5V 100W 1 Phase
logo
M/A-COM Technology Solu...
FH2114 MA-COM-FH2114 Datasheet
86Kb / 1P
   RF Power MOSFET Transistor 75W, 30-90MHz, 24V
logo
Delta Electronics, Inc.
PMC-24V100W1AA DELTA-PMC-24V100W1AA Datasheet
944Kb / 2P
   Panel Mount Power Supply 24V 100W 1 Phase
logo
Tyco Electronics
FH2114 MACOM-FH2114 Datasheet
73Kb / 1P
   RF MOSFET Power Transistor, 75W, 24V 30-90 MHz
logo
Delta Electronics, Inc.
PMC-24V035W1AA DELTA-PMC-24V035W1AA Datasheet
878Kb / 2P
   Panel Mount Power Supply 24V 35W 1 Phase
PMC-24V050W1AA DELTA-PMC-24V050W1AA Datasheet
880Kb / 2P
   Panel Mount Power Supply 24V 50W 1 Phase
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com