Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMCDSPV035W1A Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # PMCDSPV035W1A
Description  Dual 24V/5V 100W 1 Phase
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMCDSPV035W1A Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button PMCDSPV035W1A Datasheet HTML 5Page - Delta Electronics, Inc. PMCDSPV035W1A Datasheet HTML 6Page - Delta Electronics, Inc. PMCDSPV035W1A Datasheet HTML 7Page - Delta Electronics, Inc. PMCDSPV035W1A Datasheet HTML 8Page - Delta Electronics, Inc. PMCDSPV035W1A Datasheet HTML 9Page - Delta Electronics, Inc. PMCDSPV035W1A Datasheet HTML 10Page - Delta Electronics, Inc. PMCDSPV035W1A Datasheet HTML 11Page - Delta Electronics, Inc. PMCDSPV035W1A Datasheet HTML 12Page - Delta Electronics, Inc. PMCDSPV035W1A Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Panel Mount Power Supply
Technical Information
PMC-DSPV100W1A
9/13
Rev: 01,
3/14/2011
 Over Voltage protection (24V)
The Power Supply is protected by Over voltage in the event that power supply feedback circuit fails the output
voltage will not be > 32V, +10% under any Line/Load and operating ambient conditions.
The unique feature about this over voltage protection (OVP) is that power supply doesn’t shut down but goes Hicc-
up mode (Auto recovery) which is 32V, +/-10%. The power supply output voltage will recover back to 24Vdc once
the fault condition is removed.
 Over Voltage protection (5V)
The Power Supply is protected by Over voltage in the event that power supply feedback circuit fails the output
voltage will not be > 6.5V +10% under any Line/Load and operating ambient conditions.
The unique feature about this over voltage protection (OVP) is that power supply doesn’t shut down but goes Hicc-
up mode (Auto recovery) which is 6.5V +10%, -5%. The power supply output voltage will recover back to 12Vdc
once the fault condition is removed.


Similar Part No. - PMCDSPV035W1A

ManufacturerPart #DatasheetDescription
logo
Powerbox
PMC POWERBOX-PMC Datasheet
1Mb / 3P
   3 5 - 1 5 0 WAT T S - PA N E L M O U N T P OWE R S U P P LY
logo
Illinois Capacitor, Inc...
PMC ILLINOISCAPACITOR-PMC Datasheet
549Kb / 4P
   High current ??High dvdt ??multiple lug styles
logo
Alpha Wire
PMC ALPHAWIRE-PMC Datasheet
103Kb / 1P
   CUSTOMER PRODUCT SPECIFICATION
02/27/2018
logo
PIC GmbH
PMC-0508TH PIC-PMC-0508TH Datasheet
122Kb / 2P
   Micro SMD Reed Switch pitch 8.9 mm
logo
Delta Electronics, Inc.
PMC-05V015W1AA DELTA-PMC-05V015W1AA Datasheet
478Kb / 11P
   PMC Panel Mount Power Supply
More results

Similar Description - PMCDSPV035W1A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-24V100W1AA DELTA-PMC-24V100W1AA Datasheet
944Kb / 2P
   Panel Mount Power Supply 24V 100W 1 Phase
PMC-24V035W1AA DELTA-PMC-24V035W1AA_11 Datasheet
994Kb / 13P
   24V 35W 1 Phase
PMC-24V300W1BA DELTA-PMC-24V300W1BA Datasheet
929Kb / 14P
   24V 300W 1 Phase
PMC-24V150W1AA DELTA-PMC-24V150W1AA Datasheet
861Kb / 13P
   24V 150W 1 Phase
PMC-24V075W1AA DELTA-PMC-24V075W1AA Datasheet
715Kb / 13P
   24V 75W 1 Phase
logo
Weidmuller
2660200286 WEIDMULLER-2660200286 Datasheet
148Kb / 3P
   PRO PM 100W 24V 4.5A
logo
PULS GmbH
QS5.241-60 PULS-QS5.241-60 Datasheet
798Kb / 27P
   24V, 100W, DC/DC CONVERTER
logo
List of Unclassifed Man...
BL100-H03-I ETC2-BL100-H03-I Datasheet
205Kb / 4P
   80mm Brushless DC Motor, 100W, 24V
logo
Delta Electronics, Inc.
PMC-12V100W1AA DELTA-PMC-12V100W1AA Datasheet
1,022Kb / 2P
   Panel Mount Power Supply 12V 100W 1 Phase
PMC-24V035W1AA DELTA-PMC-24V035W1AA Datasheet
878Kb / 2P
   Panel Mount Power Supply 24V 35W 1 Phase
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com