Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMC24V050W3AA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # PMC24V050W3AA
Description  24V 150W 1 Phase
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMC24V050W3AA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  PMC24V050W3AA Datasheet HTML 1Page - Delta Electronics, Inc. PMC24V050W3AA Datasheet HTML 2Page - Delta Electronics, Inc. PMC24V050W3AA Datasheet HTML 3Page - Delta Electronics, Inc. PMC24V050W3AA Datasheet HTML 4Page - Delta Electronics, Inc. PMC24V050W3AA Datasheet HTML 5Page - Delta Electronics, Inc. PMC24V050W3AA Datasheet HTML 6Page - Delta Electronics, Inc. PMC24V050W3AA Datasheet HTML 7Page - Delta Electronics, Inc. PMC24V050W3AA Datasheet HTML 8Page - Delta Electronics, Inc. PMC24V050W3AA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Panel Mount Power Supply
Technical Information
PMC-24V150W1AA
1/13
Rev: 01,
2/11/2011
24V 150W 1 Phase
PMC-24V150W1AA
Summary
The new Panel Mount Power Supply is the latest
offering from one of the world’s largest power supply
manufacturers and solution providers - Delta.
The product range offers a nominal output voltage of
24V, a wide temperature range from -10°C to +70°C
and a highly dependable minimum holdup time.
The state-of-the-art design is made to withstand
harsh industrial environments. What makes the
product stands out from the crowd is its lightweight
full aluminum body design which can withstand shock
and vibration according to IEC60068-2.
Delta’s Panel Mount Power Supply also offers
overvoltage and overload protection. Using a wide
input voltage range design, it is compatible
worldwide. The input also includes DC operating
voltage from 120-375Vdc. Best of all, this excellent
design and quality does not come with a big price
tag.
Features:
Full aluminium casing for
lightweight and corrosion
resistant handling
Ease of wire connection to
Terminals
Universal AC input
Overload protection
Over voltage protection
Thermal protection
MTBF:>700,000hrs
Efficiency> 86%typ.
Expected life time: 10 years
2 year warranty
RoHS compliant


Similar Part No. - PMC24V050W3AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC24V050W3AA DELTA-PMC24V050W3AA Datasheet
994Kb / 13P
   24V 35W 1 Phase
PMC24V050W3AA DELTA-PMC24V050W3AA Datasheet
715Kb / 13P
   24V 75W 1 Phase
More results

Similar Description - PMC24V050W3AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-24V035W1AA DELTA-PMC-24V035W1AA_11 Datasheet
994Kb / 13P
   24V 35W 1 Phase
PMC-24V300W1BA DELTA-PMC-24V300W1BA Datasheet
929Kb / 14P
   24V 300W 1 Phase
PMC-24V075W1AA DELTA-PMC-24V075W1AA Datasheet
715Kb / 13P
   24V 75W 1 Phase
PMC-DSPV100W1A DELTA-PMC-DSPV100W1A Datasheet
925Kb / 13P
   Dual 24V/5V 100W 1 Phase
logo
List of Unclassifed Man...
901150012EMS ETC2-901150012EMS Datasheet
383Kb / 2P
   LED CV DC 150W 12V, 24V
logo
Delta Electronics, Inc.
PMC-24V100W1AA DELTA-PMC-24V100W1AA Datasheet
944Kb / 2P
   Panel Mount Power Supply 24V 100W 1 Phase
PMC-24V035W1AA DELTA-PMC-24V035W1AA Datasheet
878Kb / 2P
   Panel Mount Power Supply 24V 35W 1 Phase
PMC-24V050W1AA DELTA-PMC-24V050W1AA Datasheet
880Kb / 2P
   Panel Mount Power Supply 24V 50W 1 Phase
logo
Applied Motion Products...
PS150A24 AMP-PS150A24 Datasheet
574Kb / 2P
   PS150A24 Power Supply 150W/24V with PFC Function
logo
Delta Electronics, Inc.
DRP024V480W1AA DELTA-DRP024V480W1AA Datasheet
1Mb / 2P
   CliQ Din Rail Power Supply 24V 480W 1 Phase
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com