Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMC24V035W3BA Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # PMC24V035W3BA
Description  24V 300W 1 Phase
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMC24V035W3BA Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button PMC24V035W3BA Datasheet HTML 6Page - Delta Electronics, Inc. PMC24V035W3BA Datasheet HTML 7Page - Delta Electronics, Inc. PMC24V035W3BA Datasheet HTML 8Page - Delta Electronics, Inc. PMC24V035W3BA Datasheet HTML 9Page - Delta Electronics, Inc. PMC24V035W3BA Datasheet HTML 10Page - Delta Electronics, Inc. PMC24V035W3BA Datasheet HTML 11Page - Delta Electronics, Inc. PMC24V035W3BA Datasheet HTML 12Page - Delta Electronics, Inc. PMC24V035W3BA Datasheet HTML 13Page - Delta Electronics, Inc. PMC24V035W3BA Datasheet HTML 14Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Panel Mount Power Supply
Technical Information
PMC-24V300W1BA
10/10
Rev: 01,
3/21/2011
 Over Voltage protection (24V)
The Power Supply is protected by Over voltage in the event that power supply feedback circuit fails
the output voltage will not be > 32V, +10% under any Line/Load and operating ambient conditions.
The unique feature about this over voltage protection (OVP) is that power supply doesn’t shut down
but goes Hicc-up mode (Auto recovery) which is 32V, +/-10%. The power supply output voltage will
recover back to 24Vdc once the fault condition is removed.
 Over Voltage protection (12Vsb)
The Power Supply is protected by Over voltage in the event that power supply feedback circuit fails
the output voltage will not be > 16V +10% under any Line/Load and operating ambient conditions.
The unique feature about this over voltage protection (OVP) is that power supply doesn’t shut down
but goes Hicc-up mode (Auto recovery) which is 16V +10%, -5%. The power supply output voltage
will recover back to 12Vdc once the fault condition is removed.


Similar Part No. - PMC24V035W3BA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC24V035W3AA DELTA-PMC24V035W3AA Datasheet
994Kb / 13P
   24V 35W 1 Phase
PMC24V035W3AA DELTA-PMC24V035W3AA Datasheet
715Kb / 13P
   24V 75W 1 Phase
PMC24V035W3AA DELTA-PMC24V035W3AA Datasheet
861Kb / 13P
   24V 150W 1 Phase
More results

Similar Description - PMC24V035W3BA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-24V035W1AA DELTA-PMC-24V035W1AA_11 Datasheet
994Kb / 13P
   24V 35W 1 Phase
PMC-24V150W1AA DELTA-PMC-24V150W1AA Datasheet
861Kb / 13P
   24V 150W 1 Phase
PMC-24V075W1AA DELTA-PMC-24V075W1AA Datasheet
715Kb / 13P
   24V 75W 1 Phase
PMC-DSPV100W1A DELTA-PMC-DSPV100W1A Datasheet
925Kb / 13P
   Dual 24V/5V 100W 1 Phase
PMC-24V100W1AA DELTA-PMC-24V100W1AA Datasheet
944Kb / 2P
   Panel Mount Power Supply 24V 100W 1 Phase
PMC-24V035W1AA DELTA-PMC-24V035W1AA Datasheet
878Kb / 2P
   Panel Mount Power Supply 24V 35W 1 Phase
PMC-24V050W1AA DELTA-PMC-24V050W1AA Datasheet
880Kb / 2P
   Panel Mount Power Supply 24V 50W 1 Phase
DRP024V480W1AA DELTA-DRP024V480W1AA Datasheet
1Mb / 2P
   CliQ Din Rail Power Supply 24V 480W 1 Phase
DRP024V240W1AA DELTA-DRP024V240W1AA Datasheet
1Mb / 2P
   CliQ Din Rail Power Supply 24V 240W 1 Phase
DRP024V060W1AA DELTA-DRP024V060W1AA Datasheet
2Mb / 2P
   CliQ Din Rail Power Supply 24V 60W 1 Phase
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com