Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMC24V150W3AA Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # PMC24V150W3AA
Description  24V 150W 1 Phase
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMC24V150W3AA Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button PMC24V150W3AA Datasheet HTML 3Page - Delta Electronics, Inc. PMC24V150W3AA Datasheet HTML 4Page - Delta Electronics, Inc. PMC24V150W3AA Datasheet HTML 5Page - Delta Electronics, Inc. PMC24V150W3AA Datasheet HTML 6Page - Delta Electronics, Inc. PMC24V150W3AA Datasheet HTML 7Page - Delta Electronics, Inc. PMC24V150W3AA Datasheet HTML 8Page - Delta Electronics, Inc. PMC24V150W3AA Datasheet HTML 9Page - Delta Electronics, Inc. PMC24V150W3AA Datasheet HTML 10Page - Delta Electronics, Inc. PMC24V150W3AA Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Panel Mount Power Supply
Technical Information
PMC-24V150W1AA
7/13
Rev: 01,
2/11/2011
Mechanical drawing
Device description (Fig. 1)
1 Input & Output terminal block connector
2 DC voltage adjustment potentiometer
3 DC OK control LED (green)
Fig. 1. Mounting Orientation
Side Mounting (Vertical)
Base Mounting (Vertical)
Side Mounting (Horizontal)
Fig. 2. Wire Type
Lug
Stripped wire


Similar Part No. - PMC24V150W3AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC24V150W3AA DELTA-PMC24V150W3AA Datasheet
994Kb / 13P
   24V 35W 1 Phase
PMC24V150W3AA DELTA-PMC24V150W3AA Datasheet
715Kb / 13P
   24V 75W 1 Phase
More results

Similar Description - PMC24V150W3AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-24V035W1AA DELTA-PMC-24V035W1AA_11 Datasheet
994Kb / 13P
   24V 35W 1 Phase
PMC-24V300W1BA DELTA-PMC-24V300W1BA Datasheet
929Kb / 14P
   24V 300W 1 Phase
PMC-24V075W1AA DELTA-PMC-24V075W1AA Datasheet
715Kb / 13P
   24V 75W 1 Phase
PMC-DSPV100W1A DELTA-PMC-DSPV100W1A Datasheet
925Kb / 13P
   Dual 24V/5V 100W 1 Phase
logo
List of Unclassifed Man...
901150012EMS ETC2-901150012EMS Datasheet
383Kb / 2P
   LED CV DC 150W 12V, 24V
logo
Delta Electronics, Inc.
PMC-24V100W1AA DELTA-PMC-24V100W1AA Datasheet
944Kb / 2P
   Panel Mount Power Supply 24V 100W 1 Phase
PMC-24V035W1AA DELTA-PMC-24V035W1AA Datasheet
878Kb / 2P
   Panel Mount Power Supply 24V 35W 1 Phase
PMC-24V050W1AA DELTA-PMC-24V050W1AA Datasheet
880Kb / 2P
   Panel Mount Power Supply 24V 50W 1 Phase
logo
Applied Motion Products...
PS150A24 AMP-PS150A24 Datasheet
574Kb / 2P
   PS150A24 Power Supply 150W/24V with PFC Function
logo
Delta Electronics, Inc.
DRP024V480W1AA DELTA-DRP024V480W1AA Datasheet
1Mb / 2P
   CliQ Din Rail Power Supply 24V 480W 1 Phase
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com