Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7240CFQDWRQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7240CFQDWRQ1
Description  HIGH-SPEED QUAD DIGITAL ISOLATORS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7240CFQDWRQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO7240CFQDWRQ1 Datasheet HTML 7Page - Texas Instruments ISO7240CFQDWRQ1 Datasheet HTML 8Page - Texas Instruments ISO7240CFQDWRQ1 Datasheet HTML 9Page - Texas Instruments ISO7240CFQDWRQ1 Datasheet HTML 10Page - Texas Instruments ISO7240CFQDWRQ1 Datasheet HTML 11Page - Texas Instruments ISO7240CFQDWRQ1 Datasheet HTML 12Page - Texas Instruments ISO7240CFQDWRQ1 Datasheet HTML 13Page - Texas Instruments ISO7240CFQDWRQ1 Datasheet HTML 14Page - Texas Instruments ISO7240CFQDWRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
ISO7240CF-Q1, ISO7240C-Q1
ISO7241C-Q1, ISO7242C-Q1
www.ti.com
SLLSE40A
– SEPTEMBER 2010 – REVISED SEPTEMBER 2011
SWITCHING CHARACTERISTICS: VCC1 and VCC2 at 3.3-V OPERATION
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MI
TY
MAX
UNIT
N
P
tPLH,
Propagation delay
25
56
tPHL
See Figure 1
ns
PWD
Pulse-width distortion |tPHL – tPLH|
(1)
4
tsk(pp)
Part-to-part skew (2)
10
ns
ISO7240C, ISO7241C
3.5
tsk(o)
Channel-to-channel output skew (3)
ns
ISO7242C
4
tr
Output signal rise time
2
ns
See Figure 1
tf
Output signal fall time
2
ns
tPHZ
Propagation delay,
ISO7240C,
15
20
high-level-to-high-impedance output
ISO7241C
ISO7242C
15
25
tPZH
Propagation delay,
ISO7240C,
15
20
high-impedance-to-high-level output
ISO7241C
ISO7242C
15
25
See Figure 2
ns
tPLZ
Propagation delay, low-level-to-high-impedance
ISO7240C,
15
20
output
ISO7241C
ISO7242C
15
25
tPZL
Propagation delay, high-impedance-to-low-level
ISO7240C,
15
20
output
ISO7241C
ISO7242C
15
25
Failsafe output delay time from input power
See Figure 3
μs
tfs
18
loss
twake
Wake time from input disable
See Figure 4
15
μs
(1)
Also referred to as pulse skew.
(2)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
(3)
tsk(o) is the skew between specified outputs of a single device with all driving inputs connected together and the outputs switching in the
same direction while driving identical specified loads.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ISO7240CF-Q1 ISO7241C-Q1


Similar Part No. - ISO7240CFQDWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7240CFQDWRQ1 TI1-ISO7240CFQDWRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-SPEED QUAD DIGITAL ISOLATORS
More results

Similar Description - ISO7240CFQDWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7240CF TI1-ISO7240CF_12 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240C TI-ISO7240C_08 Datasheet
868Kb / 25P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CF TI-ISO7240CF_10 Datasheet
801Kb / 27P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CF-Q1 TI1-ISO7240CF-Q1_13 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-SPEED QUAD DIGITAL ISOLATORS
logo
Analog Devices
ADUM3441 AD-ADUM3441_15 Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3442 AD-ADUM3442_15 Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3440CRWZ AD-ADUM3440CRWZ Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
REV. D
logo
Texas Instruments
ISO7240CF TI1-ISO7240CF_15 Datasheet
2Mb / 46P
[Old version datasheet]   High-Speed, Quad-Channel Digital Isolators
logo
Analog Devices
ADUM3440 AD-ADUM3440_15 Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
Rev. D
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0931-500E AVAGO-HCPL-0931-500E Datasheet
357Kb / 14P
   High Speed Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com