Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7521CDW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7521CDW
Description  Low-Power 5 KV(rms) Dual Digital Isolators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7521CDW Datasheet(HTML) 4 Page - Texas Instruments

  ISO7521CDW Datasheet HTML 1Page - Texas Instruments ISO7521CDW Datasheet HTML 2Page - Texas Instruments ISO7521CDW Datasheet HTML 3Page - Texas Instruments ISO7521CDW Datasheet HTML 4Page - Texas Instruments ISO7521CDW Datasheet HTML 5Page - Texas Instruments ISO7521CDW Datasheet HTML 6Page - Texas Instruments ISO7521CDW Datasheet HTML 7Page - Texas Instruments ISO7521CDW Datasheet HTML 8Page - Texas Instruments ISO7521CDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ISO7520C
ISO7521C
SLLSE39C
– JUNE 2010 – REVISED DECEMBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
VCC1 and VCC2 at 5 V ± 5%, TA = –40°C to 105°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH = –4 mA; See Figure 1
VCC –0.8
4.6
VOH
High-level output voltage
V
IOH = –20 µA; See Figure 1
VCC –0.1
5
IOL = 4 mA; See Figure 1
0.2
0.4
VOL
Low-level output voltage
V
IOL = 20 µA; See Figure 1
0
0.1
VI(HYS)
Input threshold voltage hysteresis
400
mV
IIH
High-level input current
10
µA
INx at 0 V or VCC
IIL
Low-level input current
–10
µA
CMTI
Common-mode transient immunity
VI = VCC or 0 V; See Figure 3
25
50
kV/
µs
SUPPLY CURRENT (All inputs switching with square wave clock signal for dynamic ICC measurement)
ISO7520C
ICC1
Supply current for VCC1
DC to 1 Mbps VI = VCC or 0 V, 15 pF load
0.4
1
mA
ICC2
Supply current for VCC2
DC to 1 Mbps VI = VCC or 0 V, 15 pF load
3
6
mA
ISO7521C
ICC1
Supply current for VCC1
DC to 1 Mbps VI = VCC or 0 V, 15 pF load
2
4
mA
ICC2
Supply current for VCC2
DC to 1 Mbps VI = VCC or 0 V, 15 pF load
2
4
mA
SWITCHING CHARACTERISTICS
VCC1 and VCC2 at 5 V ± 5%, TA = –40°C to 105°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 1
9
14
ns
PWD(1)
Pulse width distortion |tPHL – tPLH|
0.3
3.7
ns
tsk(pp)
Part-to-part skew time
4.9
ns
tsk(o)
Channel-to-channel output skew time
3.6
ns
tr
Output signal rise time
See Figure 1
1
ns
tf
Output signal fall time
1
ns
tfs
Fail-safe output delay time from input power loss
See Figure 2
6
µs
(1)
Also known as pulse skew.
4
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): ISO7520C ISO7521C


Similar Part No. - ISO7521CDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7521CDW TI-ISO7521CDW Datasheet
324Kb / 15P
[Old version datasheet]   Low-Power 5 KV(rms) Dual Digital Isolators
ISO7521CDW TI-ISO7521CDW Datasheet
325Kb / 15P
[Old version datasheet]   Low-Power 5 KV(rms) Dual Digital Isolators
ISO7521CDW TI1-ISO7521CDW Datasheet
1,017Kb / 25P
[Old version datasheet]   Low-Power 5 kVRMS Dual-Channel Digital Isolators
ISO7521CDWR TI-ISO7521CDWR Datasheet
324Kb / 15P
[Old version datasheet]   Low-Power 5 KV(rms) Dual Digital Isolators
ISO7521CDWR TI-ISO7521CDWR Datasheet
325Kb / 15P
[Old version datasheet]   Low-Power 5 KV(rms) Dual Digital Isolators
More results

Similar Description - ISO7521CDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7520 TI-ISO7520 Datasheet
324Kb / 15P
[Old version datasheet]   Low-Power 5 KV(rms) Dual Digital Isolators
ISO7520 TI-ISO7520_1 Datasheet
325Kb / 15P
[Old version datasheet]   Low-Power 5 KV(rms) Dual Digital Isolators
logo
Analog Devices
ADUM2280 AD-ADUM2280 Datasheet
533Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
ADUM2280 AD-ADUM2280_V01 Datasheet
441Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
Rev. A
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
   5 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
ADUM120N AD-ADUM120N Datasheet
500Kb / 19P
   3.0 kV rms, Dual-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com