Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBDW020A0B Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # EBDW020A0B
Description  BARRACUDA SERIES?
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

EBDW020A0B Datasheet(HTML) 3 Page - Lineage Power Corporation

  EBDW020A0B Datasheet HTML 1Page - Lineage Power Corporation EBDW020A0B Datasheet HTML 2Page - Lineage Power Corporation EBDW020A0B Datasheet HTML 3Page - Lineage Power Corporation EBDW020A0B Datasheet HTML 4Page - Lineage Power Corporation EBDW020A0B Datasheet HTML 5Page - Lineage Power Corporation EBDW020A0B Datasheet HTML 6Page - Lineage Power Corporation EBDW020A0B Datasheet HTML 7Page - Lineage Power Corporation EBDW020A0B Datasheet HTML 8Page - Lineage Power Corporation EBDW020A0B Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet
August 30, 2012
EBDW020A0B Series Power Modules; DC-DC Converters
36-75Vdc Input; 5.0-13.2Vdc Output; 20A Output Current
LINEAGE POWER
3
Electrical Specifications (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Set-point (Default)
(VIN=VIN,nom, IO=10A, TA =25°C)
(Adjustable via PMBus)
All
VO, set
11.97
12.00
12.03
Vdc
Output Voltage Variation from Default
(Over all operating input voltage (40V to 75V), resistive
load, and temperature conditions until end of life)
All w/o -P
VO
11.76
12.24
Vdc
-P Option
VO
11.63
12.37
Vdc
Output Voltage (VIN=36V, TA = 25ºC)
All
VO
10.8
Vdc
Output Regulation [VIN, min = 40V]
Line (VIN=VIN, min to VIN, max)
All w/o -P
0.2
% VO, set
Load (IO=IO, min to IO, max)
All w/o -P
0.2
% VO, set
Line (VIN=VIN, min to VIN, max)
-P Option
0.5
% VO, set
Load (IO=IO, min to IO, max), Intentional Droop
-P Option
0.50
Vdc
Temperature (TA = -40ºC to +85ºC)
All
2
% VO, set
Output Ripple and Noise on nominal output
(VIN=VIN, nom and IO=IO, min to IO, max)
RMS (5Hz to 20MHz bandwidth)
All
70
mVrms
Peak-to-Peak (5Hz to 20MHz bandwidth)
All
200
mVpk-pk
External Output Capacitance
All
CO, max
220
10,000
μF
Output Current
All
IO
0
20
Adc
VOUT_OC_FAULT_LIMIT (Default)
(Adjustable via PMBus)
All
IO,lim
23
Adc
Efficiency (VIN=VIN, nom, VO= VO,set, TA=25°C)
IO= 100% IO, max
All
η
95.2
%
IO= 55% - 90% IO, max
All
η
95.4
%
Switching Frequency (primary MOSFETs)
(Output Ripple 2X switching frequency)
fsw
150
kHz
Dynamic Load Response
(dIO/dt=1A/10s; Vin=Vin,nom; TA=25°C; tested with a
10μF ceramic and 1 x 470μF polymer capacitor
across the load.)
Load Change from IO = 50% to 75% of IO,max:
Peak Deviation
Settling Time (VO <10% peak deviation)
All
Vpk
ts
__
750
800
__
mVpk
s
Load Change from IO = 75% to 50% of IO,max:
Peak Deviation
Settling Time (VO <10% peak deviation)
All
Vpk
ts
__
__
750
800
__
mVpk
s
Isolation Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Isolation Capacitance
Ciso
1000
pF
Isolation Resistance
Riso
10
MΩ
General Specifications
Parameter
Symbol
Device
Typ
Unit
Calculated Reliability Based upon Telcordia SR-332
Issue 2: Method I, Case 3, (IO=80%IO, max, TA=40°C,
Airflow = 200 LFM), 90% confidence
MTBF
All
4,169,213
Hours
FIT
All
239.9
10
9/Hours
Weight – Open Frame
30.0 (1.06)
g (oz.)
Weight – with Base plate option
39.5 (1.39)
g (oz.)


Similar Part No. - EBDW020A0B

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EBDW025A0B LINEAGEPOWER-EBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
EBDW025A0B41Z LINEAGEPOWER-EBDW025A0B41Z Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
EBDW025A0B641HZ LINEAGEPOWER-EBDW025A0B641HZ Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
EBDW025A0B641PHZ LINEAGEPOWER-EBDW025A0B641PHZ Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
More results

Similar Description - EBDW020A0B

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EBVW025A0B LINEAGEPOWER-EBVW025A0B Datasheet
1Mb / 16P
   BARRACUDA SERIES?
logo
Taoglas antenna solutio...
OMB.8912.03F21 TAOGLAS-OMB.8912.03F21_18 Datasheet
877Kb / 12P
   Barracuda - 3 dBi Penta-band Cellular
logo
List of Unclassifed Man...
OMB24208F21 ETC2-OMB24208F21 Datasheet
386Kb / 10P
   Barracuda - Omni-Directional Outdoor Antenna 2.4 - 2.5 GHz 8dBi
logo
Taoglas antenna solutio...
OMB.8912.05F21 TAOGLAS-OMB.8912.05F21_18 Datasheet
761Kb / 14P
   Barracuda - 5 dBi Penta-band Cellular Indoor/Outdoor Omni-Directional Antenna
OMB868B05F21 TAOGLAS-OMB868B05F21 Datasheet
547Kb / 9P
   Barracuda 5dBi 868MHz ISM Band Indoor/Outdoor Omnidirectional Antenna
logo
General Electric Compan...
QBVW025A0B GEC-QBVW025A0B Datasheet
1Mb / 19P
   Barracuda* Series; DC-DC Converter Power Modules 36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
Version 1.3 May 9, 2013
logo
Taoglas antenna solutio...
OMB44505F21 TAOGLAS-OMB44505F21 Datasheet
408Kb / 9P
   Barracuda - Omni-Directional Indoor/Outdoor Antenna 4.4GHz-5GHz Public Safety Band 7dBi
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com