Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBDW020A0B Datasheet(PDF) 8 Page - Lineage Power Corporation

Part # EBDW020A0B
Description  BARRACUDA SERIES?
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

EBDW020A0B Datasheet(HTML) 8 Page - Lineage Power Corporation

Back Button EBDW020A0B Datasheet HTML 4Page - Lineage Power Corporation EBDW020A0B Datasheet HTML 5Page - Lineage Power Corporation EBDW020A0B Datasheet HTML 6Page - Lineage Power Corporation EBDW020A0B Datasheet HTML 7Page - Lineage Power Corporation EBDW020A0B Datasheet HTML 8Page - Lineage Power Corporation EBDW020A0B Datasheet HTML 9Page - Lineage Power Corporation EBDW020A0B Datasheet HTML 10Page - Lineage Power Corporation EBDW020A0B Datasheet HTML 11Page - Lineage Power Corporation EBDW020A0B Datasheet HTML 12Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Data Sheet
August 30, 2012
EBDW020A0B Series Power Modules; DC-DC Converters
36-75Vdc Input; 5.0-13.2Vdc Output; 20A Output Current
LINEAGE POWER
8
Test Configurations
Note: Measure input reflected-ripple current with a
simulated
source inductance (LTEST) of 12 µH. Capacitor CS offsets
possible battery impedance. Measure current as shown above.
Figure 12. Input Reflected Ripple Current Test Setup.
Note: Use a 1.0 µF ceramic capacitor and a 10 µF aluminum or
tantalum capacitor. Scope measurement should be made
using a BNC socket. Position the load between
51 mm and 76 mm (2 in. and 3 in.) from the module.
Figure 13. Output Ripple and Noise Test Setup.
Note: All measurements are taken at the module terminals. When
socketing, place Kelvin connections at module terminals to avoid
measurement errors due to socket contact resistance.
Figure 14. Output Voltage and Efficiency Test Setup.
Design Considerations
Input Source Impedance
The power module should be connected to a low
ac-impedance source. A highly inductive source impedance
can affect the stability of the power module. For the test
configuration in Figure 12, a 100μF electrolytic capacitor,
Cin, (ESR<0.7 at 100kHz), mounted close to the power
module helps ensure the stability of the unit. If the module
is subjected to rapid on/off cycles, a 330μF input capacitor
is required. Consult the factory for further application
guidelines.
Safety Considerations
For safety-agency approval of the system in which the
power module is used, the power module must be installed
in compliance with the spacing and separation
requirements of the end-use safety agency standard, i.e.,
UL60950-1 2
nd Ed., CSA C22.2 No. 60950-1 2nd Ed., and
VDE0805-1 EN60950-1 2
nd Ed.
If the input source is non-SELV (ELV or a hazardous
voltage greater than 60 Vdc and less than or equal to
75Vdc), for the module’s output to be considered as
meeting the requirements for safety extra-low voltage
(SELV), all of the following must be true:
The input source is to be provided with reinforced
insulation from any other hazardous voltages, including
the ac mains.
One VIN pin and one VOUT pin are to be grounded, or
both the input and output pins are to be kept floating.
The input pins of the module are not operator
accessible.
Another SELV reliability test is conducted on the whole
system (combination of supply source and subject
module), as required by the safety agencies, to verify
that under a single fault, hazardous voltages do not
appear at the module’s output.
Note: Do not ground either of the input pins of the module
without grounding one of the output pins. This may
allow a non-SELV voltage to appear between the
output pins and ground.
The power module has safety extra-low voltage (SELV)
outputs when all inputs are SELV.
The input to these units is to be provided with a maximum
15 A fast-acting (or time-delay) fuse in the unearthed lead.
The power module has internally generated voltages
exceeding safety extra-low voltage. Consideration should
be taken to restrict operator accessibility.
LOAD
CONTACT AND
SUPPLY
II
CONTACT
VI(+)
VI(–)
VO1
DISTRIBUTION LOSSES
RESISTANCE
IO
VO2


Similar Part No. - EBDW020A0B

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EBDW025A0B LINEAGEPOWER-EBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
EBDW025A0B41Z LINEAGEPOWER-EBDW025A0B41Z Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
EBDW025A0B641HZ LINEAGEPOWER-EBDW025A0B641HZ Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
EBDW025A0B641PHZ LINEAGEPOWER-EBDW025A0B641PHZ Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
More results

Similar Description - EBDW020A0B

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EBVW025A0B LINEAGEPOWER-EBVW025A0B Datasheet
1Mb / 16P
   BARRACUDA SERIES?
logo
Taoglas antenna solutio...
OMB.8912.03F21 TAOGLAS-OMB.8912.03F21_18 Datasheet
877Kb / 12P
   Barracuda - 3 dBi Penta-band Cellular
logo
List of Unclassifed Man...
OMB24208F21 ETC2-OMB24208F21 Datasheet
386Kb / 10P
   Barracuda - Omni-Directional Outdoor Antenna 2.4 - 2.5 GHz 8dBi
logo
Taoglas antenna solutio...
OMB.8912.05F21 TAOGLAS-OMB.8912.05F21_18 Datasheet
761Kb / 14P
   Barracuda - 5 dBi Penta-band Cellular Indoor/Outdoor Omni-Directional Antenna
OMB868B05F21 TAOGLAS-OMB868B05F21 Datasheet
547Kb / 9P
   Barracuda 5dBi 868MHz ISM Band Indoor/Outdoor Omnidirectional Antenna
logo
General Electric Compan...
QBVW025A0B GEC-QBVW025A0B Datasheet
1Mb / 19P
   Barracuda* Series; DC-DC Converter Power Modules 36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
Version 1.3 May 9, 2013
logo
Taoglas antenna solutio...
OMB44505F21 TAOGLAS-OMB44505F21 Datasheet
408Kb / 9P
   Barracuda - Omni-Directional Indoor/Outdoor Antenna 4.4GHz-5GHz Public Safety Band 7dBi
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com