Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBVW025A0B Datasheet(PDF) 6 Page - Lineage Power Corporation

Part # EBVW025A0B
Description  BARRACUDA SERIES?
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

EBVW025A0B Datasheet(HTML) 6 Page - Lineage Power Corporation

Back Button EBVW025A0B Datasheet HTML 2Page - Lineage Power Corporation EBVW025A0B Datasheet HTML 3Page - Lineage Power Corporation EBVW025A0B Datasheet HTML 4Page - Lineage Power Corporation EBVW025A0B Datasheet HTML 5Page - Lineage Power Corporation EBVW025A0B Datasheet HTML 6Page - Lineage Power Corporation EBVW025A0B Datasheet HTML 7Page - Lineage Power Corporation EBVW025A0B Datasheet HTML 8Page - Lineage Power Corporation EBVW025A0B Datasheet HTML 9Page - Lineage Power Corporation EBVW025A0B Datasheet HTML 10Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet
June 27, 2012
EBVW025A0B Series Power Modules; DC-DC Converters
36-75Vdc Input; 12Vdc Output; 25A Output Current
LINEAGE POWER
6
Characteristic Curves (continued)
INPUT VOLTAGE, Vin (V)
INPUT VOLTAGE, Vin (V)
Figure 7. Typical Output Voltage Regulation vs. Input
Voltage at Room Temperature.
Figure 10. Typical Output Voltage Regulation vs.
Input Voltage for the –P Version at Room
Temperature.
OUTPUT CURRENT, IO (A)
OUTPUT CURRENT, IO (A)
Figure 8. Typical Output Voltage Regulation vs. Output
Current at Room Temperature.
Figure 11. Typical Output Voltage Regulation vs.
Output Current for the –P Version at Room
Temperature.
TIME, t (2
s/div)
Figure 9. Typical Output Ripple and Noise at Room
Temperature Io = Io,max and and COMin.
36 Vin
48 Vin
75 Vin


Similar Part No. - EBVW025A0B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
Lineage Power Corporati...
EBVW020A0B LINEAGEPOWER-EBVW020A0B Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
EBVW020A0B1Z LINEAGEPOWER-EBVW020A0B1Z Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
EBVW020A0B41HZ LINEAGEPOWER-EBVW020A0B41HZ Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
EBVW020A0B41PHZ LINEAGEPOWER-EBVW020A0B41PHZ Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
More results

Similar Description - EBVW025A0B

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EBDW020A0B LINEAGEPOWER-EBDW020A0B Datasheet
1Mb / 32P
   BARRACUDA SERIES?
logo
Taoglas antenna solutio...
OMB.8912.03F21 TAOGLAS-OMB.8912.03F21_18 Datasheet
877Kb / 12P
   Barracuda - 3 dBi Penta-band Cellular
logo
List of Unclassifed Man...
OMB24208F21 ETC2-OMB24208F21 Datasheet
386Kb / 10P
   Barracuda - Omni-Directional Outdoor Antenna 2.4 - 2.5 GHz 8dBi
logo
Taoglas antenna solutio...
OMB.8912.05F21 TAOGLAS-OMB.8912.05F21_18 Datasheet
761Kb / 14P
   Barracuda - 5 dBi Penta-band Cellular Indoor/Outdoor Omni-Directional Antenna
OMB868B05F21 TAOGLAS-OMB868B05F21 Datasheet
547Kb / 9P
   Barracuda 5dBi 868MHz ISM Band Indoor/Outdoor Omnidirectional Antenna
logo
General Electric Compan...
QBVW025A0B GEC-QBVW025A0B Datasheet
1Mb / 19P
   Barracuda* Series; DC-DC Converter Power Modules 36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
Version 1.3 May 9, 2013
logo
Taoglas antenna solutio...
OMB44505F21 TAOGLAS-OMB44505F21 Datasheet
408Kb / 9P
   Barracuda - Omni-Directional Indoor/Outdoor Antenna 4.4GHz-5GHz Public Safety Band 7dBi
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com