Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBVW025A0B641Z Datasheet(PDF) 10 Page - Lineage Power Corporation

Part # EBVW025A0B641Z
Description  BARRACUDA SERIES?
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

EBVW025A0B641Z Datasheet(HTML) 10 Page - Lineage Power Corporation

Back Button EBVW025A0B641Z Datasheet HTML 6Page - Lineage Power Corporation EBVW025A0B641Z Datasheet HTML 7Page - Lineage Power Corporation EBVW025A0B641Z Datasheet HTML 8Page - Lineage Power Corporation EBVW025A0B641Z Datasheet HTML 9Page - Lineage Power Corporation EBVW025A0B641Z Datasheet HTML 10Page - Lineage Power Corporation EBVW025A0B641Z Datasheet HTML 11Page - Lineage Power Corporation EBVW025A0B641Z Datasheet HTML 12Page - Lineage Power Corporation EBVW025A0B641Z Datasheet HTML 13Page - Lineage Power Corporation EBVW025A0B641Z Datasheet HTML 14Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Data Sheet
June 27, 2012
EBVW025A0B Series Power Modules; DC-DC Converters
36-75Vdc Input; 12Vdc Output; 25A Output Current
LINEAGE POWER
10
Feature Descriptions (continued)
Heat-dissipating components are mounted on the top side
of the module. Heat is removed by conduction, convection
and radiation to the surrounding environment. Proper
cooling can be verified by measuring the thermal reference
temperature (THx). Peak temperature (THx) occurs at the
position indicated in Figure 18 and 19. For reliable
operation this temperature should not exceed the listed
temperature threshold.
Figure 18. Location of the thermal reference
temperature TH1. Do not exceed 113 °C.
Figure 19. Location of the thermal reference
temperature TH2 for Base Plate module. Do not exceed
110 °C.
The output power of the module should not exceed the
rated power for the module as listed in the Ordering
Information table.
Although the maximum temperature of the power modules
is THx, you can limit this temperature to a lower value for
extremely high reliability.
Please refer to the Application Note “Thermal
Characterization Process For Open-Frame Board-Mounted
Power Modules” for a detailed discussion of thermal
aspects including maximum device temperatures.
Heat Transfer via Convection
Increased airflow over the module enhances the heat
transfer via convection. The thermal derating of figures 20
through 22 show the maximum output current that can be
delivered by each module in the indicated orientation
without exceeding the maximum THx temperature versus
local ambient temperature (TA) for air flows of, Natural
Convection, 1 m/s (200 ft./min), 2 m/s (400 ft./min).
The use of Figures 20 is shown in the following example:
Example
What is the minimum airflow necessary for a
EBVW025A0B operating at VI = 48 V, an output current of
14A, and a maximum ambient temperature of 70 °C in
transverse orientation.
Solution:
Given: Vin= 48V, IO = 14A, TA = 70 °C
Determine required airflow (V) (Use Figure 20):
V = 200LFM or greater.
LOCAL AMBIENT TEMPERATURE, TA (C)
Figure 20. Output Current Derating for the Open
Frame EBVW025A0B in the Transverse Orientation;
Airflow Direction from Vin(-) to Vin(+); Vin = 48V.
LOCAL AMBIENT TEMPERATURE, TA (C)
Figure 21. Output Current Derating for the Base Plate
EBVW025A0Bxx-H in the Transverse Orientation;
Airflow Direction from Vin(-) to Vin(+); Vin = 48V.
LOCAL AMBIENT TEMPERATURE, TA (C)
Figure 22. Output Current Derating for the Base Plate
EBVW025A0Bxx-H and 0.25” heat sink in the
Transverse Orientation; Airflow Airflow Direction
from Vin(-) to Vin(+); Vin = 48V.


Similar Part No. - EBVW025A0B641Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
Lineage Power Corporati...
EBVW020A0B LINEAGEPOWER-EBVW020A0B Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
EBVW020A0B1Z LINEAGEPOWER-EBVW020A0B1Z Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
EBVW020A0B41HZ LINEAGEPOWER-EBVW020A0B41HZ Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
EBVW020A0B41PHZ LINEAGEPOWER-EBVW020A0B41PHZ Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
More results

Similar Description - EBVW025A0B641Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EBDW020A0B LINEAGEPOWER-EBDW020A0B Datasheet
1Mb / 32P
   BARRACUDA SERIES?
logo
Taoglas antenna solutio...
OMB.8912.03F21 TAOGLAS-OMB.8912.03F21_18 Datasheet
877Kb / 12P
   Barracuda - 3 dBi Penta-band Cellular
logo
List of Unclassifed Man...
OMB24208F21 ETC2-OMB24208F21 Datasheet
386Kb / 10P
   Barracuda - Omni-Directional Outdoor Antenna 2.4 - 2.5 GHz 8dBi
logo
Taoglas antenna solutio...
OMB.8912.05F21 TAOGLAS-OMB.8912.05F21_18 Datasheet
761Kb / 14P
   Barracuda - 5 dBi Penta-band Cellular Indoor/Outdoor Omni-Directional Antenna
OMB868B05F21 TAOGLAS-OMB868B05F21 Datasheet
547Kb / 9P
   Barracuda 5dBi 868MHz ISM Band Indoor/Outdoor Omnidirectional Antenna
logo
General Electric Compan...
QBVW025A0B GEC-QBVW025A0B Datasheet
1Mb / 19P
   Barracuda* Series; DC-DC Converter Power Modules 36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
Version 1.3 May 9, 2013
logo
Taoglas antenna solutio...
OMB44505F21 TAOGLAS-OMB44505F21 Datasheet
408Kb / 9P
   Barracuda - Omni-Directional Indoor/Outdoor Antenna 4.4GHz-5GHz Public Safety Band 7dBi
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com