Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRR05-1AS Datasheet(PDF) 3 Page - Meder Electronic

Part # CRR05-1AS
Description  SPST Reed Relays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

CRR05-1AS Datasheet(HTML) 3 Page - Meder Electronic

  CRR05-1AS Datasheet HTML 1Page - Meder Electronic CRR05-1AS Datasheet HTML 2Page - Meder Electronic CRR05-1AS Datasheet HTML 3Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
142
MEDER electronic
www.meder.com
CRR Series
SPST Reed Relays
RELAY DATA
All Data at 20° C
Switch Model →
Contact Form →
Contact 80
Form A
Contact 80
Form B
Contact Ratings
Conditions
Min.
Typ.
Max.
Min.
Typ.
Max. Units
Contact Ratings
Any DC combination of V & A not to
exceed their individual max.‘s.
10
10
W
Switching Voltage
DC or peak AC
170
170
V
Switching Current
DC or peak AC
0.5
0.5
A
Carry Current
DC or peak AC
1
1
A
Static Contact Resistance
w/ 0.5 V & 50 mA
200
200
Insulation Resistance
(100 Volts applied)
Across Contact
Contact to coil and shield
1010
1013
1012
1014
1010
1013
1012
1014
Ω
Breakdown Voltage
Across Contact
Coil to contact
210
1500
210
1500
VDC
Operate Time incl. Bounce
Measured w/ nominal voltage
0.6
0.6
ms
Release Time
No coil suppression
0.025
0.05
ms
Capacitance (@ 10 kHz)
Across Contact
Contact to coil and shield
0.4
0.7
0.4
0.7
pF
Life Expectancies
Switching 5 V - 10mA
DC <10 pF stray cap.
1000
106
Cycles
For other load requirements, see the Life Test section
Environmental Data
Shock Resistance
1
/2 sine wave duration for 11 ms
50
50
g
Vibration Resistance
From 10 - 2000 Hz
20
20
g
Ambient Temperature
10 oC/ minute max. allowable
-40
125
-40
125
o
C
Storage Temperature
10 oC/ minute max. allowable
-55
125
-55
125
o
C
Soldering Temperature
5 sec. dwell
260
260
o
C
Material of Case
Themoset / Ceramic
Material of pads
Au plated


Similar Part No. - CRR05-1AS

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
CRR05-1AS MEDER-CRR05-1AS Datasheet
302Kb / 2P
   CRR Reed Relay
CRR05-1AS MEDER-CRR05-1AS Datasheet
498Kb / 3P
   Very low profile
CRR05-1AS_DE MEDER-CRR05-1AS_DE Datasheet
319Kb / 2P
   (deutsch) CRR Reed Relay
More results

Similar Description - CRR05-1AS

ManufacturerPart #DatasheetDescription
logo
Standex Electronics, In...
8824185100 STANDEX-8824185100 Datasheet
79Kb / 2P
   Reed Relays REED RELAY 1 FORM A SPST-NO, 24V
Version: 01
logo
Coto Technology
2904-05-101 COTO-2904-05-101 Datasheet
255Kb / 2P
   Reed Relays
2204-05-301 COTO-2204-05-301 Datasheet
291Kb / 2P
   Reed Relays
logo
Meder Electronic
1624185000 MEDER-1624185000 Datasheet
158Kb / 3P
   Reed Relays
1605185000 MEDER-1605185000 Datasheet
150Kb / 3P
   Reed Relays
1612185000 MEDER-1612185000 Datasheet
166Kb / 3P
   Reed Relays
DIL05-1A66-10C MEDER-DIL05-1A66-10C Datasheet
97Kb / 2P
   DIL Reed Relays
DIL05-2A75-21Q MEDER-DIL05-2A75-21Q Datasheet
88Kb / 1P
   DIL Reed Relays
DIL-CL-1A66-15-13M MEDER-DIL-CL-1A66-15-13M Datasheet
96Kb / 2P
   DIL Reed Relays
logo
DB Lectro Inc
20D-1A12E1 DBLECTRO-20D-1A12E1 Datasheet
986Kb / 2P
   MINIATURE REED RELAYS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com