Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3799 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3799
Description  Isolated No Opto-Coupler Flyback Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3799 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3799 Datasheet HTML 3Page - Linear Technology LT3799 Datasheet HTML 4Page - Linear Technology LT3799 Datasheet HTML 5Page - Linear Technology LT3799 Datasheet HTML 6Page - Linear Technology LT3799 Datasheet HTML 7Page - Linear Technology LT3799 Datasheet HTML 8Page - Linear Technology LT3799 Datasheet HTML 9Page - Linear Technology LT3799 Datasheet HTML 10Page - Linear Technology LT3799 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT3798
7
3798f
PIN FUNCTIONS
BLOCK DIAGRAM
VOUT
+
VOUT
VRECTIFIED
D1
C7
L1A
T1
N:1
L1B
C2
SW1
R1
R3
C3
1.22V
VIN
R14
R13
D2
L1C
C1
R15
R4
R5
VIN_SENSE
EN/UVLO
DCM
STARTUP
INTERNAL REG
VREF
OVP
FB
S&H
COMP+
COMP
CTRL1
CTRL3
CTRL2
FB
S&H
VC
1.22V
C6
C4
R8
R9
R10
+
A8
+
A5
A6
MINIMUM
MULTIPLIER
A3
R12
1M
+
600mV
ONE
SHOT
+
A2
+
A1
CURRENT
COMPARATOR
R
Q
S
S
MASTER
LATCH
LOW OUTPUT
CURRENT
OSCILLATOR
A4
R11
R7
DRIVER
GND
GATE
INTVCC
SENSE
R6
C5
3798 BD
+
A7
A9
GATE (Pin 14): N-Channel FET Gate Driver Output. Switches
between INTVCC and GND. Driven to GND during shutdown
state and stays high during low voltage states.
SENSE (Pin 15): The Current Sense Input for the Control
Loop. Kelvin connect this pin to the positive terminal of the
switch current sense resistor, RSENSE, in the source of the
NFET. The negative terminal of the current sense resistor
should be connected to the GND plane close to the IC.
VIN_SENSE (Pin 16): Line Voltage Sense Pin. The pin is
used for sensing the AC line voltage to perform power
factor correction. Connect a resistor in series with the
line voltage to this pin. If no PFC is needed, connect this
pin to INTVCC with a 25k resistor.
GND (Exposed Pad Pin 17): Ground. The exposed pad
of the package provides both electrical contact to ground
and good thermal contact to the printed circuit board.
The exposed pad must be soldered to the circuit board
for proper operation.


Similar Part No. - LT3799

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3799 LINER-LT3799 Datasheet
1Mb / 20P
   Offline Isolated Flyback LED Controller with Active PFC
LT3799 LINER-LT3799 Datasheet
265Kb / 20P
   Offline Isolated Flyback LED Controller with Active PFC
LT3799-1 LINER-LT3799-1_15 Datasheet
216Kb / 20P
   Offline Isolated Flyback LED Controller with Active PFC
LT3799EMSEPBF LINER-LT3799EMSEPBF Datasheet
1Mb / 20P
   Offline Isolated Flyback LED Controller with Active PFC
LT3799IMSEPBF LINER-LT3799IMSEPBF Datasheet
1Mb / 20P
   Offline Isolated Flyback LED Controller with Active PFC
More results

Similar Description - LT3799

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3798 LINER-LT3798_15 Datasheet
418Kb / 20P
   Isolated No Opto-Coupler Flyback Controller with Active PFC
LT3837 LINER-LT3837_15 Datasheet
321Kb / 28P
   Isolated No-Opto Synchronous Flyback Controller
LT3837 LINER-LT3837 Datasheet
250Kb / 28P
   Isolated No-Opto Synchronous Flyback Controller
logo
Maxim Integrated Produc...
MAX17690 MAXIM-MAX17690_17 Datasheet
802Kb / 22P
   60V, No-Opto Isolated Flyback Controller
Rev 1; 12/16
logo
Analog Devices
LT8306 AD-LT8306 Datasheet
613Kb / 29P
   60V Low IQ No-Opto Isolated Flyback Controller
Rev 0
logo
Linear Technology
LTC4278 LINER-LTC4278_12 Datasheet
504Kb / 42P
   Synchronous No-Opto Flyback Controller
LT3573 LINER-LT3573_09 Datasheet
1Mb / 26P
   Isolated Flyback Converter without an Opto-Coupler
LT3573 LINER-LT3573 Datasheet
247Kb / 24P
   Isolated Flyback Converter Without an Opto-Coupler
LT3574 LINER-LT3574_15 Datasheet
294Kb / 24P
   Isolated Flyback Converter Without an Opto-Coupler
LT3574 LINER-LT3574 Datasheet
290Kb / 24P
   Isolated Flyback Converter Without an Opto-Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com