Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3748 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3748
Description  Isolated No Opto-Coupler Flyback Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3748 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3748 Datasheet HTML 7Page - Linear Technology LT3748 Datasheet HTML 8Page - Linear Technology LT3748 Datasheet HTML 9Page - Linear Technology LT3748 Datasheet HTML 10Page - Linear Technology LT3748 Datasheet HTML 11Page - Linear Technology LT3748 Datasheet HTML 12Page - Linear Technology LT3748 Datasheet HTML 13Page - Linear Technology LT3748 Datasheet HTML 14Page - Linear Technology LT3748 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT3798
11
3798f
Programming Output Current
The maximum output current depends on the supply volt-
age and the output voltage in a flyback topology. With the
VIN_SENSE pin connected to 100μA current source and a DC
supply voltage, the maximum output current is determined
at the minimum supply voltage, and the maximum output
voltage using the following equation:
IOUT(MAX) = 2•(1– D)•
NPS
42 • RSENSE
where
D
=
VOUT •NPS
VOUT •NPS + VIN
The maximum control voltage to achieve this maximum
output current is 2V • (1-D).
It is suggested to operate at 95% of these values to give
margin for the part’s tolerances.
When designing for power factor correction, the output
current waveform is going to have a half sine wave squared
shape and will no longer be able to provide the above
currents. By taking the integral of a sine wave squared
over half a cycle, the average output current is found to
be half the value of the peak output current. In this case,
the recommended maximum average output current is
as follows:
IOUT(MAX) = 2•(1−D) •
NPS
42 • RSENSE
• 47.5%
where
D
=
VOUT •NPS
VOUT •NPS + VIN
The maximum control voltage to achieve this maximum
output current is (1-D) • 47.5%.
For control voltages below the maximum, the output cur-
rent is equal to the following equation:
IOUT = CTRL •
NPS
42 • RSENSE
The VREF pin supplies a 2V reference voltage to be used
with the control pins. To set an output current, a resistor
divider is used from the 2V reference to one of the control
pins. The following equation sets the output current with
a resistor divider:
R1
= R2
2NPS
42 •IOUT •RSENSE
–1
where R1 is the resistor connected to the VREF pin and the
CTRL pin and R2 is the resistor connected to the CTRL
pin and ground.
Setting VIN_SENSE Resistor
The VIN_SENSE resistor sets the current feeding the internal
multiplier that modulates the current limit for power factor
correction. At the maximum line voltage, VMAX, the current
is set to 360μA. Under this condition, the resistor value is
equal to (VMAX/360μA).
For DC input or non-PFC AC input applications, connect
a 25k resistor from VIN_SENSE to INTVCC instead of the
AC line voltage.
Critical Conduction Mode Operation
Critical conduction mode is a variable frequency switching
scheme that always returns the secondary current to zero
with every cycle. The LT3798 relies on boundary mode and
discontinuous mode to calculate the critical current because
the sensing scheme assumes the secondary current returns
to zero with every cycle. The DCM pin uses a fast current
input comparator in combination with a small capacitor to
detect dv/dt on the third winding. To eliminate false trip-
ping due to leakage inductance ringing, a blanking time of
between 600ns and 2μs is applied after the switch turns off,
depending on the current limit shown in the Leakage In-
ductance Blanking Time vs SENSE Current Limit Threshold
curve in the Typical Performance Characteristics section.
The detector looks for 80μA of current through the DCM
pin due to falling voltage on the third winding when the
secondary diode turns off. This detection is important since
the output current is calculated using this comparator’s
output. This is not the optimal time to turn the switch on
because the switch voltage is still close to VIN + VOUT • NPS
and would waste all the energy stored in the parasitic ca-
pacitance on the switch node. Discontinuous ringing begins
when the secondary current reaches zero and the energy
in the parasitic capacitance on the switch node transfers
OPERATION


Similar Part No. - LT3748

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3748 LINER-LT3748 Datasheet
386Kb / 28P
   100V Isolated Flyback Controller
LT3748 LINER-LT3748 Datasheet
290Kb / 30P
   100V Isolated Flyback Controller
LT3748 LINER-LT3748 Datasheet
277Kb / 26P
   Monolithic High Voltage Isolated Flyback Converter No External Start-Up Resistor
LT3748 LINER-LT3748 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LT3748 LINER-LT3748 Datasheet
313Kb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
More results

Similar Description - LT3748

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3798 LINER-LT3798_15 Datasheet
418Kb / 20P
   Isolated No Opto-Coupler Flyback Controller with Active PFC
LT3837 LINER-LT3837_15 Datasheet
321Kb / 28P
   Isolated No-Opto Synchronous Flyback Controller
LT3837 LINER-LT3837 Datasheet
250Kb / 28P
   Isolated No-Opto Synchronous Flyback Controller
logo
Maxim Integrated Produc...
MAX17690 MAXIM-MAX17690_17 Datasheet
802Kb / 22P
   60V, No-Opto Isolated Flyback Controller
Rev 1; 12/16
logo
Analog Devices
LT8306 AD-LT8306 Datasheet
613Kb / 29P
   60V Low IQ No-Opto Isolated Flyback Controller
Rev 0
logo
Linear Technology
LTC4278 LINER-LTC4278_12 Datasheet
504Kb / 42P
   Synchronous No-Opto Flyback Controller
LT3573 LINER-LT3573_09 Datasheet
1Mb / 26P
   Isolated Flyback Converter without an Opto-Coupler
LT3573 LINER-LT3573 Datasheet
247Kb / 24P
   Isolated Flyback Converter Without an Opto-Coupler
LT3574 LINER-LT3574_15 Datasheet
294Kb / 24P
   Isolated Flyback Converter Without an Opto-Coupler
LT3574 LINER-LT3574 Datasheet
290Kb / 24P
   Isolated Flyback Converter Without an Opto-Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com