Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL74LV573 Datasheet(PDF) 2 Page - System Logic Semiconductor

Part # SL74LV573
Description  OCTAL D-TYPE TRANSPARENT LATCH (3-State)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74LV573 Datasheet(HTML) 2 Page - System Logic Semiconductor

  SL74LV573 Datasheet HTML 1Page - System Logic Semiconductor SL74LV573 Datasheet HTML 2Page - System Logic Semiconductor SL74LV573 Datasheet HTML 3Page - System Logic Semiconductor SL74LV573 Datasheet HTML 4Page - System Logic Semiconductor SL74LV573 Datasheet HTML 5Page - System Logic Semiconductor SL74LV573 Datasheet HTML 6Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SL74LV573
System Logic
Semiconductor
SLS
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
Conditions
Vcc
Supply voltage
-0.5 to +7.0
V
Iik,
Input diode current
±20
mA
VI<-0.5 V or VI>Vcc>+0.5 V
Iok
Output diode current
±50
mA
V0<-0.5 V or VI>Vcc>+0.5 V
Io
Output current bus drivers
±35
mA
-0.5 V<Vo<Vcc+0.5 V
Icc
DC Vcc or GND current for types
bus driver outputs
±70
mA
IGND
GND current
±50
Tstg
Storage temperature range
-65 to +150
îÑ
PD
Power dissipation per package:
DIP
SO
750
500
mW
Notes:
Power dissipation value decreases for:
DIP - 12 mW
°C the range from 70 to 125°Ñ
SO - 8 mW
°C the range from 70 to 125°Ñ
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
Conditions
Vcc
Supply voltage
1.0
5.5
V
VI
Input voltage
0
Vcc
V
Output voltage
0
Vcc
V
T
Operating temperature range
-40
+125
oC
tr,tf
Input rise and fall times
500
200
100
50
ns/V
Vcc= 1.0
÷ 2.0 V
Vcc= 2.0
÷ 2.7 V
Vcc= 2.7
÷ 3.6 V
Vcc= 3.6
÷ 5.5 V
Note - The IC function down to Vññ = 1.0 V (input levels - VIL=0 V, VIH=Vcc); DC characterisics are
guaranteed at Vcc=1.2
÷ 5.5 V.


Similar Part No. - SL74LV573

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74LV00 SLS-SL74LV00 Datasheet
42Kb / 4P
   QUAN 2-INPUT NAND GATE
SL74LV04 SLS-SL74LV04 Datasheet
39Kb / 5P
   Hex Inverter
SL74LV04D SLS-SL74LV04D Datasheet
39Kb / 5P
   Hex Inverter
SL74LV04N SLS-SL74LV04N Datasheet
39Kb / 5P
   Hex Inverter
SL74LV08 SLS-SL74LV08 Datasheet
57Kb / 4P
   Quad 2-Input AND Gate
More results

Similar Description - SL74LV573

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com