Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM05-1A8308 Datasheet(PDF) 4 Page - Meder Electronic

Part # HM05-1A8308
Description  High Voltage Reed Relays for PCB Mounting
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

HM05-1A8308 Datasheet(HTML) 4 Page - Meder Electronic

  HM05-1A8308 Datasheet HTML 1Page - Meder Electronic HM05-1A8308 Datasheet HTML 2Page - Meder Electronic HM05-1A8308 Datasheet HTML 3Page - Meder Electronic HM05-1A8308 Datasheet HTML 4Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MEDER electronic
169
www.meder.com
COIL DATA
HM Series
Contact
Form
Switch
Model
Coil
Voltage
Coil
Resistance
Pull-in
Voltage
Drop-out
Volage
Nominal
Coil Power
All Data
at 20 °C
VDC
Ω
VDC
VDC
mW
Nom.
Max.
Min.
Typ.
Max.
Max.
Min.
Typ.
1A
83
5
7.5
41
45
50
3.8
0.5
555
12
16
225
250
275
9.0
1.0
575
24
30
900
1000
1100
18
2.0
575
69
5
7.5
27
30
33
3.8
0.5
833
12
16
135
150
165
9.0
1.0
960
24
30
540
600
660
18
2.0
960
1B
83
5
7.5
40.5
45
49.5
3.8
0.5
555
12
16
225
250
275
9
1.0
575
24
30
900
1000
1100
18
2.0
575
69
5
7.5
40.5
45
49.5
3.8
0.5
555
12
16
225
250
275
9
1.0
575
24
30
900
1000
1100
18
2.0
575
* The pull-in / drop-out voltage and coil resistance will change at rate of 0.4% per °C.
High Voltage Reed Relays
for PCB Mounting


Similar Part No. - HM05-1A8308

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
HM05-1A83-02 MEDER-HM05-1A83-02 Datasheet
100Kb / 2P
   HM Reed Relays
HM05-1A83-02 MEDER-HM05-1A83-02 Datasheet
92Kb / 2P
   HM Reed Relay
HM05-1A83-02-UL_DE MEDER-HM05-1A83-02-UL_DE Datasheet
100Kb / 2P
   (deutsch) HM Reed Relay
HM05-1A83-02_DE MEDER-HM05-1A83-02_DE Datasheet
110Kb / 2P
   (deutsch) HM Reed Relay
HM05-1A83-03 MEDER-HM05-1A83-03 Datasheet
92Kb / 2P
   HM Reed Relay
More results

Similar Description - HM05-1A8308

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
HE12-1A83-02 MEDER-HE12-1A83-02 Datasheet
759Kb / 4P
   High Voltage Reed Relays for PCB Mounting
logo
Cynergy3 Co
DAT72415F CYNERGY3-DAT72415F Datasheet
1Mb / 2P
   high voltage reed relays
SAR91205 CYNERGY3-SAR91205 Datasheet
267Kb / 1P
   high voltage reed relays
logo
Meder Electronic
H24-1A83 MEDER-H24-1A83 Datasheet
646Kb / 4P
   High Voltage Reed Relays
MK06-4-C MEDER-MK06-4-C Datasheet
527Kb / 4P
   Reed Sensors for PCB Mounting
MK6-4-B MEDER-MK6-4-B Datasheet
466Kb / 5P
   Reed Sensors for PCB Mounting
logo
List of Unclassifed Man...
276XAXH-24D ETC2-276XAXH-24D Datasheet
5Mb / 32P
   Magnecraft PCB Reed Relays
logo
Coto Technology
5500 COTO-5500 Datasheet
741Kb / 2P
   5500 SERIES/HIGH VOLTAGE REED RELAYS
logo
List of Unclassifed Man...
DAT72415F ETC2-DAT72415F Datasheet
1Mb / 2P
   high voltage reed relays 15kV, 50W
logo
Coto Technology
9104 COTO-9104 Datasheet
590Kb / 2P
   9104 SERIES/HIGH VOLTAGE SIP REED RELAYS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com