Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD39150DT12-R Datasheet(PDF) 10 Page - STMicroelectronics

Part # LD39150DT12-R
Description  Ultra low drop BiCMOS voltage regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39150DT12-R Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LD39150DT12-R Datasheet HTML 6Page - STMicroelectronics LD39150DT12-R Datasheet HTML 7Page - STMicroelectronics LD39150DT12-R Datasheet HTML 8Page - STMicroelectronics LD39150DT12-R Datasheet HTML 9Page - STMicroelectronics LD39150DT12-R Datasheet HTML 10Page - STMicroelectronics LD39150DT12-R Datasheet HTML 11Page - STMicroelectronics LD39150DT12-R Datasheet HTML 12Page - STMicroelectronics LD39150DT12-R Datasheet HTML 13Page - STMicroelectronics LD39150DT12-R Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Typical performance characteristics
LD39150xx
10/19
Figure 13.
Short circuit current vs temperature Figure 14.
Output voltage vs input voltage
Figure 15.
Stability region vs CO & ESR (at 100
kHz)
Figure 16.
Stability region vs CO & low ESR (at
100 kHz)
Figure 17.
Load transient
Figure 18.
Line transient
VI = 3.5V, IO = 10mA to 1.5A, CI = 1µF, CO = 2.2µF
VI = 3.5V to 5.5V, ILOAD = 10mA, CO = 2.2µF


Similar Part No. - LD39150DT12-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39150DT12-R STMICROELECTRONICS-LD39150DT12-R Datasheet
459Kb / 19P
   Ultra low drop BICMOS voltage regulator
More results

Similar Description - LD39150DT12-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39150 STMICROELECTRONICS-LD39150 Datasheet
459Kb / 19P
   Ultra low drop BICMOS voltage regulator
LD39080 STMICROELECTRONICS-LD39080 Datasheet
504Kb / 20P
   Ultra low drop BICMOS voltage regulator
LD39300 STMICROELECTRONICS-LD39300 Datasheet
359Kb / 17P
   Ultra low drop BICMOS voltage regulator
LD3985 STMICROELECTRONICS-LD3985 Datasheet
393Kb / 14P
   ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REGULATORS LOW ESR CAPACITORS COMPATIBLE
LD3985XX STMICROELECTRONICS-LD3985XX Datasheet
552Kb / 22P
   Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
logo
Taiwan Semiconductor Co...
TS4264 TSC-TS4264 Datasheet
145Kb / 5P
   150mA Ultra Low Drop Out Voltage Regulator
TS4264G TSC-TS4264G Datasheet
145Kb / 5P
   150mA Ultra Low Drop Out Voltage Regulator
logo
Shenzhen Huazhimei Semi...
HM6237 HMSEMI-HM6237 Datasheet
701Kb / 9P
   Ultra low power low drop voltage small current voltage regulator
logo
STMicroelectronics
LDS3985XX STMICROELECTRONICS-LDS3985XX Datasheet
462Kb / 20P
   Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
   LOW DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com