Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDK336M050A9MAA Datasheet(PDF) 2 Page - Kemet Corporation

Part # EDK336M050A9MAA
Description  SMD Surface mount lead terminals ??General Purpose 85째C / 2000 h
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

EDK336M050A9MAA Datasheet(HTML) 2 Page - Kemet Corporation

  EDK336M050A9MAA Datasheet HTML 1Page - Kemet Corporation EDK336M050A9MAA Datasheet HTML 2Page - Kemet Corporation EDK336M050A9MAA Datasheet HTML 3Page - Kemet Corporation EDK336M050A9MAA Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ARCOTRONICS
26
EDK Aluminium Electrolytic Capacitors
09/2006
SMD Surface mount lead terminals – General Purpose 85°C / 2000 h
10 Vdc Rated voltage - 13 Vdc Surge voltage
Rated capacitance
Case size
D.F.
R.C.
L.C.
120 Hz 20°C
DxL
120 Hz 20°C
120 Hz 85°C
20°C 2 min.
Arcotronics P/N
(F)
(mm)
(tan %)
(mArms)
(A)
15
4 x 5.4
30
23
3
EDK156M010A9BAA
22
4 x 5.4
30
28
3
EDK226M010A9BAA
33
4 x 5.4
30
29
3
EDK336M010A9BAA
33
5 x 5.4
20
43
3
EDK336M010A9DAA
47
5 x 5.4
30
43
5
EDK476M010A9DAA
100
6.3 x 5.4
26
70
10
EDK107M010A9GAA
220
6.3 x 7.7
26
220
22
EDK227M010A9HAA
220
8 x 6.2
26
250
22
EDK227M010A9LAA
330
8 x 10.2
26
330
33
EDK337M010A9MAA
470
10 x 10.2
26
400
47
EDK477M010A9PAA
16 Vdc Rated voltage - 20 Vdc Surge voltage
Rated capacitance
Case size
D.F.
R.C.
L.C.
120 Hz 20°C
DxL
120 Hz 20°C
120 Hz 85°C
20°C 2 min.
Arcotronics P/N
(F)
(mm)
(tan %)
(mArms)
(A)
4.7
4 x 5.4
16
20
3
EDK475M016A9BAA
10
4 x 5.4
16
28
3
EDK106M016A9BAA
22
4 x 5.4
26
27
4
EDK226M016A9BAA
22
5 x 5.4
16
39
4
EDK226M016A9DAA
33
5 x 5.4
26
45
5
EDK336M016A9DAA
33
6.3 x 5.4
16
66
5
EDK336M016A9GAA
47
6.3 x 5.4
16
70
8
EDK476M016A9GAA
100
6.3 x 5.4
20
70
16
EDK107M016A9GAA
150
6.3 x 7.7
26
109
24
EDK157M016A9HAA
220
6.3 x 7.7
20
215
35
EDK227M016A9HAA
220
8 x 10.2
20
280
35
EDK227M016A9MAA
330
10 x 10.2
20
380
53
EDK337M016A9PAA
470
8 x 10.2
20
365
75
EDK477M016A9MAA
470
10 x10.2
20
420
75
EDK477M016A9PAA
6.3 Vdc Rated voltage - 8 Vdc Surge voltage
Rated capacitance
Case size
D.F.
R.C.
L.C.
120 Hz 20°C
DxL
120 Hz 20°C
120 Hz 85°C
20°C 2 min.
Arcotronics P/N
(F)
(mm)
(tan %)
(mArms)
(A)
22
4 x 5.4
26
20
3
EDK226M6R3A9BAA
33
5 x 5.4
26
22
3
EDK336M6R3A9DAA
47
5 x 5.4
26
46
3
EDK476M6R3A9DAA
100
6.3 x 5.4
26
71
6
EDK107M6R3A9GAA
220
8 x 6.2
35
250
14
EDK227M6R3A9LAA
330
8 x 6.2
35
300
21
EDK337M6R3A9LAA
470
8 x 10.2
35
380
30
EDK477M6R3A9MAA
680
10 x 10.2
35
458
43
EDK687M6R3A9PAA
1000
10 x 10.2
35
700
63
EDK108M6R3A9PAA


Similar Part No. - EDK336M050A9MAA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EDK336M050A9MAA KEMET-EDK336M050A9MAA_17 Datasheet
74Kb / 1P
   Aluminum Electrolytic, 85C, EDK, 33 uF, 20%, 50 V, -40/85C
More results

Similar Description - EDK336M050A9MAA

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104SML050MD4 ILLINOISCAPACITOR-104SML050MD4 Datasheet
114Kb / 3P
    85째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
logo
Kemet Corporation
R75UW36805030J KEMET-R75UW36805030J Datasheet
52Kb / 1P
   R75, Film, Metallized Polypropylene, General Purpose, 0.68 uF, 5%, 2000 VDC, 85째C, Lead Spacing = 37.5mm
R75UW35605040J KEMET-R75UW35605040J Datasheet
52Kb / 1P
   R75, Film, Metallized Polypropylene, General Purpose, 0.56 uF, 5%, 2000 VDC, 85째C, Lead Spacing = 37.5mm
R75UW41005030J KEMET-R75UW41005030J Datasheet
51Kb / 1P
   R75, Film, Metallized Polypropylene, General Purpose, 1 uF, 5%, 2000 VDC, 85째C, Lead Spacing = 37.5mm
R76UW33305030J KEMET-R76UW33305030J Datasheet
51Kb / 1P
   R76, Film, Double Metallized Polypropylene, General Purpose, 0.33 uF, 5%, 2000 VDC, 85째C, Lead Spacing = 37.5mm
logo
Diotec Semiconductor
BC807 DIOTEC-BC807_15 Datasheet
109Kb / 2P
   Surface Mount General Purpose
logo
Illinois Capacitor, Inc...
104CKR050M ILLINOISCAPACITOR-104CKR050M Datasheet
134Kb / 5P
   85째C General Purpose Aluminum Electrolytic Capacitors
474TTA100M ILLINOISCAPACITOR-474TTA100M_16 Datasheet
296Kb / 3P
   Standard, general purpose 2000 hours
logo
Central Semiconductor C...
CXR1-04 CENTRAL-CXR1-04 Datasheet
99Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Shenzhen Taychipst Elec...
S2A TAYCHIPST-S2A Datasheet
1Mb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com