Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD59015XX30 Datasheet(PDF) 10 Page - STMicroelectronics

Part # LD59015XX30
Description  150 mA low noise high PSRR linear voltage regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD59015XX30 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LD59015XX30 Datasheet HTML 6Page - STMicroelectronics LD59015XX30 Datasheet HTML 7Page - STMicroelectronics LD59015XX30 Datasheet HTML 8Page - STMicroelectronics LD59015XX30 Datasheet HTML 9Page - STMicroelectronics LD59015XX30 Datasheet HTML 10Page - STMicroelectronics LD59015XX30 Datasheet HTML 11Page - STMicroelectronics LD59015XX30 Datasheet HTML 12Page - STMicroelectronics LD59015XX30 Datasheet HTML 13Page - STMicroelectronics LD59015XX30 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Typical performance characteristics
LD59015xx
10/16
Doc ID 17488 Rev 3
Figure 10.
VUVLO vs. temperature
Figure 11.
ESR vs. COUT
Figure 12.
Supply voltage regulation vs.
frequency
Figure 13.
Supply voltage regulation vs. IOUT
Figure 14.
ISC vs. VDROP
Figure 15.
Line transient
COUT = 1 µF; VIN = VEN = from 2.3 to 3.3 V; VOUT = 0.8 V;
IOUT = 1 mA; trise = tfall = 25 µs
1.50
1.70
1.90
2.10
2.30
2.50
-40
-20
0
20
40
60
80
100
120
140
Temperature [°C]
turn-off
turn on
1.50
1.70
1.90
2.10
2.30
2.50
-40
-20
0
20
40
60
80
100
120
140
Temperature [°C]
turn-off
turn on
0.00
0.01
0.10
1.00
10.00
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0 10.0
C
OUT [µF]
ESR MAX
ESR MIN
0.00
0.01
0.10
1.00
10.00
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0 10.0
C
OUT [µF]
ESR MAX
ESR MIN
40
50
60
70
80
90
100
100
1000
10000
100000
f [Hz]
V
IN = 4.8 V, Vripple pk-pk = 1 V, VO = 3.3 V
40
50
60
70
80
90
0
20
40
60
80
100
120
140
160
I
OUT [mA]
1 kHz
100 Hz
10 kHz
V
IN = 4.8 V, Vripple pk-pk = 1 V, VO = 3.3 V
40
50
60
70
80
90
0
20
40
60
80
100
120
140
160
I
OUT [mA]
1 kHz
100 Hz
10 kHz
V
IN = VEN
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
012
34
56
Vdrop [V]
125 ºC
-40 ºC
25 ºC
V
IN = VEN
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
012
34
56
Vdrop [V]
125 ºC
-40 ºC
25 ºC


Similar Part No. - LD59015XX30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD59015 STMICROELECTRONICS-LD59015 Datasheet
577Kb / 17P
   Logic-controlled electronic shutdown
April 2014 Rev 4
LD59015C08R STMICROELECTRONICS-LD59015C08R Datasheet
577Kb / 17P
   Logic-controlled electronic shutdown
April 2014 Rev 4
LD59015C12R STMICROELECTRONICS-LD59015C12R Datasheet
577Kb / 17P
   Logic-controlled electronic shutdown
April 2014 Rev 4
LD59015C15R STMICROELECTRONICS-LD59015C15R Datasheet
577Kb / 17P
   Logic-controlled electronic shutdown
April 2014 Rev 4
LD59015C18R STMICROELECTRONICS-LD59015C18R Datasheet
577Kb / 17P
   Logic-controlled electronic shutdown
April 2014 Rev 4
More results

Similar Description - LD59015XX30

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS717 TI1-TPS717_16 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI1-TPS717-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS71750-Q1 TI1-TPS71750-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150-mA Linear Regulator
TPS717 TI-TPS717 Datasheet
1Mb / 42P
[Old version datasheet]   TPS717xx Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
logo
ON Semiconductor
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688DSN28T1G ONSEMI-NCP4688DSN28T1G Datasheet
713Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688 ONSEMI-NCP4688 Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
logo
Texas Instruments
TPS717-Q1 TI-TPS717-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS717xx-Q1 Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
logo
ON Semiconductor
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com