Electronic Components Datasheet Search |
|
STLQ50XX25 Datasheet(PDF) 6 Page - STMicroelectronics |
|
STLQ50XX25 Datasheet(HTML) 6 Page - STMicroelectronics |
6 / 18 page Electrical characteristics STLQ50XX 6/18 4 Electrical characteristics Table 5. Electrical characteristics (VI = VO(NOM) +1 V or VI = 2.5 V if VO + 1.5 V; TA= -40 °C to 125 °C; IO = 1 mA; typical values are at TA = 25 °C, CO = 1 µF unless otherwise specified) Symbol Parameter Test conditions Min. Typ. Max. Unit VI Input voltage range IO=20mA 2.3 12 V IO=50mA 2.5 12 IQ Quiescent current (Measured on ground pin, fixed version) VI=5V 3.5 5.0 µA VI=12V 4.1 6.0 VO Output voltage range (STLQ50ADJ) 1.222 11 V Accuracy as percentage of nominal voltage at TJ=25°C -2 +2 % VDROP-MAX Max dropout voltage (1) 1. VI=2.5V when VO(NOM) ≤2.1V IO=50mA; 0.4 0.7 V ΔV O Load regulation 1mA < IO <50mA 0.15 %/mA ΔV O Line regulation VO=1.5V: VO+1V < VI <12V; VO=1.5V: 2.5V < VI <12V; 0.3 %/V SVR Supply voltage rejection VRIPPLE = 0.1V, IO= 20mA f=120Hz 30 dB eN Output noise voltage BW from 200Hz to 100KHZ; IO=10mA 560 µVRMS Th Thermal protection 160 °C IOMAX Maximum output current (2) 2. The maximum power dissipation must not be exceeded, see application information for details. VO=0V 500 mA |
Similar Part No. - STLQ50XX25 |
|
Similar Description - STLQ50XX25 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |