Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TO-220 Datasheet(PDF) 10 Page - Aavid, Thermal Division of Boyd Corporation

Part # TO-220
Description  Channel style heat sink with folded back fins
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

TO-220 Datasheet(HTML) 10 Page - Aavid, Thermal Division of Boyd Corporation

Back Button TO-220 Datasheet HTML 6Page - Aavid, Thermal Division of Boyd Corporation TO-220 Datasheet HTML 7Page - Aavid, Thermal Division of Boyd Corporation TO-220 Datasheet HTML 8Page - Aavid, Thermal Division of Boyd Corporation TO-220 Datasheet HTML 9Page - Aavid, Thermal Division of Boyd Corporation TO-220 Datasheet HTML 10Page - Aavid, Thermal Division of Boyd Corporation TO-220 Datasheet HTML 11Page - Aavid, Thermal Division of Boyd Corporation TO-220 Datasheet HTML 12Page - Aavid, Thermal Division of Boyd Corporation TO-220 Datasheet HTML 13Page - Aavid, Thermal Division of Boyd Corporation TO-220 Datasheet HTML 14Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 116 page
background image
10
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
Find a heat sink to keep a TO-220 device below the maximum
150 °C junction temperature in forced convection at 400 ft/min.
Device must be electrically insulated and mounted with a labor
saving clip.
Given:
PD = 12 watts
RθJC = 2.5°C/W (from semiconductor manufacturer)
TJ max = 140°C (from semiconductor manufacturer)
TA max = 50°C
A Hi-Flow® pad works great with clip mounting and provides the
necessary electrical insulation. Thermal resistance for
Hi-Flow® at low pressure is 1.15°C/W (from page 87).
Using equation 1, solve for RθSA
RθSA = 140 – 50 - (2.5 + 1.15) = 3.85°C/W
12
Many styles are available. If board space is a concern,
533202B02551G (pg 55) meets the requirements.
According to the above graph, an airflow of 400 ft/min results
in a thermal resistance of 3°C/W. This is less than the required
thermal resistance of 3.85°C/W and is therefore acceptable
under these airflow conditions.
If height is a concern, 533702B02552G would meet the
requirements and is only 1.0” tall
Find a space saving heat sink to keep a TO-220 device below the
maximum 150°C junction temperature in natural convection. Device
will be screw mounted with an electrically conductive interface.
Given:
PD = 6 watts
RθJC = 3°C/W (from semiconductor manufacturer)
TJ max = 150°C (from semiconductor manufacturer)
TA max = 65°C
A KonduxTM pad is a good choice for electrically conductive
applications. Thermal resistance for KonduxTM can be determined
from the following graph.
Example B
Example A
Typical TO-220 Performance
Screw Torque (in-lb)
0.00
012
3
4
5
0.10
0.20
0.30
0.40
0.50
0.60
6
How To Select a Heat Sink
At 2 in-lb of torque the thermal resistance
is approximately RθCS = 0.5°C/W
Using equation 1, solve for RθSA
RθSA = 150 – 65 - ( 3 + 0.5) = 10.7°C/W
6
The Index by Heat Sink Style on page 8 lists space saving heat sinks.
Several models are in the 10 °C/W range. Choose the one that best
fits the application and verify thermal resistance from graph.
Part number 593202B03500G shows
a 60 °C temperature rise at 6 watts.
RθSA = 60 = 10.0°C/W
6
Which meets the above requirement in natural convection.
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
0
2
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
02
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
53330X
53320X
Hi-Flow® is a trademark of the Bergquist Company


Similar Part No. - TO-220

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TO-220 LITTELFUSE-TO-220 Datasheet
79Kb / 2P
   Bi-directional Glass passivated junction
TO-220 LITTELFUSE-TO-220 Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
logo
SHENZHEN YONGERJIA INDU...
TO-220 WINNERJOIN-TO-220 Datasheet
162Kb / 1P
   Three-terminal positive voltage regulator
TO-220 WINNERJOIN-TO-220 Datasheet
162Kb / 1P
   Three-terminal positive voltage regulator
logo
Rohm
TO-220 ROHM-TO-220 Datasheet
373Kb / 8P
   Packaging specifications
More results

Similar Description - TO-220

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
APR19-19-12CB CTS-APR19-19-12CB_16 Datasheet
200Kb / 1P
   Forged Heat Skins With Pin Fins
logo
Richtek Technology Corp...
RT9198T RICHTEK-RT9198T Datasheet
290Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9193T RICHTEK-RT9193T Datasheet
296Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9017 RICHTEK-RT9017 Datasheet
307Kb / 12P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
RT9016 RICHTEK-RT9016 Datasheet
299Kb / 11P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
logo
Advanced Thermal Soluti...
ATS-61350W-C1-R0 ATS-ATS-61350W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61375R-C1-R0 ATS-ATS-61375R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400K-C1-R0 ATS-ATS-61400K-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400W-C1-R0 ATS-ATS-61400W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61300R-C1-R0 ATS-ATS-61300R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com